Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZADCS1042 Datasheet(PDF) 3 Page - Zentrum Mikroelektronik Dresden AG

Part # ZADCS1042
Description  10-Bit, 250ksps, Serial Output ADC Family
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZADCS1042 Datasheet(HTML) 3 Page - Zentrum Mikroelektronik Dresden AG

  ZADCS1042 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG ZADCS1042 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG ZADCS1042 Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG ZADCS1042 Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG ZADCS1042 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG ZADCS1042 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG ZADCS1042 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZADCS1042 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZADCS1042 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Datasheet
ZADCS1082/1042/1022 Family
Copyright © 2008, ZMD AG, Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The
Information furnished in this publication is preliminary and subject to changes without notice.
3/20
1 General Device Specification
1.1
Absolute Maximum Ratings (Non Operating)
Table 1: Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Note
VDD-GND
VDD to AGND, DGND
-0.3
6
V
VAGND-DGND
AGND to DGND
-0.3
0.3
V
CH0 – CH7, COM to AGND, DGND
-0.3
VDD+0.3
V
VREF, VREFADJ to AGND
-0.3
VDD+0.3
V
Digital Inputs to DGND
-0.3
6
V
Digital Outputs to DGND
-0.3
VDD+0.3
V
Digital Output Sink Current
25
mA
Iin
Input current into any pin except supply pins (Latch-Up)
-100
100
mA
VHBM
Electrostatic discharge – Human Body Model (HBM)
2000
V
1
qJCT
Maximum Junction Temperature
+150°
°C
Operating Temperature Range
ZADCS10x2VIS20 / ZADCS10x2IS20
-25
+85
°C
qOP
ZADCS10x2VQS20 / ZADCS10x2QS20
-40
+125
°C
qSTG
Storage temperature
-65
+150
°C
qlead
Lead Temperature 100%Sn
JEDEC-J-STD-20C 260
°C
H
Humidity non-condensing
2
Ptot
Total power dissipation
250
mW
Thermal resistance of Package
Rthj
SSOP20 / 5.3mm
100
K/W
1
HBM: C = 100pF charged to VHBM with resistor R = 1.5kW in series, valid for all pins
2
Level 4 according to JEDEC-020A is guaranteed


Similar Part No. - ZADCS1042

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZADCS1042 ETC2-ZADCS1042 Datasheet
508Kb / 27P
   10-Bit, 250ksps, ADC Family
ZADCS1042IS16T ETC2-ZADCS1042IS16T Datasheet
508Kb / 27P
   10-Bit, 250ksps, ADC Family
ZADCS1042VIS16T ETC2-ZADCS1042VIS16T Datasheet
508Kb / 27P
   10-Bit, 250ksps, ADC Family
More results

Similar Description - ZADCS1042

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZADCS1082 ETC2-ZADCS1082_11 Datasheet
508Kb / 27P
   10-Bit, 250ksps, ADC Family
logo
Zentrum Mikroelektronik...
ZADCS0882 ZMD-ZADCS0882 Datasheet
514Kb / 20P
   8-Bit, 300ksps, Serial Output ADC Family
ZADCS1282 ZMD-ZADCS1282 Datasheet
578Kb / 21P
   12-Bit, 200ksps, Serial Output ADC Family
logo
Maxim Integrated Produc...
MAX176 MAXIM-MAX176 Datasheet
530Kb / 14P
   Serial-Output, 250Ksps 12-Bit ADC with T/H and Refernce
19-0025; Rev 1; 12/92
logo
Linear Technology
LTC2381-16 LINER-LTC2381-16_15 Datasheet
1Mb / 24P
   16-Bit, 250ksps, Low Power SAR ADC with Serial Interface
LTC2381-16 LINER-LTC2381-16 Datasheet
1Mb / 24P
   16-Bit, 250ksps, Low Power SAR ADC with Serial Interface
LTC1606 LINER-LTC1606 Datasheet
169Kb / 12P
   16-Bit, 250ksps, Single Supply ADC
LTC1606 LINER-LTC1606_15 Datasheet
205Kb / 16P
   16-Bit, 250ksps, Single Supply ADC
LTC1606 LINER-LTC1606_1 Datasheet
200Kb / 16P
   16-Bit, 250ksps, Single Supply ADC
LTC2274 LINER-LTC2274 Datasheet
896Kb / 40P
   16-Bit, 105Msps Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com