Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

682GCR050Z Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 682GCR050Z
Description  85C General Purpose Ceramic Disc Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

682GCR050Z Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  682GCR050Z Datasheet HTML 1Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
I Small Size
I Inexpensive
I Versatile Performer
I Long Life
FEATURES
GCR
+85°C General Purpose Ceramic Disc Capacitors
Operating Voltage
SPECIFICATIONS
50 WVDC
Capacitance Tolerance
-20, +80% (Z);
±20% (M)
Operating Temperature Range
- 30°C to +85°C (Y5P, Y5V, Y5U): +10°C to +85°C (Z5V)
Temperature characteristics
Y5P, Y5V, Y5U, Z5V
Dielectric Strength
250% rated voltage (1-5 seconds)
Insulation Resistance
50 WVDC @ 1min.
10,000 M
Ω or 100 MΩ x µF., whichever is less.
Dissipation Factor
1kHz, +20°C
Y5P
≤2.5%
Z5V, Y5U, Y5V
≤3.0%
Life Test Specification
1000 hrs. @ 200% rated voltage
PART
NUMBER
Temp.
Char.
Capacitance
(µF)
D
Max.
T
Max.
S
d
102GCR050M
.001
Y5P
5.0
3.0
2.5±1.0
.58±.02
102GCR050Z
.001
Y5P
5.0
3.0
2.5±1.0
.58±.02
152GCR050Z
.0015
Y5V
5.0
3.0
2.5±1.0
.58±.02
202GCR050M
.002
Y5P
6.0
3.0
5.0±1.5
.47±.02
202GCR050Z
.002
Y5P
6.0
3.0
2.5±1.0
.58±.02
222GCR050M
.0022
Y5P
7.5
3.0
5.0±1.5
.47±.02
222GCR050Z
.0022
Y5P
6.0
3.0
2.5±1.0
.58±.02
302GCR050Z
.003
Y5V
5.0
3.0
2.5±1.0
.58±.02
332GCR050M
.0033
Y5P
7.0
3.0
5.0±1.5
.47±.02
332GCR050Z
.0033
Y5V
5.0
3.0
2.5±1.0
.58±.02
472GCR050M
.0047
Y5P
8.0
3.0
5.0±1.5
.47±.02
472GCR050Z
.0047
Z5V
5.0
3.0
2.5±1.0
.58±.02
502GCR050M
.005
Y5P
8.0
3.0
5.0±1.5
.47±.02
PART
NUMBER
Temp.
Char.
Capacitance
(µf)
D
Max.
T
Max.
S
d
502GCR050Z
.005
Y5V
5.0
3.0
2.5±1.0
.58±.02
682GCR050Z
.0068
Y5V
6.0
3.0
2.5±1.5
.47±.02
103GCR050M
.01
Y5P
10.0
3.0
5.0±1.5
.47±.02
103GCR050Z
.01
Y5V
6.0
3.0
2.5±1.5
.47±.02
153GCR050Z
.015
Y5V
6.0
3.0
5.0±1.5
.47±.02
203GCR050Z
.02
Y5V
7.0
3.0
5.0±1.5
.47±.02
223GCR050Z
.022
Y5V
7.0
3.0
5.0±1.5
.47±.02
303GCR050Z
.03
Z5V
7.0
3.0
5.0±1.5
.47±.02
473GCR050Z
.047
Y5V
6.7
3.0
7.5±1.5
.47=.02
503GCR050Z
.05
Y5V
6.7
3.0
7.5±1.5
.47±.02
104GCR050M
.1
Y5U
7.0
3.0
10.0±1.5
.47±.02
104GCR050Z
.1
Y5V
8.0
3.0
10.0±1.5
.47±.02
STANDARD PART LISTING
Convert to inches, divide by 25.4
230


Similar Part No. - 682GCR050Z

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
682GHR102K ILLINOISCAPACITOR-682GHR102K Datasheet
352Kb / 1P
   85C Class II Ceramic Disc Capacitors
More results

Similar Description - 682GCR050Z

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
GE151K MALLORY-GE151K Datasheet
469Kb / 3P
   General Purpose Disc Ceramic Capacitors
logo
Illinois Capacitor, Inc...
101GHR102K ILLINOISCAPACITOR-101GHR102K Datasheet
352Kb / 1P
   85C Class II Ceramic Disc Capacitors
logo
AVX Corporation
5SS103MBKCC AVX-5SS103MBKCC Datasheet
70Kb / 4P
   Disc Ceramic Capacitors General Specifications - Class II General Purpose
logo
Vishay Siliconix
HBE472MBBCF0KR VISHAY-HBE472MBBCF0KR Datasheet
84Kb / 4P
   Ceramic Singlelayer DC Disc Capacitors, 2 kVDC General Purpose
Revision: 12-Sep-13
562R VISHAY-562R Datasheet
96Kb / 5P
   Lower Voltage Ceramic DC Disc Capacitors 1000 VDC General Purpose
01-Jan-2022
561R562R VISHAY-561R562R Datasheet
72Kb / 3P
   Lower Voltage Ceramic DC Disc Capacitors 1000 Vdc General Purpose
Revision: 07-Feb-13
562R5HKZS10 VISHAY-562R5HKZS10 Datasheet
72Kb / 3P
   Lower Voltage Ceramic DC Disc Capacitors 1000 VDC General Purpose
Revision: 07-Feb-13
D102K20Y5PH6TJ6R VISHAY-D102K20Y5PH6TJ6R Datasheet
323Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
logo
Murata Manufacturing Co...
DE2E3KY472MA3BM02 MURATA1-DE2E3KY472MA3BM02 Datasheet
331Kb / 22P
   Safety Standard Certified Lead Type Disc Ceramic Capacitors for General Purpose
May. 2018
DE2E3KY472MA3BM02F MURATA1-DE2E3KY472MA3BM02F Datasheet
446Kb / 23P
   Safety Standard Certified Lead Type Disc Ceramic Capacitors for General Purpose
Mar. 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com