Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

154FPF302K Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 154FPF302K
Description  Oval Leaded Polypropylene Film with Aluminum Foil Electrodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

154FPF302K Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  154FPF302K Datasheet HTML 1Page - Illinois Capacitor, Inc. 154FPF302K Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
178
®
FPF
Oval Leaded Polypropylene
Film with Aluminum
Foil Electrodes
I Polypropylene Film
I High dv/dt
I High Current
I Low ESR
SPECIFICATIONS
I Energy Conversion
I Switching Power Supplies
I IGBT Protection Circuits
I Snubber Networks
Coating
Capacitance Tolerance
±10% at 1kHz, 25°C
±5% optional
AC Voltage
Construction
Operating Temperature Range
-40°C to +85°C
WVDC
850
1000
1200
1600
2000
2500
3000
C
≤ 0.33µF: 100000 MΩ
C>0.33µF: 30000 M
Electrodes
Lead Terminations
Aluminum Foil
Flame Retardant Polyester Tape Wrap with Epoxy End Fill (UL 94V-0)
Lead free tinned copper leads
Dissipation Factor
tan
δ
at 1 kHz and 25°C
Insulation Resistance
@25°C(<70% RH) for 1 minute at
500 VDC applied
Self Inductance
<1 nano-Henry per mm of body length and lead length
VAC
0.05% Max.
160% of WVDC applied for 10 seconds and 25°C
Terminal to Terminal
Dielectric Strength
Extended Foil Polypropylene Film with internal series connections and metallized film
H Max
T Max
L
Max
d
35.0 min
450
500
500
630
630
750
750
Dimensions
L
T
d
34
<18
1.0
34
≥18
1.2
46
<22
1.2
54
<22
1.2
FEATURES
APPLICATIONS


Similar Part No. - 154FPF302K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
154FPA122K ILLINOISCAPACITOR-154FPA122K Datasheet
372Kb / 2P
   Axial Leaded Impregnated Polypropylene Film with Aluminum Foil Electrodes
154FPA202K ILLINOISCAPACITOR-154FPA202K Datasheet
372Kb / 2P
   Axial Leaded Impregnated Polypropylene Film with Aluminum Foil Electrodes
154FPA252K ILLINOISCAPACITOR-154FPA252K Datasheet
372Kb / 2P
   Axial Leaded Impregnated Polypropylene Film with Aluminum Foil Electrodes
154FPA302K ILLINOISCAPACITOR-154FPA302K Datasheet
372Kb / 2P
   Axial Leaded Impregnated Polypropylene Film with Aluminum Foil Electrodes
154FPA850K ILLINOISCAPACITOR-154FPA850K Datasheet
372Kb / 2P
   Axial Leaded Impregnated Polypropylene Film with Aluminum Foil Electrodes
More results

Similar Description - 154FPF302K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
103FPA202K ILLINOISCAPACITOR-103FPA202K Datasheet
372Kb / 2P
   Axial Leaded Impregnated Polypropylene Film with Aluminum Foil Electrodes
102FPB102K ILLINOISCAPACITOR-102FPB102K Datasheet
369Kb / 2P
   Impregnated Polypropylene Film with Aluminum Foil Electrodes
104FPL102KK2 ILLINOISCAPACITOR-104FPL102KK2 Datasheet
418Kb / 7P
   Boxed Impregnated Polypropylene Film with Aluminum Foil Electrodes
102PWS202KD ILLINOISCAPACITOR-102PWS202KD Datasheet
223Kb / 3P
   Axial leaded polypropylene film with aluminum foil electrodes capacitors for power semiconductors
105MHBA06K2H ILLINOISCAPACITOR-105MHBA06K2H Datasheet
271Kb / 7P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G Datasheet
402Kb / 9P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
222PWS202KD ILLINOISCAPACITOR-222PWS202KD Datasheet
138Kb / 1P
   AXIAL LEAD METALLIZED FILM WITH FOIL ELECTRODES
logo
Kemet Corporation
R76ID1680XX3XX KEMET-R76ID1680XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
   Capacitor, film, Film-Foil Polypropylene
logo
List of Unclassifed Man...
PFR ETC1-PFR Datasheet
27Kb / 4P
   Polypropylene film/foil capacitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com