Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

224FPL102KC1 Datasheet(PDF) 5 Page - Illinois Capacitor, Inc.

Part # 224FPL102KC1
Description  Boxed Impregnated Polypropylene Film with Aluminum Foil Electrodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

224FPL102KC1 Datasheet(HTML) 5 Page - Illinois Capacitor, Inc.

  224FPL102KC1 Datasheet HTML 1Page - Illinois Capacitor, Inc. 224FPL102KC1 Datasheet HTML 2Page - Illinois Capacitor, Inc. 224FPL102KC1 Datasheet HTML 3Page - Illinois Capacitor, Inc. 224FPL102KC1 Datasheet HTML 4Page - Illinois Capacitor, Inc. 224FPL102KC1 Datasheet HTML 5Page - Illinois Capacitor, Inc. 224FPL102KC1 Datasheet HTML 6Page - Illinois Capacitor, Inc. 224FPL102KC1 Datasheet HTML 7Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
193
®
FPL
DIMENSIONAL DETAILS AND
TERMINAL OPTIONS
Boxed Impregnated
Polypropylene Film
with Aluminum
Foil Electrodes
H
T
L
P1
P1
P2
0.8
5
Terminal Style: DL
Terminal Style: TL
Terminal Style: RL
CASE CODE: K2, K3, K4
FOR DETAILS SEE CASE CODE TABLE
15
11
16
6.1
L
0.8
6.05
5.4
H
T
CASE CODE: B1, B2, B3, B4, B5, C2
FOR DETAILS SEE CASE CODE TABLE
CASE CODE: B1, B2, B3, B4, B5, C2
FOR DETAILS SEE CASE CODE TABLE
15
±0.2
15.2 max.
P2
P1
11
±0.5
4
±1
H
L
T
Terminal Style: SL
6.1
CASE CODE: B1, B2, B3, B4, B5, C2
FOR DETAILS SEE CASE CODE TABLE
14 max.
0.8
P2
P1
15
3.5
±0.5
H
T
L
11


Similar Part No. - 224FPL102KC1

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
224FPA122K ILLINOISCAPACITOR-224FPA122K Datasheet
372Kb / 2P
   Axial Leaded Impregnated Polypropylene Film with Aluminum Foil Electrodes
224FPA202K ILLINOISCAPACITOR-224FPA202K Datasheet
372Kb / 2P
   Axial Leaded Impregnated Polypropylene Film with Aluminum Foil Electrodes
224FPA252K ILLINOISCAPACITOR-224FPA252K Datasheet
372Kb / 2P
   Axial Leaded Impregnated Polypropylene Film with Aluminum Foil Electrodes
224FPA302K ILLINOISCAPACITOR-224FPA302K Datasheet
372Kb / 2P
   Axial Leaded Impregnated Polypropylene Film with Aluminum Foil Electrodes
224FPA850K ILLINOISCAPACITOR-224FPA850K Datasheet
372Kb / 2P
   Axial Leaded Impregnated Polypropylene Film with Aluminum Foil Electrodes
More results

Similar Description - 224FPL102KC1

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
102FPB102K ILLINOISCAPACITOR-102FPB102K Datasheet
369Kb / 2P
   Impregnated Polypropylene Film with Aluminum Foil Electrodes
103FPA202K ILLINOISCAPACITOR-103FPA202K Datasheet
372Kb / 2P
   Axial Leaded Impregnated Polypropylene Film with Aluminum Foil Electrodes
153FPF302K ILLINOISCAPACITOR-153FPF302K Datasheet
367Kb / 2P
   Oval Leaded Polypropylene Film with Aluminum Foil Electrodes
102PWS202KD ILLINOISCAPACITOR-102PWS202KD Datasheet
223Kb / 3P
   Axial leaded polypropylene film with aluminum foil electrodes capacitors for power semiconductors
684MHBS70K2H ILLINOISCAPACITOR-684MHBS70K2H Datasheet
1Mb / 11P
   Boxed Metallized Polypropylene Film
473THB305KE ILLINOISCAPACITOR-473THB305KE Datasheet
231Kb / 3P
   Boxed Metallized Polypropylene film capacitors
222PWS202KD ILLINOISCAPACITOR-222PWS202KD Datasheet
138Kb / 1P
   AXIAL LEAD METALLIZED FILM WITH FOIL ELECTRODES
logo
Kemet Corporation
R76ID1680XX3XX KEMET-R76ID1680XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
   Capacitor, film, Film-Foil Polypropylene
logo
List of Unclassifed Man...
PFR ETC1-PFR Datasheet
27Kb / 4P
   Polypropylene film/foil capacitor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com