Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

104FPL202KB1 Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 104FPL202KB1
Description  Boxed Impregnated Polypropylene Film with Aluminum Foil Electrodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

104FPL202KB1 Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  104FPL202KB1 Datasheet HTML 1Page - Illinois Capacitor, Inc. 104FPL202KB1 Datasheet HTML 2Page - Illinois Capacitor, Inc. 104FPL202KB1 Datasheet HTML 3Page - Illinois Capacitor, Inc. 104FPL202KB1 Datasheet HTML 4Page - Illinois Capacitor, Inc. 104FPL202KB1 Datasheet HTML 5Page - Illinois Capacitor, Inc. 104FPL202KB1 Datasheet HTML 6Page - Illinois Capacitor, Inc. 104FPL202KB1 Datasheet HTML 7Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
190
®
FPL
PHYSICAL DIMENSIONS
Convert to inches, divide by 25.4
LxHxT (mm)
0.1
32x20x11
32x20x11
32x20x11
41.5x29x17
0.15
32x20x11
32x20x11
32x20x11
45x30x28
0.22
32x24x14
32x24x14
32x24x14
45x30x28
38x33x18
38x33x18
38x33x18
41.5x29x17
41.5x29x17
41.5x29x17
0.27
38x33x18
38x33x18
38x33x18
45x30x28
41.5x29x17
41.5x29x17
41.5x29x17
0.33
38x33x18
38x33x18
38x33x18
45x45x30
41.5x29x17
41.5x29x17
41.5x29x17
0.39
38x33x18
38x33x18
38x33x18
45x45x30
41.5x29x17
41.5x29x17
41.5x29x17
0.47
45x30x28
45x30x28
45x30x28
45x45x30
0.56
45x30x28
45x30x28
45x30x28
54x50x30
0.68
45x30x28
45x30x28
45x30x28
54x50x30
0.75
45x30x28
45x30x28
45x30x28
54x50x43
48x38x24
48x38x24
48x38x24
0.82
45x30x28
45x30x28
45x30x28
54x50x43
1
45x30x28
45x45x30
45x45x30
54x50x43
45x45x30
45x30x28
1.2
45x45x30
45x45x30
45x45x30
1.5
45x45x30
45x45x30
45x45x30
1.75
54x50x30
54x50x30
54x50x30
2
54x50x30
54x50x30
54x50x30
2.2
54x50x43
54x50x43
54x50x43
2.5
54x50x43
54x50x43
54x50x43
3
54x50x43
54x50x43
54x50x43
Boxed Impregnated
Polypropylene Film
with Aluminum
Foil Electrodes
1000
1250
1500
2000
(480)
(550)
(630)
(750)
WVDC
(VAC)
(µF)


Similar Part No. - 104FPL202KB1

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104FPA122K ILLINOISCAPACITOR-104FPA122K Datasheet
372Kb / 2P
   Axial Leaded Impregnated Polypropylene Film with Aluminum Foil Electrodes
104FPA202K ILLINOISCAPACITOR-104FPA202K Datasheet
372Kb / 2P
   Axial Leaded Impregnated Polypropylene Film with Aluminum Foil Electrodes
104FPA252K ILLINOISCAPACITOR-104FPA252K Datasheet
372Kb / 2P
   Axial Leaded Impregnated Polypropylene Film with Aluminum Foil Electrodes
104FPA302K ILLINOISCAPACITOR-104FPA302K Datasheet
372Kb / 2P
   Axial Leaded Impregnated Polypropylene Film with Aluminum Foil Electrodes
104FPA850K ILLINOISCAPACITOR-104FPA850K Datasheet
372Kb / 2P
   Axial Leaded Impregnated Polypropylene Film with Aluminum Foil Electrodes
More results

Similar Description - 104FPL202KB1

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
102FPB102K ILLINOISCAPACITOR-102FPB102K Datasheet
369Kb / 2P
   Impregnated Polypropylene Film with Aluminum Foil Electrodes
103FPA202K ILLINOISCAPACITOR-103FPA202K Datasheet
372Kb / 2P
   Axial Leaded Impregnated Polypropylene Film with Aluminum Foil Electrodes
153FPF302K ILLINOISCAPACITOR-153FPF302K Datasheet
367Kb / 2P
   Oval Leaded Polypropylene Film with Aluminum Foil Electrodes
102PWS202KD ILLINOISCAPACITOR-102PWS202KD Datasheet
223Kb / 3P
   Axial leaded polypropylene film with aluminum foil electrodes capacitors for power semiconductors
684MHBS70K2H ILLINOISCAPACITOR-684MHBS70K2H Datasheet
1Mb / 11P
   Boxed Metallized Polypropylene Film
473THB305KE ILLINOISCAPACITOR-473THB305KE Datasheet
231Kb / 3P
   Boxed Metallized Polypropylene film capacitors
222PWS202KD ILLINOISCAPACITOR-222PWS202KD Datasheet
138Kb / 1P
   AXIAL LEAD METALLIZED FILM WITH FOIL ELECTRODES
logo
Kemet Corporation
R76ID1680XX3XX KEMET-R76ID1680XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
   Capacitor, film, Film-Foil Polypropylene
logo
List of Unclassifed Man...
PFR ETC1-PFR Datasheet
27Kb / 4P
   Polypropylene film/foil capacitor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com