Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

256DCB112K4R Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 256DCB112K4R
Description  Radial Leaded Metallized Polypropylene Film Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

256DCB112K4R Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  256DCB112K4R Datasheet HTML 1Page - Illinois Capacitor, Inc. 256DCB112K4R Datasheet HTML 2Page - Illinois Capacitor, Inc. 256DCB112K4R Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Metallized polypropylene film
Flame retardant plastic box with epoxy end fill (UL94V-0)
Lead free tinned copper leads (RoHS compliant)
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
DCB
Radial Leaded
Metallized Polypropylene
Film Capacitors
700
900
1100
875
1125
1375
WVDC
SVDC
Surge Voltage
3000 Megohmxmicrofarad
<1 nano-Henry per mm of lead spacing and lead length
Operating Temperature Range
-40°C to +85°C
Capacitance Tolerance
±10% at 1 kHz, 25°C
±5% optional
For T>+85°C the rated voltage must be de-rated by 1.25%/°C
Disipation Factor
1kHz, 25°C
Insulation Resistance
@25°C (<70% RH)for
1 minute at 100VDC applied
.2% Max C
≤20µF
.3% Max C>20µF
Self Inductance
Dielectric Strength
Terminal to Terminal
Life Expectancy
Failure Quota
>100000 hours for WVDC,
30000 hours for VAC at 70°C
Terminal to Case
300/1x10
9
component hours
Construction
Coating
Lead terminations
I DC Link
I AC/DC Motor Controls
I Welding Equipment
I Inverters
FEATURES
I Small Size
I High Voltage
APPLICATIONS
3 kVAC@50/60Hz applied
between terminals and case
150% of VDC applied between terminals for
2 Seconds and 25°C


Similar Part No. - 256DCB112K4R

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
256DCB112K4R ILLINOISCAPACITOR-256DCB112K4R Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
256DCB112K4R ILLINOISCAPACITOR-256DCB112K4R Datasheet
170Kb / 2P
   Small size - High voltage - General purpose
More results

Similar Description - 256DCB112K4R

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G_13 Datasheet
806Kb / 7P
   Radial leaded metallized polypropylene film capacitors
103MPR400K ILLINOISCAPACITOR-103MPR400K_13 Datasheet
200Kb / 2P
   Radial leaded metallized polypropylene film capacitors
logo
Cornell Dubilier Electr...
DPP CDE-DPP Datasheet
203Kb / 3P
   Polypropylene Radial Leaded Film Capacitors
logo
Illinois Capacitor, Inc...
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Cornell Dubilier Electr...
930 CDE-930 Datasheet
263Kb / 3P
   Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
105MPH100K ILLINOISCAPACITOR-105MPH100K_13 Datasheet
204Kb / 2P
   Axial leaded metallized polypropylene film capacitors
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G Datasheet
402Kb / 9P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
105MHBA06K2H ILLINOISCAPACITOR-105MHBA06K2H Datasheet
271Kb / 7P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
103MSR400K ILLINOISCAPACITOR-103MSR400K_13 Datasheet
238Kb / 2P
   Radial leaded metallized polyester film capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com