Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

336BPS100M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 336BPS100M
Description  85째C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

336BPS100M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  336BPS100M Datasheet HTML 1Page - Illinois Capacitor, Inc. 336BPS100M Datasheet HTML 2Page - Illinois Capacitor, Inc. 336BPS100M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
92
®
I Audio Coupling
I Crossover Networks
I Capacitance Range: .47 µF to 4,700 µF
I Voltage Range: 10 WVDC to 100 WVDC
I Solvent Tolerant End Seals Standard
FEATURES
BPS
+85°C Non-Polar
Radial Lead
Aluminum Electrolytic
Capacitors
Operating Temperature Range
SPECIFICATIONS
Capacitance Tolerance
SPECIAL ORDER OPTIONS
-40°C to + 85°C
Leakage Current
±20% at 120Hz, 25°C
Shelf Life
1,000 hours at +85°C with no voltage applied.
Units will meet load life specifications
Load Life
2,000 hours at +85°C, with rated WVDC reversing polarity every 250 hours
Impedance Ratio
(Max.) @120Hz
-25°C/25°C
-40°C/25°C
32
2
2
2
2
2
86
5
4
4
3
3
WVDC
10
16
25
35
50
63
100
For all applications with unknown/reversed polarity
10
16
25
35
50
63
100
.24
.22
.20
.16
.14
.12
.10
Dissipation Factor
120Hz, 25°C
tan
δ
WVDC
Time
WVDC
5 minutes
.03 CV or 3µA
whichever is greater
≤ 100 WVDC
≤ 20% of initial measured value
≤ 200% of initial specified value
≤ initial specified value
Capacitance change
Dissipation factor
Leakage current
Special tolerances: ±10% (K), -10% + 30% (Q) Tape and Reel/Ammo-Pack Cut, Formed, Cut and Formed, and Snap In Leads
Epoxy end seal Polyester sleeve
(See pages 33 thru 37)
Frequency (Hz)
C
≤10
10<C
≤100
C>1000
50
120
400
1K
10K
100K
.72
.75
.79
1.0
1.0
1.0
1.25
1.19
1.15
1.45
1.36
1.30
1.65
1.53
1.45
1.7
1.57
1.49
Temperature (°C)
+85
1.0
+70
1.3
+60
1.5
+45
1.8
Capacitance (µF)
1.0
1.0
1.3
1.3
1.5
1.5
1.8
1.8
Ripple Current Multipliers


Similar Part No. - 336BPS100M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
336BPS100M ILLINOISCAPACITOR-336BPS100M Datasheet
246Kb / 2P
   85C Non-polar Radial Lead Aluminum Electrolytic Capacitors
336BPS100M ILLINOISCAPACITOR-336BPS100M Datasheet
231Kb / 2P
   Bi-Polar, 2000 hours
336BPS100M ILLINOISCAPACITOR-336BPS100M Datasheet
225Kb / 2P
   Small size ??Non/ Bi- Polar
336BPS100M ILLINOISCAPACITOR-336BPS100M Datasheet
125Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
More results

Similar Description - 336BPS100M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474PBM050M ILLINOISCAPACITOR-474PBM050M Datasheet
413Kb / 2P
   85째C Non-Polar 7mm Height Radial Lead Aluminum Electrolytic Capacitors
474BPA050M ILLINOISCAPACITOR-474BPA050M Datasheet
96Kb / 2P
   85째C Non-Polar Axial Lead Aluminum Electrolytic Capacitors
474BPS050M ILLINOISCAPACITOR-474BPS050M_13 Datasheet
246Kb / 2P
   85C Non-polar Radial Lead Aluminum Electrolytic Capacitors
104NPS050M ILLINOISCAPACITOR-104NPS050M Datasheet
99Kb / 2P
   85째C Non-Polar Surface Mount Chip Aluminum Electrolytic Capacitors
logo
RFE international
RN010M2ABK050110 RFE-RN010M2ABK050110 Datasheet
100Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RNG Series: Radial Non-Polar
RN010M2ABK063110 RFE-RN010M2ABK063110 Datasheet
101Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RN Series: Radial Non-Polar
logo
Cornell Dubilier Electr...
SN330M6R3ST CDE-SN330M6R3ST_14 Datasheet
543Kb / 4P
   Radial Leaded Non-Polar Aluminum Electrolytic
logo
Illinois Capacitor, Inc...
104RLS050M ILLINOISCAPACITOR-104RLS050M Datasheet
114Kb / 3P
   85째C Low Leakage Radial Lead Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRESN NIC-NRESN_14 Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NSRN NIC-NSRN Datasheet
136Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com