Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

306DCB900K2R Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 306DCB900K2R
Description  Radial Leaded Metallized Polypropylene Film Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

306DCB900K2R Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  306DCB900K2R Datasheet HTML 1Page - Illinois Capacitor, Inc. 306DCB900K2R Datasheet HTML 2Page - Illinois Capacitor, Inc. 306DCB900K2R Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
PART
NUMBER
WVDC
Capacitance
(µF)
dv/dt
(V/µs)
L x H x T
(mm)
Maximum RMS
Ripple Current
(A)
10kHz,+70°C
7.5
1100 755DCB112K2J
20
7
11.28
42.5x33.5x22
37.5
1.2
10
900 106DCB900K2J
16
7.5
9.96
42.5x33.5x22
37.5
1.2
10
1100 106DCB112K2J
20
9
9.24
42.5x37x28
37.5
1.2
12
900 126DCB900K2J
16
8.5
.9
41.5x40x20
37.5
1.2
12.5
700 126DCB700K2J
13
7.5
10.2
42.5x30x22
37.5
1.2
12.5
1100 126DCB112K2J
20
10.5
8.04
42.5x45x30
37.5
1.2
15
700 156DCB700K2J
13
8
.9
42.5x33.5x22
37.5
1.2
15
900 156DCB900K2J
16
9.5
8.04
42.5x37x28
37.5
1.2
16
900 166DCB900K2J
16
10
7.8
41.5x44x24
37.5
1.2
20
700 206DCB700K2J
13
10
7.56
42.5x37x28
37.5
1.2
20
900 206DCB900K2J
16
11.5
6.84
42.5x30x20
37.5
1.2
20
1100 206DCB112K2R
13
12
7.68
57.5x45x30
52.5
1.2
22
700 226DCB700K2J
13
10
7.2
42.5x37x28
37.5
1.2
25
1100 256DCB112K2R
13
14
6.84
57.5x50x35
52.5
1.2
30
700 306DCB700K2J
13
12.5
5.88
42.5x45x30
37.5
1.2
30
900 306DCB900K2R
11
12.5
6.72
57.5x45x30
52.5
1.2
40
900 406DCB900K2R
11
14
5.76
57.5x50x35
52.5
1.2
45
700 456DCB700K2R
10
13.5
6
57.5x45x30
52.5
1.2
55
700
556DCB700K2R
10
14
5.4
57.5x50x30
52.5
1.2
2 Lead Construction
Typical
ESR m
10kHz,
+25°C
DCB
Radial Leaded Metallized
Polypropylene Capacitors
PHYSICAL DIMENSIONS
S
(mm)
d
(mm)
PART
NUMBER
WVDC
Capacitance
(µF)
dv/dt
(V/µs)
L x H x T
(mm)
Maximum RMS
Ripple Current
(A)
10kHz,+70°C
10
1100 106DCB112K4J
20
10.5
8.04
42.5x37x28
37.5
10.2
1.2
12
900 126DCB900K4J
16
10
7.8
41.5x40x20
37.5
10.2
1.2
12.5
1100 126DCB112K4J
20
12.5
6.84
42.5x45x30
37.5
20.3
1.2
15
700 156DCB700K4J
13
9.5
7.8
42.5x33.5x22
37.5
10.2
1.2
15
900 156DCB900K4J
16
11.5
6.84
42.5x37x28
37.5
10.2
1.2
16
900 166DCB900K4J
16
12
6.6
41.5x44x24
37.5
10.2
1.2
20
700 206DCB700K4J
13
12
6.36
42.5x37x28
37.5
10.2
1.2
20
900 206DCB900K4J
16
14
5.64
42.5x30x20
37.5
20.3
1.2
20
1100 206DCB112K4R
13
14
6.48
57.5x45x30
52.5
20.3
1.2
22
700 226DCB700K4J
13
12
6
42.5x37x28
37.5
10.2
1.2
25
1100 256DCB112K4R
13
16
5.64
57.5x50x35
52.5
20.3
1.2
30
700 306DCB700K4J
13
15
4.68
42.5x45x30
37.5
10.2
1.2
30
900 306DCB900K4R
11
15.5
5.52
57.5x45x30
52.5
20.3
1.2
40
900 406DCB900K4R
11
19
4.56
57.5x50x35
52.5
20.3
1.2
45
700 456DCB700K4R
10
16.5
4.8
57.5x45x30
52.5
20.3
1.2
55
700 556DCB700K4R
10
19
4.2
57.5x50x30
52.5
20.3
1.2
4 Lead Construction
Typical
ESR m
10kHz,
+25°C
S
(mm)
P
(mm)
d
(mm)


Similar Part No. - 306DCB900K2R

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
306DCB900K2R ILLINOISCAPACITOR-306DCB900K2R Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
306DCB900K2R ILLINOISCAPACITOR-306DCB900K2R Datasheet
170Kb / 2P
   Small size - High voltage - General purpose
More results

Similar Description - 306DCB900K2R

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G_13 Datasheet
806Kb / 7P
   Radial leaded metallized polypropylene film capacitors
103MPR400K ILLINOISCAPACITOR-103MPR400K_13 Datasheet
200Kb / 2P
   Radial leaded metallized polypropylene film capacitors
logo
Cornell Dubilier Electr...
DPP CDE-DPP Datasheet
203Kb / 3P
   Polypropylene Radial Leaded Film Capacitors
logo
Illinois Capacitor, Inc...
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Cornell Dubilier Electr...
930 CDE-930 Datasheet
263Kb / 3P
   Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
105MPH100K ILLINOISCAPACITOR-105MPH100K_13 Datasheet
204Kb / 2P
   Axial leaded metallized polypropylene film capacitors
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G Datasheet
402Kb / 9P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
105MHBA06K2H ILLINOISCAPACITOR-105MHBA06K2H Datasheet
271Kb / 7P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
103MSR400K ILLINOISCAPACITOR-103MSR400K_13 Datasheet
238Kb / 2P
   Radial leaded metallized polyester film capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com