Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VIA-301 Datasheet(PDF) 4 Page - Communications & Power Industries, Inc.

Part # VIA-301
Description  HeatWave Model
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VIA-301 Datasheet(HTML) 4 Page - Communications & Power Industries, Inc.

  VIA-301 Datasheet HTML 1Page - Communications & Power Industries, Inc. VIA-301 Datasheet HTML 2Page - Communications & Power Industries, Inc. VIA-301 Datasheet HTML 3Page - Communications & Power Industries, Inc. VIA-301 Datasheet HTML 4Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HeatWave Model VIA-301 Data Sheet
September 2004
Page 4 of 4
The HeatWave generator includes provision for external interlocks to remove gyrotron beam voltage.
The purpose of the external interlocks is to ensure that the user’s system safety interlock turns off the
generator if a hazardous situation arises. Hardwired shutdown logic sends a command to turn off the RF
in a few tens of milliseconds after receiving the command.
Specifications
Electrical
Power Input Requirements
(customer provided)
480Y277 ±10%, 3-phase, 50/60Hz, 5-wire (3 phase-wires plus
neutral and ground). 70 A AC maximum line current per phase.
(Other voltages and frequencies available on special order.)
Output (microwave)
·a. Output power (CW)
10 KW minimum at the HeatWave output waveguide flange
b. Frequency
28 GHz nominal
c. Output connection
EIA WRC621D14 waveguide
External energy leakage
·a. Microwave
Less than 2 milliwatts/cm
2 (Measured with a Narda 8712 meter
and 8721D probe – or equivalent)
b. DC magnetic fields
Less than 0.5 Gauss outside the cabinet wall
c. Acoustic Noise
Less than 85 db at one meter while operating at full power
(Measured with a Quest Electronics model M27 or equivalent)
d. X-ray
Less than 0.1 mr/hour (measured with a Victoreen Model 440RFD
X-ray Monitor or equivalent) outside the cabinet wall
Electrical Interlocks
Two normally closed, hard wired circuits
Environmental
Storage air temperature
+1°C to 65°C with water in the internal HeatWave cooling system.
-15°C to 65°C without water in the internal HeatWave cooling
system.
Operating air temperature
+10°C to 40°C
Cooling water flow/pressure
15 US Gallons per minute minimum flow rate. Pressure drop
across the HeatWave cooling system is 70 Pounds per Square Inch
maximum at that flow condition.
Cooling water inlet temperature
+15°C to +30°C with full RF operation.
Humidity
99% maximum (non-condensing)
Shock and Vibration
Sufficient for international shipment


Similar Part No. - VIA-301

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VIARM-C112 VICOR-VIARM-C112 Datasheet
676Kb / 11P
   Autoranging Rectifier Modules Up to 1500 Watts
VIARM-C113 VICOR-VIARM-C113 Datasheet
676Kb / 11P
   Autoranging Rectifier Modules Up to 1500 Watts
VIARM-C122 VICOR-VIARM-C122 Datasheet
676Kb / 11P
   Autoranging Rectifier Modules Up to 1500 Watts
VIARM-C123 VICOR-VIARM-C123 Datasheet
676Kb / 11P
   Autoranging Rectifier Modules Up to 1500 Watts
VIARM-C1F2 VICOR-VIARM-C1F2 Datasheet
676Kb / 11P
   Autoranging Rectifier Modules Up to 1500 Watts
More results

Similar Description - VIA-301

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VIS102B CPI-VIS102B Datasheet
67Kb / 2P
   HEATWAVE
logo
Keysight Technologies
W2590ET KEYSIGHT-W2590ET Datasheet
564Kb / 4P
   HeatWave Electro-Thermal Simulator
logo
Sony Corporation
DVP-C600D SONY-DVP-C600D Datasheet
7Mb / 26P
   US Model, Canadian Model, Mexican Model
XR-4880 SONY-XR-4880 Datasheet
1Mb / 7P
   AEP Model UK Model
logo
NEC
NE68035 NEC-NE68035 Datasheet
26Kb / 1P
   NONLINEAR MODEL
logo
California Eastern Labs
NE85639 CEL-NE85639 Datasheet
37Kb / 1P
   NONLINEAR MODEL
NE68519 CEL-NE68519 Datasheet
36Kb / 1P
   NONLINEAR MODEL
NE68133 CEL-NE68133 Datasheet
30Kb / 1P
   NONLINEAR MODEL
NE68033 CEL-NE68033 Datasheet
30Kb / 1P
   NONLINEAR MODEL
logo
Voltage Multipliers Inc...
Z100FF3 VMI-Z100FF3 Datasheet
39Kb / 1P
   Spice Model
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com