Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

126DLR2R5K Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 126DLR2R5K
Description  Super capacitor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

126DLR2R5K Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  126DLR2R5K Datasheet HTML 1Page - Illinois Capacitor, Inc. 126DLR2R5K Datasheet HTML 2Page - Illinois Capacitor, Inc. 126DLR2R5K Datasheet HTML 3Page - Illinois Capacitor, Inc. 126DLR2R5K Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
DLR
Supercapacitor
Application Guidelines
1. Do not apply a reversed voltage.
Reverse polarity is not recommended. If a reversed
voltage is applied for a long time, the leakage current will
increase abruptly, which may cause a decrease in the
capacity, an increase in the internal resistance, and cause
electrolyte leakage or damage to the capacitor in some
cases.
2. Do not apply any voltage higher than the operating
maximum voltage.
Supercapacitors are rated with a nominal recommended
working or applied voltage. If an over voltage is applied to
the capacitor, the leakage current will increase abruptly
and the capacitor will become overheated, which may
cause a decrease in the capacity, an increase in the
internal resistance, and cause leakage or damage to the
capacitor in some cases. But, surge voltage can usually
be tolerated by the super capacitor.
3. Ripple Current
Supercapacitors have a higher internal resistance than
aluminum electrolytic capacitors and are more
susceptible to internal heat generation when exposed to
ripple current, this may cause a decrease in the capacity,
an increase in the internal resistance, and cause electrolyte
leakage or damage to the capacitor in some cases.
4. Charging and Discharging.
Supercapacitors can be charged using various methods,
including constant current, constant power, constant
voltage or by paralleling to an energy source, i.e. battery,
fuel cell, DC converter, etc. In general, characteristics of
constant current and constant resistance discharging are
respectively represented by the equation (1) and (2) below:
Discharging time (t) of constant current discharge
t = C x (Vo-V1) / l…..(1)
Discharging time (t) of constant resistance discharge
t = -CRIn(V1/Vo)…..(2)
t = discharging time(s)
vo = initial voltage (v)
v1 = terminal voltage (v)
l = current during back-up (A)
The maximum recommended charge current, I, for a super
capacitor is calculated as follows:
I = Vw / 5R
where Vw is the charge voltage and R is the super
capacitors DC ESR
5. Do not use in a circuit where quick charge and
discharge are repeated very often.
In a circuit where quick charge and discharge are
repeated very often, the capacitor will become
overheated, which may cause a decrease in the
capacitance, an increase in the internal resistance, and
cause electrolyte leakage or damage to the capacitor in
some cases. Reduce the charge and discharge currents
while selecting a capacitor with low internal resistance,
and make sure that the capacitor surface temperature
does not rise more than 10˚C.
6. Super capacitor life depends on the ambient
temperature.
The lifetime of super capacitor is seriously affected by
change in ambient temperature. If the temperature is
lowered by 10˚C, the lifetime will be approximately
doubled. As a result, it is recommended to use the super
capacitor at the lowest temperature possible to decrease
internal degradation and ESR increase. If the capacitor is
used at a temperature exceeding its maximum guaranteed
temperature, not only is its life shortened, but increased
vapor pressure of electrolyte or electrochemical reactions
may increase the internal pressure, and cause electrolyte
leakage or damage to the capacitor in some cases.
7. Voltage drop occurs during back-up operation.
In applications where the discharge current is large, or a
large current flows instantaneously, super capacitor may
not operate at the start of discharge because of the large
voltage drop (IR drop) caused by the capacitors internal
resistance (ESR). The formula for the voltage drop, Vdrop,
during a discharge at I current for t seconds is:
Vdrop = I(R + t/C)
8. Series Connecting of super capacitor.
A series connection can cause an imbalance in the
voltage across a super capacitor causing the capacitors
to have an over voltage which can cause electrolyte
degradation, excessive gas generation, increased ESR,
decrease in capacitance and reduced life. To prevent
voltage imbalance, passive or active voltage balancing is
recommended. Passive voltage balancing should be
performed using divider resistors placed in parallel with
the super capacitors. Using resistance values between100
Ω/F to 470 Ω/F are recommended.


Similar Part No. - 126DLR2R5K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
126DCB112K2J ILLINOISCAPACITOR-126DCB112K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
126DCB112K2J ILLINOISCAPACITOR-126DCB112K2J Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
126DCB112K2J ILLINOISCAPACITOR-126DCB112K2J Datasheet
170Kb / 2P
   Small size - High voltage - General purpose
126DCB112K4J ILLINOISCAPACITOR-126DCB112K4J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
126DCB112K4J ILLINOISCAPACITOR-126DCB112K4J Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - 126DLR2R5K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ33100 TI1-BQ33100_15 Datasheet
1Mb / 67P
[Old version datasheet]   Super Capacitor Manager
BQ33100 TI1-BQ33100 Datasheet
662Kb / 56P
[Old version datasheet]   Super Capacitor Manager Capacitance Learning ESR Measurement
MARCH2011
BQ24640 TI-BQ24640 Datasheet
703Kb / 25P
[Old version datasheet]   High-Efficiency Synchronous Switch-Mode Super Capacitor Charger
logo
Exar Corporation
XRP6840 EXAR-XRP6840_10 Datasheet
116Kb / 2P
   4.3A Super Capacitor Flash LED Driver with 12C
logo
Renesas Technology Corp
ZSPM4523 RENESAS-ZSPM4523 Datasheet
515Kb / 25P
   High-Efficiency Solar PV MPPT Regulator for Super Capacitor Systems
January 29, 2016
logo
Okaya Electric America,...
HCPB OKAYA-HCPB_14 Datasheet
184Kb / 1P
   CAPACITOR
HCP450V104KS OKAYA-HCP450V104KS Datasheet
328Kb / 1P
   CAPACITOR
logo
RCD COMPONENTS INC.
RC0801-100J100J RCD-RC0801-100J100J Datasheet
82Kb / 1P
   CAPACITOR AND RESISTOR/CAPACITOR NETWORKS
logo
Okaya Electric America,...
HCE450V104KS OKAYA-HCE450V104KS Datasheet
237Kb / 1P
   CAPACITOR
HCPB1250V822J OKAYA-HCPB1250V822J Datasheet
184Kb / 1P
   CAPACITOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com