Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

351BCR050K Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 351BCR050K
Description  85째C Temperature Stable Ceramic Disc Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

351BCR050K Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  351BCR050K Datasheet HTML 1Page - Illinois Capacitor, Inc. 351BCR050K Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
228
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
1R0BCR050D
1
NP0
5.0
3.0
2.5±1.0 .58±.02
2R0BCR050D
2
NP0
5.0
3.0
2.5±1.0 .58±.02
3R0BCR050D
3
NP0
5.0
3.0
2.5±1.0 .58±.02
4R0BCR050D
4
NP0
5.0
3.0
2.5±1.0 .58±.02
5R0BCR050D
5
NP0
5.0
3.0
2.5±1.0 .58±.02
6R0BCR050D
6
NP0
5.0
3.0
2.5±1.0 .58±.02
7R0BCR050D
7
NP0
5.0
3.0
2.5±1.0 .58±.02
8R0BCR050D
8
NP0
5.0
3.0
2.5±1.0 .58±.02
100BCR050K
10
NP0
5.0
3.0
2.5±1.0 .58±.02
120BCR050K
12
NP0
5.0
3.0
2.5±1.0 .58±.02
130BCR050K
13
NP0
5.0
3.0
2.5±1.0 .58±.02
150BCR050K
15
NP0
5.0
3.0
2.5±1.0 .58±.02
I Stable Temperature Characteristics
I Capacitance Range: 1pF to 680 pF
I Small Size
FEATURES
BCR
+85°C Temperature Stable Ceramic Disc Capacitors
Operating Voltage
SPECIFICATIONS
50 WVDC
Capacitance Tolerance
≤10 pF: ±0.5 pF (D):
≥12 pF: ±10% (K)
Operating Temperature Range
-55°C to +125°C
Temperature Characteristics
NPO, N750, N1000, Y5E
Dielectric Strength
250% rated voltage (60 seconds)
Insulation Resistance
50WVDC @ 1 min.
≥5,000 MΩ
Dissipation Factor
≤ 1.5% @ 1kHz, +20°C; ≤30 pF: Q≥400 @ 1MHz
>30 pF: Q
≥1,000 @ 1MHz
Life Test Specification
1000 hrs. @ 200% rated voltage
PART
NUMBER
Temp.
Char.
Capacitance
pf
D
Max.
T
Max.
S
d
PART
NUMBER
Temp.
Char.
Capacitance
pf
D
Max.
T
Max.
S
d
Convert to inches, divide by 25.4
STANDARD PART LISTING
180BCR050K
18
NP0
5.0
3.0
2.5±1.0 .58±.02
200BCR050K
20
NP0
5.0
3.0
2.5±1.0 .58±.02
220BCR050K
22
N750
5.0
3.0
2.5±1.0 .58±.02
270BCR050K
27
N750
5.0
3.0
2.5±1.0 .58±.02
300BCR050K
30
N750
5.0
3.0
2.5±1.0 .58±.02
330BCR050K
33
N750
5.0
3.0
2.5±1.0 .58±.02
390BCR050K
39
N750
5.0
3.0
2.5±1.0 .58±.02
400BCR050K
40
N750
5.0
3.0
2.5±1.0 .58±.02
430BCR050K
43
N750
5.0
3.0
2.5±1.0 .58±.02
450BCR050K
45
N750
5.0
3.0
2.5±1.0 .58±.02
470BCR050K
47
N750
5.0
3.0
2.5±1.0 .58±.02
500BCR050K
50
N1000
5.0
3.0
2.5±1.0 .58±.02


Similar Part No. - 351BCR050K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
351B ETC1-351B Datasheet
20Kb / 1P
   Round Head Centre Punches, 100mm 4in long.
More results

Similar Description - 351BCR050K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473GMR012M ILLINOISCAPACITOR-473GMR012M Datasheet
23Kb / 1P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD102K1KVY5FF NIC-NCD102K1KVY5FF Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
   Ceramic Disc Capacitors
logo
Cornell Dubilier Electr...
CEC010C CDE-CEC010C Datasheet
177Kb / 1P
   Disc Ceramic Capacitors EIA Class 1 Temperature Compensating Capacitors
logo
MERITEK ELECTRONICS COR...
CCNPO101J50V5B1 MERITEK-CCNPO101J50V5B1 Datasheet
337Kb / 6P
   Ceramic Disc Capacitors
logo
AVX Corporation
5SS103MBKCA AVX-5SS103MBKCA Datasheet
70Kb / 4P
   Disc Ceramic Capacitors
logo
Vishay Siliconix
D331G47U2JH63L2R VISHAY-D331G47U2JH63L2R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors
Revision: 07-Jan-10
logo
List of Unclassifed Man...
MCBU ETC2-MCBU Datasheet
135Kb / 4P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD2 NIC-NCD2 Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
NCD4 NIC-NCD4 Datasheet
100Kb / 4P
   Ceramic Disc Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com