Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C5865-70S-M Datasheet(PDF) 2 Page - Communications & Power Industries, Inc.

Part # C5865-70S-M
Description  SOLID STATE HIGH POWER AMPLIFIER MODULES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

C5865-70S-M Datasheet(HTML) 2 Page - Communications & Power Industries, Inc.

  C5865-70S-M Datasheet HTML 1Page - Communications & Power Industries, Inc. C5865-70S-M Datasheet HTML 2Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL
FREQUENCY
RANGE
GHz
MIN.
GAIN
dB
POWER
at -1dB
dBm
SATURATED
POWER
WATTS
K1414-35S-M
14.00 - 14.50
70
45
35
K1414-50S-M
14.00 - 14.50
70
46
50
K1414-100S-M
14.00 - 14.50
70
50
100
K1314-35S-M
13.75 - 14.50
70
45
35
K1314-70S-M
13.75 - 14.50
70
48
70
X7984-56S-M
7.90 - 8.40
70
47
56
X7984-125S-M
7.90 - 8.40
70
50
125
X7984-225S-M
7.90 - 8.40
70
53
225
C6771-225S-M
6.70 - 7.10
70
53
225
C5865-56S-M
5.85 - 6.43
67
47
56
C5865-70S-M
5.85 - 6.43
67
48
70
C5865-110S-M
5.85 - 6.43
70
50
110
C5865-125S-M
5.85 - 6.43
70
50
125
C5865-180S-M
5.85 - 6.43
70
52
180
C5865-225S-M
5.85 - 6.43
70
53
225
C4450-56S-M
4.40 - 5.00
55
47
56
C4450-170S-M
4.40 - 5.00
60
52
170
S2527-56S-M
2.50 - 2.70
55
47
56
L1719-110S-M
1.70 - 1.90
50
50
110
L1616-60S-M
1.63 - 1.66
60
47
60
General Specifications
Communications & Power Industries Canada Inc.
45 River Drive / Georgetown, Ontario / Canada L7G 2J4
Hot Line Telephone: 1-800-267-5387
Tel: (905) 877-0161 Fax: (905) 877-5327
EMAIL: marketing@cmp.cpii.com
WEB: www.cpii.com/cmp
Please contact CPI for more details
and to discuss specifications to
match your requirements.


Similar Part No. - C5865-70S-M

ManufacturerPart #DatasheetDescription
logo
Powerbox
C586 POWERBOX-C586 Datasheet
405Kb / 1P
   250 WATTS (AC) DC/D CSINGLE OUTPUT
logo
Rohm
C5868 ROHM-C5868 Datasheet
935Kb / 4P
   Medium power transistor (60V, 0.5A)
More results

Similar Description - C5865-70S-M

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
PA1014 MTRONPTI-PA1014 Datasheet
359Kb / 3P
   Solid State High Power Amplifier
PA1016 MTRONPTI-PA1016 Datasheet
855Kb / 3P
   Solid State High Power Amplifier
PA3034 MTRONPTI-PA3034 Datasheet
100Kb / 2P
   Solid State High Power Amplifier
PA2020 MTRONPTI-PA2020 Datasheet
918Kb / 3P
   Solid State High Power Amplifier
PA1067 MTRONPTI-PA1067 Datasheet
416Kb / 2P
   Solid State High Power Amplifier
PA1068 MTRONPTI-PA1068 Datasheet
1Mb / 2P
   Solid State High Power Amplifier
PA2037 MTRONPTI-PA2037 Datasheet
127Kb / 2P
   Solid State High Power Amplifier
PA1052 MTRONPTI-PA1052 Datasheet
1,006Kb / 2P
   Solid State High Power Amplifier
PA3033 MTRONPTI-PA3033 Datasheet
101Kb / 2P
   Solid State High Power Amplifier
PA1049 MTRONPTI-PA1049 Datasheet
833Kb / 3P
   Solid State High Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com