Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

475AXZ050M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 475AXZ050M
Description  105째C Low Impedance Surface Mount Chip Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

475AXZ050M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  475AXZ050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 475AXZ050M Datasheet HTML 2Page - Illinois Capacitor, Inc. 475AXZ050M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
21
®
AXZ
DxL (mm)
WVDC
(SV)
(µF)
6.3
10
16
25
35
50
(7.9)
(13)
(20)
(32)
(44)
(63)
1
4x5.8
2.2
4x5.8
3.3
4x5.8
4.7
4x5.8
5x5.8
6.8
5x5.8
10
4x5.8
5x5.8
6.3x5.8
15
4x5.8
5x5.8
6.3x5.8
22
4x5.8
5x5.8
6.3x5.8
27
4x5.8
5x5.8
6.3x5.8
6.3x7.7
33
5x5.8
6.3x5.8
6.3x7.7
47
5x5.8
6.3x5.8
6.3x7.7
56
5x5.8
6.3x5.8
6.3x7.7
8x10.2
68
6.3x5.8
6.3x7.7
8x10.2
100
6.3x5.8
6.3x7.7
8x10.2
150
6.3x5.8
6.3x7.7
8x10.2
10x10.2
220
6.3x5.8
6.3x7.7
8x10.2
10x10.2
330
6.3x7.7
10x7.7
8x10.2
10x10.2
470
8x10.2
10x10.2
680
8x10.2
10x10.2
1000
8x10.2
10x10.2
1500
10x10.2
DIMENSIONS
4
5
6.3
6.3
8
10
5.8 +0.1/-0.2
5.8 +0.1/-0.2
5.8 +0.3 MAX
7.7 +0.3 MAX
10.2 +0.3 MAX
10.2 +0.3 MAX
4.3
5.3
6.6
6.6
8.3
10.3
4.3
5.3
6.6
6.6
8.3
10.3
5.0
6.0
7.3
7.3
9.0
11.0
1.0
1.4
2.2
2.2
3.2
4.6
0.5~0.8
0.5~0.8
0.5~0.8
0.5~0.8
0.7~1.0
0.7~1.0
(mm)
D+0.5 MAX
L
W±0.2
H±0.2
C±0.2
R
P±0.2
0.3 MAX
W
L
R
(+)
+105°C Low Impedance
Surface Mount
Chip Aluminum
Electrolytic Capacitors
PHYSICAL DIMENSIONS


Similar Part No. - 475AXZ050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
475AXZ050M ILLINOISCAPACITOR-475AXZ050M Datasheet
227Kb / 2P
   105C Low Impedance Surface Mount Aluminum Electrolytic Capacitors
475AXZ050M ILLINOISCAPACITOR-475AXZ050M Datasheet
219Kb / 2P
   Low Impedance 2000 hours
475AXZ050M ILLINOISCAPACITOR-475AXZ050M Datasheet
240Kb / 2P
   Filtering ??Bypass/ Coupling ??De-Coupling
475AXZ050M ILLINOISCAPACITOR-475AXZ050M Datasheet
126Kb / 1P
   SURFACE MOUNT
More results

Similar Description - 475AXZ050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105GAZ035M ILLINOISCAPACITOR-105GAZ035M Datasheet
412Kb / 2P
    105째C Low Impedance, Low Profile Surface Mount Chip Aluminum Electrolytic Capacitors
106ACZ035M ILLINOISCAPACITOR-106ACZ035M Datasheet
415Kb / 3P
   105째C Very Low Impedance Surface Mount Aluminum Electrolytic Capacitors
474KXM100M ILLINOISCAPACITOR-474KXM100M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
104SMH050M ILLINOISCAPACITOR-104SMH050M Datasheet
101Kb / 2P
   105째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
105AXZ050M ILLINOISCAPACITOR-105AXZ050M_13 Datasheet
227Kb / 2P
   105C Low Impedance Surface Mount Aluminum Electrolytic Capacitors
106ACZ035M ILLINOISCAPACITOR-106ACZ035M_13 Datasheet
230Kb / 2P
   105C Very Low Impedance Surface Mount Aluminum Electrolytic Capacitors
104NCN050M ILLINOISCAPACITOR-104NCN050M Datasheet
411Kb / 2P
   105째C Non-polarized Surface Mount Aluminum Electrolytic Capacitors
477JZM016M ILLINOISCAPACITOR-477JZM016M Datasheet
414Kb / 2P
   105째C Low ESR Low Impedance Aluminimum Electrolytic Capacitors
logo
RFE international
VZH101MIVTR080100 RFE-VZH101MIVTR080100 Datasheet
122Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS VZH Series: Surface Mount, Ultra Low Impedance
VZH RFE-VZH Datasheet
767Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS VZH Series: Surface Mount, Ultra Low Impedance
2021.09.09
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com