Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

227ACZ050MLL Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 227ACZ050MLL
Description  105째C Very Low Impedance Surface Mount Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

227ACZ050MLL Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  227ACZ050MLL Datasheet HTML 1Page - Illinois Capacitor, Inc. 227ACZ050MLL Datasheet HTML 2Page - Illinois Capacitor, Inc. 227ACZ050MLL Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
1
®
Shelf Life
Low Temperature
Stability Impedance ratio
(120Hz)
Capacitance change
Dissipation factor
Leakage current
I Lower impedance than AXZ series
I Higher ripple current than AXZ series
I Same case size as AXZ series
FEATURES
ACZ
+105°C Very Low
Impedance Surface
Mount Aluminum
Electrolytic Capacitors
2,000 hours (1000 Hours for D
≤ 6.3) at rated voltage and 105°C
< 25% of initial measured values
< 200% initial specified value
>100% Initial specified value
SPECIFICATIONS
Capacitance Tolerance
±20% at 120Hz, 20°C
Leakage current
1000 hours at 105°C with no applied voltage.
2 minutes
Load Life
Ripple Current
Multipliers
Capacitance change
Dissipation factor
Leakage current
I Long Life
I High temperature
I RoHS Compliant
8 5
4 7
10
v
Operating Temperature Range
-55°C to +105°C
Dissipation Factor
Surge Voltage
WVDC
SVDC
WVDC
tan
δδ
6.3
7.9
10
13
16
20
25
32
35
44
50
63
6.3
.24
10
.19
16
.16
25
.14
35
.12
50
.12
.01 CV or 3µA, whichever is greater
-25°C/+20°C
-55°C/+20°C
6.3
3
5
10
2
4
16
2
4
25
2
3
35
2
3
50
2
3
60
0.45
120
0.50
1k
0.83
≥10k
1.0
25
2.10
85
1.70
105
1.0
< 25% of initial measured values
< 200% initial specified value
>100% Initial specified value
Frequency (Hz)
Temperature (°C)


Similar Part No. - 227ACZ050MLL

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
227ACZ050M ILLINOISCAPACITOR-227ACZ050M Datasheet
230Kb / 2P
   105C Very Low Impedance Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - 227ACZ050MLL

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105AXZ050M ILLINOISCAPACITOR-105AXZ050M Datasheet
114Kb / 3P
   105째C Low Impedance Surface Mount Chip Aluminum Electrolytic Capacitors
106ACZ035M ILLINOISCAPACITOR-106ACZ035M_13 Datasheet
230Kb / 2P
   105C Very Low Impedance Surface Mount Aluminum Electrolytic Capacitors
105GAZ035M ILLINOISCAPACITOR-105GAZ035M Datasheet
412Kb / 2P
    105째C Low Impedance, Low Profile Surface Mount Chip Aluminum Electrolytic Capacitors
474KXM100M ILLINOISCAPACITOR-474KXM100M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
136RVI VISHAY-136RVI Datasheet
77Kb / 17P
   Aluminum electrolytic capacitors Radial, Very Low Impedance
2000 Jan 18
136RVI VISHAY-136RVI_16 Datasheet
157Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
Revision: 16-Sep-16
136RVI VISHAY-136RVI_V01 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
01-Jan-2023
logo
Illinois Capacitor, Inc...
105AXZ050M ILLINOISCAPACITOR-105AXZ050M_13 Datasheet
227Kb / 2P
   105C Low Impedance Surface Mount Aluminum Electrolytic Capacitors
104NCN050M ILLINOISCAPACITOR-104NCN050M Datasheet
411Kb / 2P
   105째C Non-polarized Surface Mount Aluminum Electrolytic Capacitors
477JZM016M ILLINOISCAPACITOR-477JZM016M Datasheet
414Kb / 2P
   105째C Low ESR Low Impedance Aluminimum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com