Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

687AFA004MLL Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 687AFA004MLL
Description  Surface Mount Aluminum Polymer Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

687AFA004MLL Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  687AFA004MLL Datasheet HTML 1Page - Illinois Capacitor, Inc. 687AFA004MLL Datasheet HTML 2Page - Illinois Capacitor, Inc. 687AFA004MLL Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PHYSICAL DIMENSIONS
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
AFA
Surface Mount
Aluminum Polymer
Electrolytic Capacitors
5
6.3
8
8
10
10
5.4
5.4
9
10
9
10.2
5.3
6.6
8.3
8.3
10.3
10.3
5.3
6.6
8.3
8.3
10.3
10.3
6.3
7.3
9.9
9.9
11.9
11.9
1.5
2.1
3.2
3.2
4.6
4.6
.35
.35
.7
.7
.7
.7
D+0.5
L±0.2
W±0.2
H±0.2
C±0.2
P±0.2
R±0.2
0.3 MAX
L
W
R
(+)
WVDC
(SV)
(µF)
2.5
(2.8)
4
(4.6)
6.3
(7.1)
10
(11.5)
16
(18.4)
47
6.3x5.4
6.3x5.4
68
6.3x5.4
6.3x5.4
82
6.3x5.4
100
6.3x5.4
120
6.3x5.4
180
8x10
8x9
270
8x10
8x9
330
8x10
10x10.2
8x9
10x9
390
8x10
8x9
470
8x10
10x10.2
8x9
8x9
560
8x9
8x9
10x10.2
8x9
680
8x9
10x10.2
8x9
10x9
8x9
820
10x10.2
8x9
10x9
8x9
1000
8x9
8x9
10x9
10x9
1200
8x9
10x9
1500
10x9
10x9
1800
10x9
2200
10x9
Convert to inches, divide by 25.4
DxL (mm)


Similar Part No. - 687AFA004MLL

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
687AFB004M ILLINOISCAPACITOR-687AFB004M Datasheet
410Kb / 3P
   Radial Lead Aluminum Polymer Electrolytic Capacitors
687AFB010M ILLINOISCAPACITOR-687AFB010M Datasheet
410Kb / 3P
   Radial Lead Aluminum Polymer Electrolytic Capacitors
687AFB2R5M ILLINOISCAPACITOR-687AFB2R5M Datasheet
410Kb / 3P
   Radial Lead Aluminum Polymer Electrolytic Capacitors
687AFB2R5MJJ ILLINOISCAPACITOR-687AFB2R5MJJ Datasheet
410Kb / 3P
   Radial Lead Aluminum Polymer Electrolytic Capacitors
687AFB6R3M ILLINOISCAPACITOR-687AFB6R3M Datasheet
410Kb / 3P
   Radial Lead Aluminum Polymer Electrolytic Capacitors
More results

Similar Description - 687AFA004MLL

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPC NIC-NPC_14 Datasheet
103Kb / 4P
   Surface Mount Solid Polymer Aluminum Electrolytic Capacitors
NSP NIC-NSP Datasheet
72Kb / 5P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
ESR820M0G1316 CDE-ESR820M0G1316 Datasheet
41Kb / 3P
   TYPE ESR SURFACE MOUNT POLYMER ALUMINUM ELECTROLYTIC CAPACITORS.
logo
Kemet Corporation
A765EB397M0ELAE020 KEMET-A765EB397M0ELAE020 Datasheet
4Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
A767EB226M1HLAE050 KEMET-A767EB226M1HLAE050 Datasheet
3Mb / 17P
   Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
logo
NIC-Components Corp.
NSP NIC-NSP_14 Datasheet
257Kb / 6P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
logo
Murata Manufacturing Co...
C90E MURATA-C90E Datasheet
533Kb / 9P
   Polymer Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ270MR06 RUBYCON-2.5SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com