Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54ALS158 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN54ALS158
Description  QUADRUPLE 1-OF-2 DATA SELECTORS/MULTIPLEXERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ALS158 Datasheet(HTML) 2 Page - Texas Instruments

  SN54ALS158 Datasheet HTML 1Page - Texas Instruments SN54ALS158 Datasheet HTML 2Page - Texas Instruments SN54ALS158 Datasheet HTML 3Page - Texas Instruments SN54ALS158 Datasheet HTML 4Page - Texas Instruments SN54ALS158 Datasheet HTML 5Page - Texas Instruments SN54ALS158 Datasheet HTML 6Page - Texas Instruments SN54ALS158 Datasheet HTML 7Page - Texas Instruments SN54ALS158 Datasheet HTML 8Page - Texas Instruments SN54ALS158 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SN54ALS157A, SN54ALS158
SN74ALS157A, SN74ALS158, SN74AS157, SN74AS158
QUAD 1-OF-2 DATA SELECTORS/MULTIPLEXERS
SDAS081C – APRIL 1982 – REVISED DECEMBER 1994
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic symbols
G
MUX
2
1A
1
3
1B
EN
15
G1
1
1Y
4
5
2A
6
2B
2Y
7
11
3A
10
3B
3Y
9
14
4A
13
4B
4Y
12
A /B
1
G
MUX
2
1A
1
3
1B
EN
15
G1
1
1Y
4
5
2A
6
2B
2Y
7
11
3A
10
3B
3Y
9
14
4A
13
4B
4Y
12
A /B
1
′ALS157A, SN74AS157
′ALS158, SN74AS158
† These symbols are in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
Pin numbers shown are for the D, J, and N packages.


Similar Part No. - SN54ALS158

ManufacturerPart #DatasheetDescription
logo
Tachyonics CO,. LTD
SN54ALS158 TACHYONICS-SN54ALS158 Datasheet
725Kb / 20P
   QUADRUPLE 1-OF-2 DATA SELECTORS/MULTIPLEXERS
SN54ALS158J TACHYONICS-SN54ALS158J Datasheet
725Kb / 20P
   QUADRUPLE 1-OF-2 DATA SELECTORS/MULTIPLEXERS
More results

Similar Description - SN54ALS158

ManufacturerPart #DatasheetDescription
logo
Tachyonics CO,. LTD
SN54ALS157A TACHYONICS-SN54ALS157A_08 Datasheet
725Kb / 20P
   QUADRUPLE 1-OF-2 DATA SELECTORS/MULTIPLEXERS
logo
Texas Instruments
SN74S257J TI1-SN74S257J Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74LVC157 UTC-U74LVC157_15 Datasheet
204Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS / MULTIPLEXERS
logo
Texas Instruments
SN54AHC157 TI1-SN54AHC157_15 Datasheet
1Mb / 27P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54AHCT158 TI1-SN54AHCT158_15 Datasheet
633Kb / 15P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD54AC157 TI-CD54AC157_07 Datasheet
480Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74LVC157 UTC-U74LVC157 Datasheet
192Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Texas Instruments
SN54HCT157 TI-SN54HCT157_07 Datasheet
342Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74AHC158 UTC-U74AHC158 Datasheet
219Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Texas Instruments
SN74LV157 TI-SN74LV157 Datasheet
357Kb / 15P
[Old version datasheet]   QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS / MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com