Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4CV100-000C Datasheet(PDF) 1 Page - Communications & Power Industries, Inc.

Part # 4CV100-000C
Description  RF amplifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

4CV100-000C Datasheet(HTML) 1 Page - Communications & Power Industries, Inc.

  4CV100-000C Datasheet HTML 1Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MaxiMuMRatings
typicalOpeRatiOn
classof
typeofservice
plate
plate
plate
screen
plate
Drive
Output
Operation
Voltage current
Voltage Voltage current
power
power
(Volts)
(amps)
(Volts)
(Volts)
(amps) (Watts) (kiloWatts)
c
RFamplifier
20,000
15.0
17,500
1,500
11.8
125
168.0
c
RFamplifierplatemodulated
17,500
15.0
16,000
750
12
1,260
138.5
c
RFamplifierplatemodulated
17,500
15.0
17,500
900
11.6
8,100
141.0
aB1
RFlinearamplifier
20,000
15.0
18,000
1,500
10
---
123.2
aB1
aFamplifierormodulator
20,000
15.0
18,000
1,500
20
---
246.4
The 4CV100,00C/8351 is recommended for use
as a Class C RF amplifier or oscillator, a Class
AB, push-pull AF amplifier or modulator. The
4CV100,000/8351 is also useful as a plate and
screen modulated Class C RF amplifier.
4cV100,000c/8351
Forinformationon this and other CPI products, visit our website at:www.cpii.com,
or contact: CPI MPP Division, Eimac Operations, 607 Hansen Way, Palo Alto, CA 94303
telephone
: 1(800) 414-8823. fax: (650) 592-9988 | email: powergrid@cpii.com
The values listed above represent specified limits for the product and are subject to change. The data should be used for basic
information only. Formal, controlled specifications may be obtained from CPI for use in equipment design.
chaRacteRistics
Plate Dissipation (Max.)
100,000 Watts
Screen Dissipation (Max.)
1,750 Watts
Grid Dissipation (Max.)
500 Watts
Frequency for Max. rating (CW)
30 MHz
Amplification Factor
4.5
Filament/Cathode
Thoriated Tungsten
Voltage
10.0 Volts
Current
300 Amps
Capacitance
Grounded Cathode
Input
440.0 pf
Output
55.0 pf
Feedthrough
2.3 pf
Capacitance
Grounded Grid
Input
175 pf
Output
57 pf
Feedthrough
0.4 pf
Cooling
Vapor and Forced Air
Base
Special Graduated
Air Socket
SK-1500A
Air Chimney
---
Boiler
---
Length
17.24 in; 437.9 mm
Diameter
10.07 in; 255.8 mm
Weight
68 lb; 30.9 kg


Similar Part No. - 4CV100-000C

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
4CV100-000E CPI-4CV100-000E Datasheet
93Kb / 1P
   RF linear amplifier
More results

Similar Description - 4CV100-000C

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
BXMP1010 SPECTRUM-BXMP1010 Datasheet
42Kb / 1P
   RF AMPLIFIER
QB-166 SPECTRUM-QB-166 Datasheet
42Kb / 1P
   RF AMPLIFIER
logo
Communications & Power ...
4CX5000A CPI-4CX5000A Datasheet
96Kb / 1P
   RF amplifier
logo
Spectrum Microwave, Inc...
QBH-204 SPECTRUM-QBH-204 Datasheet
62Kb / 1P
   RF AMPLIFIER
QBH-223 SPECTRUM-QBH-223 Datasheet
57Kb / 1P
   RF AMPLIFIER
QBH-817 SPECTRUM-QBH-817 Datasheet
58Kb / 1P
   RF AMPLIFIER
QBH-842 SPECTRUM-QBH-842 Datasheet
59Kb / 1P
   RF AMPLIFIER
logo
Communications & Power ...
8560AS CPI-8560AS Datasheet
92Kb / 1P
   RF amplifier
logo
Spectrum Microwave, Inc...
QBH-5169 SPECTRUM-QBH-5169 Datasheet
62Kb / 1P
   RF AMPLIFIER
QBH-5403 SPECTRUM-QBH-5403 Datasheet
40Kb / 1P
   RF AMPLIFIER
QBH-5866 SPECTRUM-QBH-5866 Datasheet
47Kb / 1P
   RF AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com