Electronic Components Datasheet Search |
|
WPC03R48S05 Datasheet(PDF) 3 Page - Murata Power Solutions Inc. |
|
WPC03R48S05 Datasheet(HTML) 3 Page - Murata Power Solutions Inc. |
3 / 4 page WPC03R 01/2009 Page 3 COMMON SPECIFICATIONS Specifications typical at T A=25°C, nominal input voltage, rated output current unless otherwise stated. These devices are intended for wave soldering or manual soldering. They are not intended to be subject to surface mount processes under any circumstances. The normal wave soldering process can be used with these devices where the device is subjected to a maximum wave temperature of 260°C for a period of no more than 10 seconds. Within this time and temperature range, the integrity of the device’s plastic body will not be compromised and internal temperatures within the converter will not exceed 175°C. Care should be taken to control manual soldering limits identical to that of wave soldering. THROUGH-HOLE SOLDERING INFORMATION Parameter Conditions Min Typ Max Units Input Voltage Range 9 12 18 Vdc 18 24 36 Vdc 34 48 72 Vdc Reflected Ripple Current 50 mA p-p Isolation Safety Standards Designed to meet requirements of EN60950, EN41003 & UL1950 Rated Voltage “L” Pinout 1500 Vdc “E” Pinout 1000 Vdc Test Voltage—60 Hz, 10 secs “L” Pinout 1500 Vpk “E” Pinout 1000 Vpk Resistance 10 G Capacitance 220 pF Leakage Current V iso=240Vac, 60 Hz 30 Arms Output Rated Power 3 W Voltage Setpoint Accuracy +3.0 % Temperature Coefficient +0.02 %/°C Line Regulation-singles Low line to high line +1.5% % Line Regulation-duals Low line to high line +1.5% % Load Regulation-singles Min load to rated load +2% % Load Regulation-duals Min load to rated load +2% % Ripple & Noise BW=5 Hz to 20 MHz 50 100 mV p-p General Switching Frequency Variable Frequency Min - Max 70 225 kHz MTTF per MIL-HDBK-217, Rev F TA=25° 1,000,000 Hours Weight 12 g Temperature Operation -40 +85 °C Storage -55 +125 °C |
Similar Part No. - WPC03R48S05 |
|
Similar Description - WPC03R48S05 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |