Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VTA-6193A41 Datasheet(PDF) 1 Page - Communications & Power Industries, Inc.

Part # VTA-6193A41
Description  40W, 26.5-40.0 GHz Helix TWT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VTA-6193A41 Datasheet(HTML) 1 Page - Communications & Power Industries, Inc.

  VTA-6193A41 Datasheet HTML 1Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For additional information on CPI MPP products contact:
CPI MPP, Helix TWT Operation - 811 Hansen Way, Palo Alto, CA 94303-0750
Phone: 650-846-3900, Fax: 650-494-8779, Email: marketing@mpp.cpii.com, www.cpii.com/mpp
VTA-6193A4 is 40 W, CW and Pulsed Helix TWT, 26.50 GHz to 40.00 GHz, Periodic-
Permanent, Magnet Focused, Waveguide Input, Waveguide Output, and Conduction
Cooled.
Custom configurations are also available. These variations in the performance and
configuration include: mechanical configuration, electrical and RF connections, & dual
stage depressed collector.
The values listed above represent specified limits for the product and are subject to change. The data should be used
for basic information only. Formal, controlled specifications may be obtained from CPI for use in equipment design.
Features
40 Watts
PPM Focusing
Coaxial Input
Waveguide Input and
Waveguide Output
Any Mounting Position
Weight: 7 lbs. max
Conduction Cooled
Operating Parameters
Heater
Voltage
Heater
Current
Heater
Surge
Voltage
Helix
Voltage
Helix
Current
Beam
Current
Focus
Voltage
(ON)
Parameters:
Ef
If
If (peak)
Ew
Iw
Ik
ec
Units:
Vdc
A
A
kVdc
mA
mA
V
Maximum:
6.6
1.5
3.0
13.2
4.0
110
-2
Minimum:
6.0
0.8
- - -
11.5
- - -
60
-50
Typical:
6.3
1.1
<3.0
12.6
<0.5
85
-45
Focus
Voltage
(OFF)
Collector
Voltage
Collector
Current
Anode
Voltage
Anode
Current
Heater
Warm-up
Time
Load
VSWR
Parameters:
Ec
Eb
Ib
Ea
Ia
tk
ratio
Units:
V
kVdc
mAdc
V (wrt Gnd)
mA
minutes
Maximum:
-800
49% of Ew
110
+500
1.0
- - -
1.7:1
Minimum:
-1000
41% of Ew
- - -
+0
- - -
5
- - -
Typical:
-850
45% of Ew
85
+200
0
5
1.25
Model Number
Frequency
Power Output
(GHz)
(Min.)
VTA-6193A4
26.5 - 40.0
40 W
VTA-6193A4X
26.5 - 40.0
40 W


Similar Part No. - VTA-6193A41

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VTA-6193A4 CPI-VTA-6193A4 Datasheet
98Kb / 1P
   40W, 26.5-40.0 GHz Helix TWT
VTA-6193A4X CPI-VTA-6193A4X Datasheet
98Kb / 1P
   40W, 26.5-40.0 GHz Helix TWT
More results

Similar Description - VTA-6193A41

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VTA-6193A4 CPI-VTA-6193A4 Datasheet
98Kb / 1P
   40W, 26.5-40.0 GHz Helix TWT
VTK-6193D4 CPI-VTK-6193D4 Datasheet
96Kb / 1P
   40W, 18.0-26.5 GHz Helix TWT
VTC-6260E4 CPI-VTC-6260E4 Datasheet
105Kb / 1P
   Helix TWT
VTU-6125C4 CPI-VTU-6125C4 Datasheet
48Kb / 1P
   Ku-Band Helix TWT
VTM-6292M4 CPI-VTM-6292M4 Datasheet
80Kb / 1P
   250 W Helix TWT Series
VTU-6393B1 CPI-VTU-6393B1 Datasheet
99Kb / 1P
   300W Ku-Band Helix TWT Series
VTU-6395D5 CPI-VTU-6395D5 Datasheet
89Kb / 1P
   200W Ku-Band Helix TWT Series
VTX-6389G5 CPI-VTX-6389G5 Datasheet
86Kb / 1P
   2.5kW X-Band Helix TWT Series
VTL-6242L2 CPI-VTL-6242L2 Datasheet
87Kb / 1P
   250 W, CW Helix TWT Series
VTU-6392D2A CPI-VTU-6392D2A Datasheet
91Kb / 1P
   Ku-Band Helix TWT Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com