Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WPA50R48S015 Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # WPA50R48S015
Description  50 Watt Single Output Eighth Brick DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

WPA50R48S015 Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  WPA50R48S015 Datasheet HTML 1Page - Murata Power Solutions Inc. WPA50R48S015 Datasheet HTML 2Page - Murata Power Solutions Inc. WPA50R48S015 Datasheet HTML 3Page - Murata Power Solutions Inc. WPA50R48S015 Datasheet HTML 4Page - Murata Power Solutions Inc. WPA50R48S015 Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
WPA50
REV A1
6/2003
MODEL WPA50R48033
PERFORMANCE CURVES: MODEL WPA50R48033
Efficiency vs. Output Current @ T
A +25
0C; Vin = 48Vdc
Output Current (A)
Efficiency vs. Input Voltage @ T
A +25
0C; IO = 15A
Input Voltage (Vdc)
Turn Off Time (VIN to VOUT)
Time Scale = 50
mS/DIV
VIN
VOUT
91
mS
Turn On Time (VIN to VOUT)
VIN
VOUT
Time Scale = 50mS/DIV
184mS


Similar Part No. - WPA50R48S015

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WPA50 CANDD-WPA50 Datasheet
156Kb / 4P
   50 WATT SINGLE OUTPUT EIGHTH BRICK DC/DC CONVERTER
WPA5048S012 CANDD-WPA5048S012 Datasheet
156Kb / 4P
   50 WATT SINGLE OUTPUT EIGHTH BRICK DC/DC CONVERTER
WPA5048S015 CANDD-WPA5048S015 Datasheet
156Kb / 4P
   50 WATT SINGLE OUTPUT EIGHTH BRICK DC/DC CONVERTER
WPA5048S018 CANDD-WPA5048S018 Datasheet
156Kb / 4P
   50 WATT SINGLE OUTPUT EIGHTH BRICK DC/DC CONVERTER
WPA5048S022 CANDD-WPA5048S022 Datasheet
156Kb / 4P
   50 WATT SINGLE OUTPUT EIGHTH BRICK DC/DC CONVERTER
More results

Similar Description - WPA50R48S015

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WPA50 CANDD-WPA50 Datasheet
156Kb / 4P
   50 WATT SINGLE OUTPUT EIGHTH BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VKA50LS03C MURATA-PS-VKA50LS03C Datasheet
273Kb / 4P
   50 Watt Single Output Half Brick DC/DC Converter
logo
C&D Technologies
VKA60XS CANDD-VKA60XS Datasheet
459Kb / 4P
   50 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
VKA50XS CANDD-VKA50XS Datasheet
460Kb / 4P
   50 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com