Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VMX1132 Datasheet(PDF) 1 Page - Communications & Power Industries, Inc.

Part # VMX1132
Description  Magnetron
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VMX1132 Datasheet(HTML) 1 Page - Communications & Power Industries, Inc.

  VMX1132 Datasheet HTML 1Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0 DJQHWU
RQ
V
150 Sohier Road
Beverly, Massachusetts
Beverly Microwave Division
Phone: 978-922-6000 Fax: 978-
922-2736
E-Mail: marketing@bmd.cpii.com
Iii
/b d
Features:
· Frequency 7.8 – 8.5 GHz
· Peak Power Output 325 kW
· Duty Cycle .001
· Anode Voltage 29 kV
· Anode Current 30 amps
· Pulse Width 3.5 microseconds
· Heater 9 volts @ 14 amps
· Air cooled
· Mechanically tunable
VMX 1132 Magnetron
Description:
325 kW, X -band coaxial magnetron


Similar Part No. - VMX1132

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VMX1131 CPI-VMX1131 Datasheet
306Kb / 1P
   Magnetron
VMX1135 CPI-VMX1135 Datasheet
330Kb / 1P
   Magnetron
More results

Similar Description - VMX1132

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VMC1223GD CPI-VMC1223GD Datasheet
318Kb / 1P
   Magnetron
VMC1143B CPI-VMC1143B Datasheet
315Kb / 1P
   Magnetron
VMU1361GD CPI-VMU1361GD Datasheet
308Kb / 1P
   Magnetron
VMU1934 CPI-VMU1934 Datasheet
305Kb / 1P
   Magnetron
VMX1497G CPI-VMX1497G Datasheet
288Kb / 1P
   Magnetron
VMC1280 CPI-VMC1280 Datasheet
307Kb / 1P
   Magnetron
SFD303B CPI-SFD303B Datasheet
345Kb / 1P
   Magnetron
VMX1035 CPI-VMX1035 Datasheet
567Kb / 1P
   Magnetron
VMX1131 CPI-VMX1131 Datasheet
306Kb / 1P
   Magnetron
VMX1198 CPI-VMX1198 Datasheet
312Kb / 1P
   Magnetron
VMC1354A CPI-VMC1354A Datasheet
347Kb / 1P
   Magnetron
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com