Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3CX800A7 Datasheet(PDF) 1 Page - Communications & Power Industries, Inc.

Part # 3CX800A7
Description  Cathode Driven RF Linear Amplifier Pulse Modulator or Regulator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

3CX800A7 Datasheet(HTML) 1 Page - Communications & Power Industries, Inc.

  3CX800A7 Datasheet HTML 1Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MaxiMuM Ratings
typical OpeRatiOn
class of
type of service
plate
plate
plate
screen
plate
Drive
Output
Operation
Voltage
current
Voltage
Voltage
current
power
power
(Volts)
(amps)
(Volts)
(Volts)
(amps)
(Watts) (kiloWatts)
aB2
cathode Driven RF linear amplifier
2,250
0.6
2,200
---
0.5
23
0.750
---
pulse Modulator or Regulator
3,500
8.0
---
---
---
---
---
The 3CX800A7 is a compact high-mu power triode
intended for use in zero bias class B amplifiers
in audio or radio frequency applications. It may
also be useful as a pulse modulator or regulator.
A single 3CX800A7 will deliver 750 watts PEP
and 750 watts keydown CW output to 350 MHz.
Linearity and power gain are excellent due to the
beam forming geometry of the special grid and
cathode design.
3cx800a7
For information on this and other CPI MPP products, visit our website at: www.cpii.com,
or contact: CPI Microwave Products Division, Eimac Operation,607 Hansen Way, Palo Alto, CA 94303
telephone
: 1(800) 414-8823. fax: (650) 592-9988 | email: powergrid@cpii.com
The values listed above represent specified limits for the product and are subject to change. The data should be used for basic
information only. Formal, controlled specifications may be obtained from CPI for use in equipment design.
chaRacteRistics
Plate Dissipation (Max.)
800 Watts
Screen Dissipation (Max.)
N/A
Grid Dissipation (Max.)
4 Watts
Frequency for Max. rating (CW)
350 MHz
Amplification Factor
200
Filament/Cathode
Oxide Coated
Voltage
13.5 Volts
Current
1.5 Amps
Capacitance
Grounded Grid
Input
26.0 pf
Output
6.1 pf
Feedthrough
.05 pf
Capacitance
N/A
Input
N/A
Output
N/A
Feedthrough
N/A
Cooling
Forced Air
Base
11 Pin
Air Socket
SK-1900
Air Chimney
SK-1906
Boiler
N/A
Length
2.52 in; 64.01 mm
Diameter
2.53 in; 64.26 mm
Weight
11.5 oz; 326 gm


Similar Part No. - 3CX800A7

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
3CX10-000A1 CPI-3CX10-000A1 Datasheet
139Kb / 1P
   Cathode driven RF amplifier
3CX10-000A3 CPI-3CX10-000A3 Datasheet
141Kb / 1P
   Cathode driven RF amplifier
3CX10-000A7 CPI-3CX10-000A7 Datasheet
142Kb / 1P
   Cathode driven RF amplifier
3CX10-000H3 CPI-3CX10-000H3 Datasheet
115Kb / 1P
   RF Industrial oscillator or amplifier
3CX10-000U7 CPI-3CX10-000U7 Datasheet
113Kb / 1P
   Cathode driven low band TV linear RF amplifier
More results

Similar Description - 3CX800A7

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
3CX5000A7 CPI-3CX5000A7 Datasheet
91Kb / 1P
   Cathode driven RF linear amplifier
3CX1500A7 CPI-3CX1500A7 Datasheet
91Kb / 1P
   Cathode driven RF linear amplifier
3CW5000A7 CPI-3CW5000A7 Datasheet
84Kb / 1P
   Cathode Driven RF Linear Amplifier
3CX400A7 CPI-3CX400A7 Datasheet
90Kb / 1P
   Cathode driven RF linear amplifier
3CX10-000A1 CPI-3CX10-000A1 Datasheet
139Kb / 1P
   Cathode driven RF amplifier
3CX1500C7 CPI-3CX1500C7 Datasheet
128Kb / 1P
   Cathode driven RF amplifier
3CX3000A7 CPI-3CX3000A7 Datasheet
89Kb / 1P
   Cathode driven RF amplifier
3CW1750A7 CPI-3CW1750A7 Datasheet
112Kb / 1P
   Cathode Driven RF Amplifier
3CX10-000A7 CPI-3CX10-000A7 Datasheet
142Kb / 1P
   Cathode driven RF amplifier
3CX10-000A3 CPI-3CX10-000A3 Datasheet
141Kb / 1P
   Cathode driven RF amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com