Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WFC02R24S12LC Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # WFC02R24S12LC
Description  2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

WFC02R24S12LC Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  WFC02R24S12LC Datasheet HTML 1Page - Murata Power Solutions Inc. WFC02R24S12LC Datasheet HTML 2Page - Murata Power Solutions Inc. WFC02R24S12LC Datasheet HTML 3Page - Murata Power Solutions Inc. WFC02R24S12LC Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WFC02RC
REV B: RoHS
08/2007
Page 3
Parameter
Conditions
Min
Typ
Max
Units
Input
Voltage Range
9
24
36
Vdc
18
48
72
Vdc
Reflected Ripple Current
50
mA p-p
Isolation
Safety Standards
Designed to meet requirements of
EN60950, EN41003 & UL1950
Rated Voltage
“L” Pinout
1500
Vdc
Test Voltage—60 Hz, 10 secs
“L” Pinout
1500
Vpk
Resistance
10
G
Ω
Capacitance
220
pF
Leakage Current
Viso=240Vac, 60 Hz
30
μArms
Output
Rated Power
2
W
Voltage Setpoint Accuracy
+3.0
%
Temperature Coefficient
+0.02
%/°C
Line Regulation-singles
Low line to high line
+1.5%
%
Line Regulation-duals
Low line to high line
+1.5%
%
Load Regulation-singles
Min load to rated load
+2%
%
Load Regulation-duals
Min load to rated load
+2%
%
Ripple & Noise
BW=5 Hz to 20 MHz
50
100
mV p-p
General
MTTF per MIL-HDBK-217, Rev F
TA=25°
1,000,000
Hours
Moisture Sensitivity Level (MSL)
Per IPC/JEDEC J-STD-020
2
Temperature
Operation
-40
+85
°C
Storage
-55
+125
°C
COMMON SPECIFICATIONS
Specifications typical at T
A=25°C, nominal input voltage, rated output current unless otherwise stated.
These devices are intended for wave soldering or manual soldering.
They are not intended to be subject to surface mount processes under any circumstances.
The normal wave soldering process can be used with these devices where the device is subjected to a maximum wave temperature of 260°C for a period of
no more than 10 seconds. Within this time and temperature range, the integrity of the device’s plastic body will not be compromised and internal temperatures
within the converter will not exceed 175°C. Care should be taken to control manual soldering limits identical to that of wave soldering.
THROUGH-HOLE SOLDERING INFORMATION


Similar Part No. - WFC02R24S12LC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WFC02R24S12 CANDD-WFC02R24S12 Datasheet
177Kb / 4P
   2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
More results

Similar Description - WFC02R24S12LC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
WFC02R CANDD-WFC02R Datasheet
177Kb / 4P
   2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
WPC03R CANDD-WPC03R Datasheet
328Kb / 4P
   3 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
logo
Murata Power Solutions ...
WPC03R MURATA-PS-WPC03R Datasheet
189Kb / 4P
   3 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
PWR72 MURATA-PS-PWR72 Datasheet
87Kb / 2P
   3 WATT UNREGULATED WIDE INPUT RANGE DC/DC CONVERTER
logo
C&D Technologies
HL02R CANDD-HL02R Datasheet
51Kb / 4P
   2 WATT REGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HL02RYC MURATA-PS-HL02RYC Datasheet
128Kb / 3P
   2 WATT REGULATED DC/DC CONVERTER
logo
C&D Technologies
WPC10R CANDD-WPC10R Datasheet
114Kb / 4P
   2:1 WIDE INPUT RANGE DC/DC CONVERTER
logo
Wall Industries,Inc.
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
DD24S33-14000 WALL-DD24S33-14000 Datasheet
159Kb / 3P
   DC/DC Converter 60 Watt Single Output 2:1 Wide Input Voltage Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com