Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSX75MD35-1UC Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # VSX75MD35-1UC
Description  75 Watt Dual Output Quarter Brick DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

VSX75MD35-1UC Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  VSX75MD35-1UC Datasheet HTML 1Page - Murata Power Solutions Inc. VSX75MD35-1UC Datasheet HTML 2Page - Murata Power Solutions Inc. VSX75MD35-1UC Datasheet HTML 3Page - Murata Power Solutions Inc. VSX75MD35-1UC Datasheet HTML 4Page - Murata Power Solutions Inc. VSX75MD35-1UC Datasheet HTML 5Page - Murata Power Solutions Inc. VSX75MD35-1UC Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VSX75MD35C
75 Watt Dual Output Quarter Brick DC/DC Converter
TDC_VSX75MD35C.B01 Page 2 of 6
Technical inquiries - email: sales@murata-ps.com, tel: 508 339 3000
www.murata-ps.com
SPECIFICATIONS, ALL MODELS
Specifications are at TCASE = +40°C nominal input voltage unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Power
75
Watts
Output Efficiency
Io1=11.5A, Io2=7.5A
89
%
Set Point Voltage
V1 (3.3V)
Io1=11.5A
3.26
3.30
3.34
VDC
V2 (5.0V)
Io2=7.5A
4.96
5.02
5.08
VDC
Output Current
Total Module Output
V1 (3.3V)
Power Should Not
0
23
A
V2 (5.0V)
Exceed 75 Watts
0
15
A
Output Ripple and Noise Voltage
100 MHz BW
V1 (3.3V)
60
mVP-P
V2 (5.30V)
80
mVP-P
Output Adjust Range
Both Outputs Will Adjust
-8
+10
%
at the Same Time and
by the Same %
Output Temperature Drift
.
0.02
0.05
% /°C
Line Regulation
V
IN
= 36 to 75
0.10
0.20
%
I
1
=11.5A, I
2
=7.5A
Load Regulation
V1 (3.3V)
I
1
= 0 to 23A, I
2
=0A
3.0
% of Nom
V2 (5.0V)
I
1
=0A, I
2
=0 to 15A
2.5
% of Nom
Load Cross Regulation
V1 (3.3V)
I
1
= 0A, I
2
=0 to 15A
1.0
% of Nom
V2 (5.0V)
I
1
=0 to 23A, I
2
=0A
5.0
% of Nom
Output Current Limit Inception
V1 (3.3V)
24
27
30
A
V2 (5.0V)
16
18
20
A
Short Circuit Current
V1 (3.0V)
22
25
30
A
V2 (5.0V)
15
18
20
A
Output Overvoltage Set Point
(Non-latching independent control loop)
V1 (3.3V)
3.8
4.0
4.3
VDC
V2 (5.0V)
5.85
6.1
6.35
VDC
Transient Response
(ΔΙο/Δτ=0.2A/μsec either
Settling Time
output) Load change of 40%
100
μsec
Peak Deviation
of
Ιο max at any operating
4
%
load up to
Ιο max and Pο max
Switching Frequency
330
KHz
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Voltage Range
36
48
75
VDC
Input Reflected Ripple Current
Peak - Peak
500
mA
Maximum Input Current
Vin = 30V, Pout 75W
3
A
No Load Input Current
60
mA
On/Off Activated Input Current
25
mA
Input Undervoltage Lockout
Turn On
30
33
36
VDC
Turn Off
27
30
33
VDC
Input Overvoltage Lockout
Turn Off
76
80
84
VDC
Turn On
74.5
78.5
82.5
VDC


Similar Part No. - VSX75MD35-1UC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
VSX75MD35-1U CANDD-VSX75MD35-1U Datasheet
658Kb / 5P
   75 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
More results

Similar Description - VSX75MD35-1UC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
VSX75MD35 CANDD-VSX75MD35 Datasheet
658Kb / 5P
   75 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VSX40MD23C MURATA-PS-VSX40MD23C Datasheet
129Kb / 4P
   40 Watt Dual Output Quarter Brick DC/DC Converter
logo
C&D Technologies
VSX50MD23 CANDD-VSX50MD23 Datasheet
682Kb / 5P
   50 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
VSX60XD35 CANDD-VSX60XD35 Datasheet
158Kb / 4P
   60 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
VSX40MD23 CANDD-VSX40MD23 Datasheet
153Kb / 4P
   40 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
WPA60 CANDD-WPA60 Datasheet
179Kb / 4P
   60 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
WPA60R48DC MURATA-PS-WPA60R48DC Datasheet
2Mb / 31P
   60 Watt Dual Output Quarter Brick DC/DC Converter
logo
Artesyn Technologies
ADQ500-48S12-6L ARTESYN-ADQ500-48S12-6L Datasheet
606Kb / 3P
   500 Watt Quarter Brick DC-DC Converter
AVQ200-36S12-6L ARTESYN-AVQ200-36S12-6L Datasheet
504Kb / 3P
   200 Watt Quarter Brick DC-DC Converter
logo
C&D Technologies
VKA75XS CANDD-VKA75XS Datasheet
168Kb / 4P
   75 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com