Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VKA75MS24C Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # VKA75MS24C
Description  75 Watt Single Output Half Brick DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

VKA75MS24C Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  VKA75MS24C Datasheet HTML 1Page - Murata Power Solutions Inc. VKA75MS24C Datasheet HTML 2Page - Murata Power Solutions Inc. VKA75MS24C Datasheet HTML 3Page - Murata Power Solutions Inc. VKA75MS24C Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPECIFICATIONS, ALL MODELS
Specifications are at T
CASE = +40°C nominal input voltage unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Voltage Range
VKA75LS
18
24
36
VDC
VKA75MS
33
48
75
VDC
Maximum Input Current
VKA75LS
V
IN = 16VDC
5.5
A
VKA75MS
V
IN = 27VDC
3.3
A
Reflected Ripple Current
Peak - Peak
20
mA
Input Ripple Rejection
DC to 1KHz
50
60
dB
No Load Input Current LS/MS
50/100
mA
Power Dissipation LS/MS
No Load
3.6/4.8
W
Standby, Primary On/Off Disabled LS/MS
0.18/0.4
W
Inrush Charge
V
IN = VINmax.
VKA75LS
0.520
mC
VKA75MS
0.360
mC
Quiescent Operating Current
Primary On/Off Disabled
8
12
mA
NOTES: (1) See Typical Performance Curves, page 3
(2) Continuous Mode
(3) See graphs for Efficiency vs. Output Load, V
IN, TCASE
(4) 3.3V Models Limited in Trim Down Range
(5) Consult Factory for Details
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT
Rated Power
0
75
W
Set point Accuracy
1
%
Line Regulation
High Line to Low Line
0.02
0.05
%
Load Regulation
No Load to Rated Load
0.2
0.5
%
Output Temperature Drift
±.02
%/°C
Output Ripple, p-p
DC to 20MHz BW
1%
V
OUT, Nom
Output Current Limit Inception
130%
150%
l
OUT, Nom
Output Short-Circuit Current (2)
test
120%
150%
l
OUT, Nom
Output Overvoltage Limit
125%
135%
V
Transient Response
50 to 100% Load Step
Peak Deviation
di/dt = 1.0A/
μSec
2%
V
OUT, Nom
Settling Time
V
OUT, 1% of Nominal Output
100
μSec
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISOLATION
Input to Output
Peak Test for 2 Seconds
1500
VDC
Input to Baseplate
1500
VDC
Output to Baseplate
500
VDC
Resistance
10
M
Ω
Capacitance
2000
pF
Leakage Current
V
ISO = 240VAC, 60Hz
180
μA, rms
GENERAL
Efficiency, Line, Load, Temp. (3)
Switching Frequency
400
420
440
KHz
Remote Sense Compensation
0.5
V
Output Voltage Adjust Range
12V & higher(4)
-50% / +25%
V
OUT, Nom
Remote On/Off Control Inputs
Primary
Open Collector/Drain
Sink Current-Logic Low
1.0
mA
Vlow
0.4
V
Vhigh
Open Collector
Turn-on Time
Within 1% of Rated Output
10.0
12.5
mSec
Weight
85 (3.0)
g (oz.)
TEMPERATURE
Operation/Specification
Case Temperature
-40
+25
+100
°C
Storage
Case Temperature
-55
+25
+125
°C
Shutdown Temperature
Case Temperature
+100
+115
°C
Thermal Impedance, case-ambient
7.1
°C/W
Lead Solder Temperature
10 Seconds max
+300
°C
MCD_VKA75C Series.D01 Page 2 of 4
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
VKA75xSC Series
75 Watt Single Output Half Brick DC/DC Converter


Similar Part No. - VKA75MS24C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
VKA75MS24 CANDD-VKA75MS24 Datasheet
168Kb / 4P
   75 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
More results

Similar Description - VKA75MS24C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
VKA75XS CANDD-VKA75XS Datasheet
168Kb / 4P
   75 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
IHB60S CANDD-IHB60S Datasheet
267Kb / 4P
   60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB100S4803C MURATA-PS-IHB100S4803C Datasheet
148Kb / 4P
   100 Watt Single Output Half Brick DC/DC Converter
VKA50LS03C MURATA-PS-VKA50LS03C Datasheet
273Kb / 4P
   50 Watt Single Output Half Brick DC/DC Converter
logo
C&D Technologies
TDC_WPN30R CANDD-TDC_WPN30R Datasheet
204Kb / 4P
   30 Watt Single Output Half Brick DC/DC Converter
IHB100S CANDD-IHB100S Datasheet
241Kb / 4P
   10 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
VKA60XS CANDD-VKA60XS Datasheet
459Kb / 4P
   50 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VKA150MS24-205C MURATA-PS-VKA150MS24-205C Datasheet
213Kb / 3P
   150 Watt Single Output Half Brick DC/DC Converter
logo
C&D Technologies
VKA150MS CANDD-VKA150MS Datasheet
124Kb / 4P
   150 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
WPN30R CANDD-WPN30R Datasheet
120Kb / 4P
   30 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com