Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VKA60LS15C Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # VKA60LS15C
Description  60 Watt Single Output Half Brick
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

VKA60LS15C Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  VKA60LS15C Datasheet HTML 1Page - Murata Power Solutions Inc. VKA60LS15C Datasheet HTML 2Page - Murata Power Solutions Inc. VKA60LS15C Datasheet HTML 3Page - Murata Power Solutions Inc. VKA60LS15C Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1.000
[25.40]
1.400
[35.56]
2.000
[50.80]
0.19 [4.8]
0.20 [5.1]
0.50 [12.7]
0.40 [10.16]
0.530 MAX
[13.46]
0.20 [5.1]
.040 [1.02] DIA.
7 PLACES
.081 [2.06] DIA.
2 PLACES
1.400
[35.56]
1.000
[25.40]
0.700
[17.78]
.400 [10.16]
1.900
[48.26]
2.28
[57.91]
MAX
MOUNTING INSERTS M3 X 0.5 THRU, 4 PLACES
MAX. TORQUE, 8 IN/LBS
2.40
[61.0]
MAX
MECHANICAL
Special attention should be given to the peak voltage
deviation during a dynamic load step when trimming the
output above the original set point to avoid tripping the
overvoltage protection circuit. Should an OVP condition
occur, the converter will go into a latch condition and
must be externally reset before it will return to normal
operation.
This feature allows the user to accurately adjust the module’s
output voltage set point to a specified level. This is achieved
by connecting a resistor or potentiometer from the TRIM
terminal to either the +Vout terminal (for increased Vout) or
the -Vout terminal (for decreased Vout). The formulae below
describe the trim resistor value to obtain a Vout change of
%. VO is output voltage prior to adjustment (3.3V, 5V, 12V,
15V, or 24V).
Radj - up =
( Vo(100 + %) _ (100 + 2 %) )
1.225 %
%
Radj - down =
(100 - 2)
%
NOTES:
All dimensions are in inches (millimeters).
PIN PLACEMENT TOLERANCE: ± 0.005”
MECHANICAL TOLERANCE: ± 0.015”
Marked with: specific modeL ordered, date code, job
code.
MATERIAL: Units are encapsulated in a low thermal
resistance molding compound which has excellent chemical
resistance and electrical properties in high humidity
environments and over a wide operating temperature
range. The encapsulant and outer shell of the unit have
UL94V-0 ratings. Lead material is solder plated to allow
ease of solderability.
OUTPUT ADJUST VOLTAGE
OVP NOTE
VKA60xSC
Technical enquiries - email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
VKA60xSC.B01 Page 4 of 4
VKA60xSC
60 Watt Single Output Half Brick DC/DC Converter
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Tucson (Az), Tel: (800) 547 2537, email: sales@murata-ps.com
Canada: Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany: München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
Website: www.murata-ps.jp
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
07/28/08


Similar Part No. - VKA60LS15C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
VKA60LS15 CANDD-VKA60LS15 Datasheet
459Kb / 4P
   50 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
More results

Similar Description - VKA60LS15C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
IHB60S CANDD-IHB60S Datasheet
267Kb / 4P
   60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB60S2403C MURATA-PS-IHB60S2403C Datasheet
175Kb / 4P
   60 Watt Single Output Half Brick DC/DC Converter
logo
Recom International Pow...
RPA100H-RUW RECOM-RPA100H-RUW_18 Datasheet
2Mb / 11P
   100 Watt Half Brick Single Output
RPA200H-RUW RECOM-RPA200H-RUW Datasheet
2Mb / 10P
   200 Watt Half Brick Single Output
RPA100H-RUW RECOM-RPA100H-RUW Datasheet
811Kb / 10P
   100 Watt Half Brick Single Output
RPA200H-RUW RECOM-RPA200H-RUW_18 Datasheet
2Mb / 11P
   200 Watt Half Brick Single Output
RP60Q-RUW RECOM-RP60Q-RUW Datasheet
2Mb / 10P
   60 Watt Quarter Brick Single Output
logo
C&D Technologies
IHB60T CANDD-IHB60T Datasheet
282Kb / 4P
   60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VKP60LT312C MURATA-PS-VKP60LT312C Datasheet
335Kb / 7P
   60 Watt Triple Output Half Brick DC/DC Converter
logo
C&D Technologies
VKP60XT CANDD-VKP60XT Datasheet
833Kb / 6P
   60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com