Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ54AHCT245J Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54AHCT245J
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54AHCT245J Datasheet(HTML) 4 Page - Texas Instruments

  SNJ54AHCT245J Datasheet HTML 1Page - Texas Instruments SNJ54AHCT245J Datasheet HTML 2Page - Texas Instruments SNJ54AHCT245J Datasheet HTML 3Page - Texas Instruments SNJ54AHCT245J Datasheet HTML 4Page - Texas Instruments SNJ54AHCT245J Datasheet HTML 5Page - Texas Instruments SNJ54AHCT245J Datasheet HTML 6Page - Texas Instruments SNJ54AHCT245J Datasheet HTML 7Page - Texas Instruments SNJ54AHCT245J Datasheet HTML 8Page - Texas Instruments SNJ54AHCT245J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
SN54AHCT245, SN74AHCT245
OCTAL BUS TRANSCEIVERS
WITH 3STATE OUTPUTS
SCLS233N − OCTOBER 1995 − REVISED MARCH 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHCT245
SN74AHCT245
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A or B
B or A
CL = 15 pF
4.5**
7.7**
1**
10**
1
8.5
ns
tPHL
A or B
B or A
CL = 15 pF
4.5**
7.7**
1**
10**
1
8.5
ns
tPZH
OE
A or B
CL = 15 pF
8.9**
13.8**
1**
16**
1
15
ns
tPZL
OE
A or B
CL = 15 pF
8.9**
13.8**
1**
16**
1
15
ns
tPHZ
OE
A or B
CL = 15 pF
9.2**
14.4**
1**
16.5**
1
15.5
ns
tPLZ
OE
A or B
CL = 15 pF
9.2**
14.4**
1**
16.5**
1
15.5
ns
tPLH
A or B
B or A
CL = 50 pF
5.3
8.7
1
11
1
9.5
ns
tPHL
A or B
B or A
CL = 50 pF
5.3
8.7
1
11
1
9.5
ns
tPZH
OE
A or B
CL = 50 pF
9.7
14.8
1
17
1
16
ns
tPZL
OE
A or B
CL = 50 pF
9.7
14.8
1
17
1
16
ns
tPHZ
OE
A or B
CL = 50 pF
10
15.4
1
17.5
1
16.5
ns
tPLZ
OE
A or B
CL = 50 pF
10
15.4
1
17.5
1
16.5
ns
tsk(o)
CL = 50 pF
1***
1
ns
** On products compliant to MIL-PRF-38535, this parameter is not production tested.
*** On products compliant to MIL-PRF-38535, this parameter does not apply.
noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C (see Note 5)
PARAMETER
SN74AHCT245
UNIT
PARAMETER
MIN
TYP
MAX
UNIT
VOH(V)
Quiet output, minimum dynamic VOH
4
V
VIH(D)
High-level dynamic input voltage
2
V
VIL(D)
Low-level dynamic input voltage
0.8
V
NOTE 5: Characteristics are for surface-mount packages only.
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
13
pF


Similar Part No. - SNJ54AHCT245J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54AHCT245J TI-SNJ54AHCT245J Datasheet
789Kb / 22P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SNJ54AHCT245J TI-SNJ54AHCT245J Datasheet
541Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SNJ54AHCT245J TI-SNJ54AHCT245J Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SNJ54AHCT245J TI-SNJ54AHCT245J Datasheet
799Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SNJ54AHCT245J TI1-SNJ54AHCT245J Datasheet
1Mb / 32P
[Old version datasheet]   SNx4AHCT245 Octal Bus Transceivers With 3-State Outputs
More results

Similar Description - SNJ54AHCT245J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com