Electronic Components Datasheet Search |
|
PWR6016 Datasheet(PDF) 2 Page - Murata Power Solutions Inc. |
|
PWR6016 Datasheet(HTML) 2 Page - Murata Power Solutions Inc. |
2 / 4 page PWR60XX 6/99 REV D Page 2 ELECTRICAL SPECIFICATIONS Specifications typical at T A = +25°C, rated input voltage, rated output current unless otherwise specified. NOMINAL RATED RATED INPUT CURRENT REFLECTED INPUT OUTPUT OUTPUT NO RATED RIPPLE VOLTAGE VOLTAGE CURRENT LOAD LOAD CURRENT EFFICIENCY MODEL (VDC) (VDC) (mA) (mA) (mA) (mAp-p) (%) PWR6000 5 5 360 70 655 15 55 PWR6004 5 ±12 ±75 70 570 15 63 PWR6005 5 ±15 ±60 70 555 15 65 PWR6006 12 5 360 30 275 10 55 PWR6010 12 ±12 ±75 30 240 10 63 PWR6011 12 ±15 ±60 30 230 10 65 PWR6012 15 5 360 25 220 8 55 PWR6016 15 ±12 ±75 25 190 8 63 PWR6017 15 ±15 ±60 25 185 8 65 PWR6018 24 5 360 13 120 12 62 PWR6023 24 ±15 ±60 13 120 12 62 NOTE: Other input to output voltages may be available. Please consult factory. ABSOLUTE MAXIMUM RATINGS Output Short-Circuit Duration Outputs to Common .................. Continuous Output to Output.........................Momentary Output Power.......................................... 2.0W Lead Temperature .............................. +300°C (soldering, 10 seconds max) ........................................................................ TYPICAL APPLICATIONS PWR 60XX –HV /H Device Family PWR Indicates DC/DC converter Model Number Selected From Table of Electrical Characteristics High Voltage Option No Designator Indicates Standard Model Screening Option Specifications typical at T A = +25°C, rated input voltage, rated output current unless otherwise specified. PARAMETER CONDITIONS MIN TYP MAX UNITS INPUT PWR6000 4.65 5.0 5.5 VDC PWR6004 4.65 5.0 5.5 VDC PWR6005 4.65 5.0 5.5 VDC PWR6006 10.9 12.0 13.2 VDC PWR6010 10.9 12.0 13.2 VDC PWR6011 10.9 12.0 13.2 VDC PWR6012 13.9 15.0 16.5 VDC PWR6016 13.9 15.0 16.5 VDC PWR6017 13.9 15.0 16.5 VDC PWR6018 21.6 24 26.4 VDC PWR6023 21.6 24 26.4 VDC ISOLATION (Standard) Rated Voltage 500 VDC Test Voltage 500 Vpk Resistance 10 G Capacitance 27 pF Leakage Current V ISO = 240V AC , 60Hz 5 μArms ISOLATION (–HV Option) Rated Voltage 1000 VDC Test Voltage 3000 Vpk Resistance 10 G Capacitance 27 pF Leakage Current V ISO = 240V AC , 60Hz 5 μArms OUTPUT Rated Power –25°C T A +70°C 1.8 Watts Voltage Setpoint Accuracy Rated Load, Nominal Vin ±2 % Temperature Coefficient ±0.01 %/°C Ripple and Noise BW = DC to 10MHz 20 45 mVp-p REGULATION Line High Line to Low Line ±0.2 ±1.0 % Load Full Load to No Load 0.5 1.0 % GENERAL Switching Frequency 150 kHz Package Weight 20 g MTTF per MIL-HDBK-217, RevE Circuit Stress Method 930,000 Hr TEMPERATURE Specification –25 +25 +70 °C Operation –25 +100 °C Storage –40 +110 °C |
Similar Part No. - PWR6016 |
|
Similar Description - PWR6016 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |