Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLL1782 Datasheet(PDF) 1 Page - Communications & Power Industries, Inc.

Part # VLL1782
Description  UHF Absorptive Limiter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VLL1782 Datasheet(HTML) 1 Page - Communications & Power Industries, Inc.

  VLL1782 Datasheet HTML 1Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Integrated Circuits
VLL1782 UHF Absorptive Limiter
Features:
• Freq. Range: 350 to 390 MHz
• RF Input Power:
- 32 W peak; 5 µS pulsewidth; 25% Duty
- 1 W CW
• Insertion Loss: 1.2 dB max
• Return Loss:
- Pass Mode: 17.7 dB min
- Protection Mode: 14 dB min
• Passive Limiter Leakage:
-
Spike Power: 75 mW max
-
Flat Power: 14 mW max
• Recovery Time: 2 µS max
• DC Blocks included
• RF Connectors: GPPO
• Operating Temperature: 0 to 60o C
Description:
The VLL1782 is a passive diode limiter which
is absorptive. Low VSWR is maintained in the
protection state as well as the low loss state.
cp
Beverly Microwave Division
150 Sohier Road
Beverly, Massachusetts 01915
Phone: 978-922-6000 Fax: 978-922-2736
E-Mail: marketing@bmd.cpii.com
Internet: www.cpii.com/bmd


Similar Part No. - VLL1782

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VLL1790 CPI-VLL1790 Datasheet
137Kb / 1P
   L-Band Passive Limiter
VLL1792 CPI-VLL1792 Datasheet
167Kb / 1P
   UHF SPDT Switch
More results

Similar Description - VLL1782

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RLM-521-2WL MINI-RLM-521-2WL Datasheet
335Kb / 2P
   Limiter
CLM-83-2W MINI-CLM-83-2W Datasheet
207Kb / 4P
   Limiter
VLM-83-2W-S MINI-VLM-83-2W-S Datasheet
382Kb / 2P
   Limiter
logo
DAICO Industries, Inc.
CLM06149 DAICO-CLM06149 Datasheet
22Kb / 1P
   Limiter
logo
Mini-Circuits
RLM-33H MINI-RLM-33H Datasheet
346Kb / 3P
   Limiter
RLM-33 MINI-RLM-33 Datasheet
357Kb / 3P
   Limiter
RLM-33-2W MINI-RLM-33-2W Datasheet
331Kb / 2P
   Limiter
VLM-33 MINI-VLM-33 Datasheet
229Kb / 1P
   Limiter
RLM-512-4WL MINI-RLM-512-4WL Datasheet
348Kb / 3P
   Limiter
ZFLM-252-1WL MINI-ZFLM-252-1WL Datasheet
210Kb / 1P
   Limiter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com