Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPR1010C Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # HPR1010C
Description  1.0 WATT UNREGULATED, SIP DC/DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

HPR1010C Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  HPR1010C Datasheet HTML 1Page - Murata Power Solutions Inc. HPR1010C Datasheet HTML 2Page - Murata Power Solutions Inc. HPR1010C Datasheet HTML 3Page - Murata Power Solutions Inc. HPR1010C Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VOUT VS LOAD
(5Vout Models)
VOUT VS LOAD
(±5Vout Models)
VOUT VS LOAD
(12Vout Models)
VOUT VS LOAD
(±12Vout Models)
VOUT VS LOAD
(15Vout Models)
VOUT VS LOAD
(±15Vout Models)
0
40
120
160
5.3
5.5
5.7
4.9
5.1
020
40
60
80
11.9
12.0
12.1
12.2
12.3
12.4
020
40
60
80
4.6
4.8
5.0
5.2
5.4
010
20
30
40
12.0
12.1
12.2
12.3
12.4
12.5
14.9
15.1
15.3
15.5
15.7
15.9
020
40
60
80
0
13.5
14.0
14.5
15.0
15.5
16.0
80
Output Current (mA)
Output Current each load (mA)
Output Current each load (mA)
12.5
Output Current each load (mA)
12.6
Output Current each load (mA)
Output Power each load (Watts)
0.2
0.4
0.6
0.8
1.0
16.5
0
40
80
100
60
20
90
75
60
45
30
15
0
EFFICIENCY VS LOAD
% of Rated Load (%)
OSCILLATION FREQUENCY VS
TEMPERATURE
220
200
180
160
140
-30
0
30
60
90
Temperature (°C)
TYPICAL PERFORMANCE CURVES
Specifications typical at T
A = +25°C, nominal input voltage, rated output current unless otherwise specified.
These devices are intended for wave soldering or manual soldering.
They are not intended to be subject to surface mount processes under any circumstances.
The normal wave soldering process can be used with these devices where the device is subjected
to a maximum wave temperature of 260°C for a period of no more than 10 seconds. Within this
time and temperature range, the integrity of the device’s plastic body will not be compromised and
internal temperatures within the converter will not exceed 175°C. Care should be taken to control
manual soldering limits identical to that of wave soldering.
THROUGH-HOLE SOLDERING INFORMATION
TDC_HPR10XXC.C00 Page 3 of 4
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
HPR10XXC
1.0 WATT UNREGULATED, SIP DC/DC CONVERTER


Similar Part No. - HPR1010C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HPR1010 CANDD-HPR1010 Datasheet
46Kb / 4P
   1.0 WATT UNREGULATED SIP DC/DC CONVERTER
HPR1010 CANDD-HPR1010 Datasheet
134Kb / 4P
   1.0 WATT UNREGULATED SIP DC/DC CONVERTER
More results

Similar Description - HPR1010C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HPR1000 CANDD-HPR1000 Datasheet
134Kb / 4P
   1.0 WATT UNREGULATED SIP DC/DC CONVERTER
HPR10XX CANDD-HPR10XX Datasheet
46Kb / 4P
   1.0 WATT UNREGULATED SIP DC/DC CONVERTER
logo
Murata Power Solutions ...
HPR700 MURATA-PS-HPR700 Datasheet
96Kb / 3P
   5 WATT UNREGULATED SIP DC/DC CONVERTER
logo
C&D Technologies
HPR7XX CANDD-HPR7XX Datasheet
34Kb / 4P
   5 WATT UNREGULATED SIP DC/DC CONVERTER
logo
Murata Power Solutions ...
HPR700C MURATA-PS-HPR700C Datasheet
117Kb / 3P
   5 WATT UNREGULATED SIP DC/DC CONVERTER
logo
Mean Well Enterprises C...
SPU01 MEANWELL-SPU01 Datasheet
105Kb / 4P
   1W SIP Package DC-DC Unregulated Converter
logo
C&D Technologies
PWR60XX CANDD-PWR60XX Datasheet
149Kb / 4P
   1.8 WATT UNREGULATED DC/DC CONVERTER
PWR1546A CANDD-PWR1546A Datasheet
241Kb / 4P
   5 WATT UNREGULATED DC/DC CONVERTER
PWR13XX CANDD-PWR13XX Datasheet
338Kb / 4P
   1.5 WATT UNREGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HL01U MURATA-PS-HL01U Datasheet
99Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com