Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPR423C Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # HPR423C
Description  0.75 Watt Miniature SIP DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

HPR423C Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  HPR423C Datasheet HTML 1Page - Murata Power Solutions Inc. HPR423C Datasheet HTML 2Page - Murata Power Solutions Inc. HPR423C Datasheet HTML 3Page - Murata Power Solutions Inc. HPR423C Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NOTES:
1.) When operated within the SAFE OPERATING AREA as defined
b y t h e
above curves, the output voltage of HPR4XXC devices is
guaranteed
to be within 95% of its steady-state value within 100
milliseconds after the
input voltage has reached 95% of its steady-
state value.
2.) For dual output models, total load capacitance is the sum of the
capacitances on the plus and minus outputs.
Specifications are at T
A = +25°C nominal input voltage and nominal load.
TYPICAL PERFORMANCE CURVES
SAFE OPERATING AREA
VOUT VS LOAD
(5Vout Models)
VOUT VS LOAD
(±5Vout Models)
VOUT VS LOAD
(12Vout Models)
VOUT VS LOAD
(±12Vout Models)
VOUT VS LOAD
(15Vout Models)
VOUT VS LOAD
(±15Vout Models)
0
40
120
160
5.3
5.5
5.7
4.9
5.1
020
40
60
80
11.9
12.0
12.1
12.2
12.3
12.4
020
40
60
80
4.6
4.8
5.0
5.2
5.4
010
20
30
40
12.0
12.1
12.2
12.3
12.4
12.5
14.9
15.1
15.3
15.5
15.7
15.9
020
40
60
80
0
13.5
14.0
14.5
15.0
15.5
16.0
80
Output Current (mA)
Output Current each load (mA)
Output Current each load (mA)
12.5
Output Current each load (mA)
12.6
Output Current each load (mA)
Output Power each load (Watts)
0.2
0.4
0.6
0.8
1.0
16.5
0
40
80
100
60
20
90
75
60
45
30
15
0
EFFICIENCY VS LOAD
% of Rated Load (%)
OSCILLATION FREQUENCY VS
TEMPERATURE
220
200
180
160
140
-30
0
30
60
90
Temperature (°C)
SAFE OPERATING AREA
Rise Time of Input Voltage (mS)
LOAD CAPACITANCE vs INPUT RISE TIME
(5 Vout models)
0
5
10
15
20
25
30
35
40
45
50
600
500
400
300
200
100
0
SAFE OPERATING AREA
Rise Time of Input Voltage (mS)
LOAD CAPACITANCE vs INPUT RISE TIME
(12 Vout models)
0
5
10
15
20
25
30
35
40
45
50
90
80
70
60
50
40
30
20
10
0
SAFE OPERATING AREA
Rise Time of Input Voltage (mS)
LOAD CAPACITANCE vs INPUT RISE TIME
(15 Vout models)
0
5
10
15
20
25
30
35
40
45
50
60
50
40
30
20
10
0
HPR4xxC_B01 Page 3 of 4
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
HPR4XXC
0.75 Watt Miniature SIP DC/DC Converter
HPR4XXC.B01 Page 3 of 4


Similar Part No. - HPR423C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HPR423 CANDD-HPR423 Datasheet
81Kb / 4P
   0.75 Watt Miniature SIP DC/DC Converter
More results

Similar Description - HPR423C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HPR4XX CANDD-HPR4XX Datasheet
81Kb / 4P
   0.75 Watt Miniature SIP DC/DC Converter
HPR2XX CANDD-HPR2XX Datasheet
56Kb / 3P
   3.0 WATT MINIATURE SIP DC/DC CONVERTER
logo
Murata Power Solutions ...
HPR203C MURATA-PS-HPR203C Datasheet
111Kb / 3P
   3.0 WATT MINIATURE SIP DC/DC CONVERTER
HPR203 MURATA-PS-HPR203 Datasheet
97Kb / 3P
   HPR203 MINIATURE SIP DC/DC CONVERTER
logo
C&D Technologies
HPR1XX-1 CANDD-HPR1XX-1 Datasheet
89Kb / 4P
   0.75 Watt Single Output DC/DC Converter
logo
Murata Power Solutions ...
HPR100WC MURATA-PS-HPR100WC Datasheet
148Kb / 4P
   0.75 Watt Single Output DC/DC Converter
HPR117VC MURATA-PS-HPR117VC Datasheet
165Kb / 4P
   0.75 Watt Single Output DC/DC Converter
logo
C&D Technologies
HPR10XX CANDD-HPR10XX Datasheet
46Kb / 4P
   1.0 WATT UNREGULATED SIP DC/DC CONVERTER
HPR7XX CANDD-HPR7XX Datasheet
34Kb / 4P
   5 WATT UNREGULATED SIP DC/DC CONVERTER
logo
Murata Power Solutions ...
HPR700C MURATA-PS-HPR700C Datasheet
117Kb / 3P
   5 WATT UNREGULATED SIP DC/DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com