Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UVQ_SERIES Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # UVQ_SERIES
Description  Low Profi le, Isolated Quarter Brick 2.5 40 Amp DC/DC Converters
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UVQ_SERIES Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  UVQ_SERIES Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. UVQ_SERIES Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. UVQ_SERIES Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UVQ_SERIES Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UVQ_SERIES Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UVQ_SERIES Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UVQ_SERIES Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UVQ_SERIES Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UVQ_SERIES Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
MDC_UVQ Models.B11 Page 4 of 25
Performance/Functional Specifications 24V Models
Typical @ TA = +25°C under nominal line voltage, nominal output voltage, natural air convection, external caps and full-load conditions, unless noted. (1)
Input
Input voltage range
See ordering guide
Start-up threshold, (V) min.
17
17
17
17
17
17
17
17
17
Undervoltage
shutdown, (V)14
16
16.25
16
16.25
16
16
Overvoltage shutdown (V)
none
39
none
Reflected (back) ripple
current2
10-50 mA pk-pk, model dependent
Input Current
Full load conditions
See ordering guide.
Inrush transient, (A2sec)
0.5
0.5
0.05
0.5
0.1
1
1
0.05
0.05
Output short circuit, (mA)
40
50
10
320
50
50
50
No load, mA
80
100
180
160
90
103
140
45
30
Low line (VIN = min.),
(Amps)
3.79
5.49
6.04
5.57
5.93
6.52
6.29
6.67
3.60
Standby mode,
(Off, UV, OT shutdown)
1-4mA, model dependent
Internal input filter type
L-C
Pi-type
L-C
Reverse polarity
protection
See notes.
Remote On/Off Control5
Positive logic, "P" suffix
(specifications are max)
OFF = Ground pin to +0.8V
ON = Open or +5V to +VIN max.
Negative logic, "N" suffix
(specifications are max)
OFF = Open or +5V to +VIN max
ON = Ground pin to+0.8V max
Current
1-8 mA, model dependent
UVQ Series
Low Profile, Isolated Quarter Brick
2.5–40 Amp DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com


Similar Part No. - UVQ_SERIES

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
UVQ MURATA-PS-UVQ Datasheet
2Mb / 25P
   Low Profile, Isolated Quarter Brick
More results

Similar Description - UVQ_SERIES

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UCQ_SERIES MURATA-UCQ_SERIES Datasheet
449Kb / 7P
   Low-Profile, Quarter Brick, 8.3-40 Amp Isolated DC/DC Converters
UCQ MURATA-UCQ Datasheet
1Mb / 16P
   Low-Profile, Quarter Brick, 8.3-40 Amp Isolated DC/DC Converters
UEE MURATA-UEE Datasheet
1Mb / 29P
   Isolated, High-Density, Eighth-Brick DOSA Low Profi le DC/DC Converters
logo
Murata Power Solutions ...
UEE150W MURATA-PS-UEE150W Datasheet
1Mb / 35P
   Isolated, High-Density, Eighth-Brick DOSA Low Profi le DC-DC Converters
logo
Murata Manufacturing Co...
782482 MURATA-782482 Datasheet
106Kb / 2P
   Isolated High Power Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
RBQ-12-33-D48 MURATA-PS-RBQ-12-33-D48 Datasheet
688Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Manufacturing Co...
HPQ-12-D48 MURATA-HPQ-12-D48_11 Datasheet
800Kb / 14P
   Isolated 300-Watt Quarter Brick DC/DC Converters
HPQ-3.3 MURATA-HPQ-3.3 Datasheet
272Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
RBQ-12 MURATA-RBQ-12 Datasheet
691Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Power Solutions ...
HPQ-12 MURATA-PS-HPQ-12 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com