Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM4875 Datasheet(PDF) 2 Page - C&D Technologies

Part # RM4875
Description  MODULAR SWITCH MODE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

RM4875 Datasheet(HTML) 2 Page - C&D Technologies

  RM4875 Datasheet HTML 1Page - C&D Technologies RM4875 Datasheet HTML 2Page - C&D Technologies RM4875 Datasheet HTML 3Page - C&D Technologies RM4875 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RM4875 4/98 REV A
Page 2
MEASUREMENTS OF RM4875
Module
Weight
2.88 lbs.
Height
2.4”
Depth
11.0”
Width
4.75”
Shelf*
Weight
15.5 lbs.
Height
3.5” with rectifiers mounted in shelf
Depth
12” maximum
Width
23” rack mount
Input Specifications
Parameter
Conditions
Min
Typ
Max
Units
Operating Range
45 - 65 Hz, single phase, no taps required
106
264
VAC
Current
106 VAC
4.6
A
208 VAC
2.55
A
240 VAC
2.12
A
Efficiency
84
%
Power Factor Correction (PFC)
>.99
Hot Swappable Modules
These shelf-mounted modules are easy and safe to install
or remove while system is operational without affecting
the overall system’s performance.
Parallel Operation and Automatic Load Sharing
Forced share connection is made via a hard wire. Sharing
is within ±10% of the average current for the load applied.
Remote Control Enable Signal
The rectifier’s output voltage control may be changed from
internal float and equalize pots to external remote control
though a digital ground signal.
Current Limit
Upon reaching 110% of rated current, the rectifier will
automatically limit the current down to shor t circuit
conditions with no fold back.
Safety
UL/CUL Approved: UL 1950/CSA 950.
File Number: E131694
Status Indicator
RFA
Remote Control
Equalize
Front Panel Current Test Jacks
Normal
GENERAL FEATURES
* These measurements are specifically for the AGM25 List 1 up to 8 quantity RM 487.5.
Please contact factory for other shelf and power plant options.


Similar Part No. - RM4875

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
RM4875 CANDD-RM4875 Datasheet
167Kb / 4P
   7.5 AMP Modular Switch Mode Rectifier
More results

Similar Description - RM4875

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
5RM487 CANDD-5RM487 Datasheet
167Kb / 4P
   7.5 AMP Modular Switch Mode Rectifier
TPS_RM24150 CANDD-TPS_RM24150 Datasheet
130Kb / 4P
   MODULAR SWITCHED MODE RECTIFIER
TPS_RM4830 CANDD-TPS_RM4830 Datasheet
117Kb / 4P
   MODULAR SWITCHED MODE RECTIFIER
RM4850 CANDD-RM4850 Datasheet
250Kb / 4P
   50 AMP MODULAR SWITCHED MODE RECTIFIER
RM24150 CANDD-RM24150 Datasheet
425Kb / 4P
   150 AMP MODULAR SWITCHED MODE RECTIFIER
RM4830 CANDD-RM4830 Datasheet
210Kb / 4P
   30 AMP MODULAR SWITCHED MODE RECTIFIER
logo
ON Semiconductor
MUR1620CTRG ONSEMI-MUR1620CTRG Datasheet
78Kb / 6P
   Switch Mode Power Rectifier
January, 2015 ??Rev. 9
MBR4015CTLG ONSEMI-MBR4015CTLG Datasheet
84Kb / 4P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 7
MBR40L45CTG ONSEMI-MBR40L45CTG_15 Datasheet
100Kb / 6P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 3
MURHF860CT ONSEMI-MURHF860CT Datasheet
55Kb / 3P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com