Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFP27DWLR08 Datasheet(PDF) 2 Page - MRV Communications, Inc.

Part # SFP27DWLR08
Description  DWDM Multirate SFP Transceivers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

SFP27DWLR08 Datasheet(HTML) 2 Page - MRV Communications, Inc.

  SFP27DWLR08 Datasheet HTML 1Page - MRV Communications, Inc. SFP27DWLR08 Datasheet HTML 2Page - MRV Communications, Inc. SFP27DWLR08 Datasheet HTML 3Page - MRV Communications, Inc. SFP27DWLR08 Datasheet HTML 4Page - MRV Communications, Inc. SFP27DWLR08 Datasheet HTML 5Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Datasheet
Transmitter Specifications (Optical)
Parameter
Symbol
Min
Typical
Max
Unit
Optical Power
POP
0
2
4
dBm
Average Launch Power (Tx: Off )
POff
-
-
-30
dBm
Extinction Ratio
ER
8.2
-
-
dB
Eye Mask
IEEE 802.3z, SONET/SDH compliant
Optical Jitter Generation
Jgen(pk-pk)
-
-
0.07
UI
Optical Rise Timeb
tr
-
-
160
ps
Optical Fall Timeb
tf
-
160
ps
Channel Spacing
Δf
-
100
-
GHz
Deviation From Central Frequency, EOL
-
-
-
±12
GHz
Spectral Width (20 dB)
Δλ
-
-
0.3
nm
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Dispersion Penalty at spacified distancec
dp
-
-
<2
dB
Relative Intensity Noise
RIN
-
-
-135
dB/Hz
Reflection Toleranced
rp
-24
-
-
dB
b) 20%-80% values
c) Measured at BER of 10-12, PRBS of 2 23-1, at eye center, OC-48.
d) 2 dB degradation of receiver sensitivity
Transmitter Specifications (Electical)
Parameter
Symbol
Min
Typical
Max
Unit
Input Differential Impedence
Rin
80
100
120
Ω
PECL Single-Ended Data Input Swing
Vin,p-p
250
-
1200
mV
TxFault_Fault
Vfault
2-
Vcc
V
TxFault_Normal
Vnormal
Vee
-Vee+0.5
V
TxDisable_Disable
Vd
2-
Vcc
V
TxDisable_Enable
Ven
Vee
-Vee+0.8
V
Receiver Specifications
Parameter
Symbol
Min
Typical
Max
Unit
Receive Power Lowe
Rsens,low
-
-30
-28
dBm
Receive Power at Specified Distance and
20 dB OSNRe
Rsens,OSNR
-
-
-24
dBm
Receive Power High
Rsens,high
-6
-
-
dBm
Damage Threshold for Receiver
Pin,damage
4
-
-
dBm
Wavelength
λ
1528
-
1564
nm
Maximum Reflectance of Receiver
RX_r
-
-
-27
dB
LOS Assert
-
-40
-
-
dBm
LOS De-assert
-
-
-
-28
dBm
LOS Hysteresis
-
0.5
-
-
dB
e) at 10-12 BER, PRS 223-1, OC-48
2


Similar Part No. - SFP27DWLR08

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
SFP203MOD SENSATA-SFP203MOD Datasheet
1Mb / 12P
   Sendyne SFP203MOD Precision Current Measurement Module
logo
ATGBICS by Approved Tec...
SFP28-25G-AOC10M-C ATGBICS-SFP28-25G-AOC10M-C Datasheet
272Kb / 6P
   SFP28-25G-AOC10M Cisco Compatible Active Optical Cable 25G SFP28 (10m)
SFP28-25G-AOC15M-C ATGBICS-SFP28-25G-AOC15M-C Datasheet
272Kb / 6P
   SFP28-25G-AOC15M Cisco Compatible Active Optical Cable 25G SFP28 (15m)
SFP28-25G-AOC1M-C ATGBICS-SFP28-25G-AOC1M-C Datasheet
272Kb / 6P
   SFP28-25G-AOC1M Cisco Compatible Active Optical Cable 25G SFP28 (1m)
SFP28-25G-AOC20M-C ATGBICS-SFP28-25G-AOC20M-C Datasheet
272Kb / 6P
   SFP28-25G-AOC20M Cisco Compatible Active Optical Cable 25G SFP28 (20m)
More results

Similar Description - SFP27DWLR08

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SFPD-MR-08-15-A SOURCE-SFPD-MR-08-15-A Datasheet
542Kb / 8P
   Multirate DWDM SFP Transceiver
logo
OPLINK Communications I...
TPD1XGJERXX OPLINK-TPD1XGJERXX Datasheet
625Kb / 9P
   DWDM 40km SFP Transceivers
logo
MRV Communications, Inc...
XFP-DWLR12P MRV-XFP-DWLR12P Datasheet
117Kb / 6P
   10 Gbps DWDM Multirate XFP Transceivers
logo
OPLINK Communications I...
TPD1XGJERXX-S0217 OPLINK-TPD1XGJERXX-S0217 Datasheet
347Kb / 9P
   DWDM 40km SFP Transceivers
logo
Bookham, Inc.
IGP-28111J BOOKHAM-IGP-28111J Datasheet
1Mb / 17P
   SFP Optical Transceivers for 2.7Gb/s 180km DWDM Applications
logo
Optoway Technology Inc
SPS-2341MW-DXXG OPTOWAY-SPS-2341MW-DXXG Datasheet
200Kb / 7P
   40km / DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2381MW-DXXG OPTOWAY-SPS-2381MW-DXXG Datasheet
200Kb / 7P
   80km / DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
logo
OPLINK Communications I...
DTR-1250-SM-LC-MR OPLINK-DTR-1250-SM-LC-MR Datasheet
116Kb / 6P
   Multirate Laser Transceivers
logo
Finisar Corporation.
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com