Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX500U3ABFHPHM Datasheet(PDF) 2 Page - C&D Technologies

Part # PX500U3ABFHPHM
Description  AC/DC 500W Multiple Output Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

PX500U3ABFHPHM Datasheet(HTML) 2 Page - C&D Technologies

  PX500U3ABFHPHM Datasheet HTML 1Page - C&D Technologies PX500U3ABFHPHM Datasheet HTML 2Page - C&D Technologies PX500U3ABFHPHM Datasheet HTML 3Page - C&D Technologies PX500U3ABFHPHM Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.cd4power.com
PX500 Series
AC/DC 500W Multiple Output Power Supply
PCX500 Series
Rev 07/2006
Page 2 of 4
GENERAL CHARACTERISTICS
Parameter
Conditions
Min
Typ
Max
Units
Efficiency
Full load, 240Vac
70
75
%
Switching Frequency
PFC Converter
00
kHz
MTBF
Mil-HDBK-27E
3
khrs
Weight
Unpackaged
4
lbs
PROTECTION
Parameter
Conditions/Response
Inception
Min
Nom
Max
Units
Output OverVoltage Protection
V; Latching; cycle AC input to re-start
6.0
6.5
7.0
V
Output Overload Protection
All outputs; individual current limit; automatic recovery
20
%Io
Output Power Limit
550
W
Thermal Shutdown
Automatic Recovery
00
ºC
Input Protection
Internal line fuse; Littlefuse 3200 or equivalent
0
A
ENVIRONMENTAL CHARACTERISTICS
Parameter
Conditions
Min
Typ
Max
Units
Ambient Operating Temperature
De-rate output power linearly above 50ºC to 250W at 70ºC
0
+50
+70
ºC
Ambient Storage Temperature
-20
+85
ºC
Operating Humidity
Non-condensing
0
90
%
Storage Humidity
Non-condensing
5
90
%
Altitude
Operating. De-rate operating ambient temperature by 2Cº per 000ft above 5000ft.
-200
0000
ft
Storage
-200
50000
ft
ELECTROMAGNETIC COMPATIBILITY (EMC)
Characteristic
Compliance
Input Current Harmonics
EN6000-3-2, Class A
Conducted Emissions
CFR Title 47, Part 5, Sub-part B, Class B (when the cover option is employed)
EN55022, Class A
CERTIFICATIONS
Agency/Characteristic
Standard
UL
UL950 & UL02 (File Number E4675)
CSA
CSA 22.2 No. 234-M90, Level 6 (File Number LR 9070-54C)
TUV
EN60950 (License Number R9576030)
CE
LVD Directive; self-certified
RoHS
EN Directive 2002/95/EC; self-certified (see selection guide table on page  for compliance)
SELV
Self-certified
Vibration
MIL-STD-80D, Method 54.3, Procedure I; self-certified
Shock
MIL-STD-80D, Method 56.3, Procedure I; self-certified
OBSOLETE
PRODUCT
Contac
t Fa
ctor
y for
Replac
ement
Model


Similar Part No. - PX500U3ABFHPHM

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PX500 CANDD-PX500 Datasheet
154Kb / 4P
   500 WATT AC/DC POWER SUPPLY
PX500-U3A CANDD-PX500-U3A Datasheet
154Kb / 4P
   500 WATT AC/DC POWER SUPPLY
PX500-U3B CANDD-PX500-U3B Datasheet
154Kb / 4P
   500 WATT AC/DC POWER SUPPLY
PX500-U4C CANDD-PX500-U4C Datasheet
154Kb / 4P
   500 WATT AC/DC POWER SUPPLY
PX500-U4D CANDD-PX500-U4D Datasheet
154Kb / 4P
   500 WATT AC/DC POWER SUPPLY
More results

Similar Description - PX500U3ABFHPHM

ManufacturerPart #DatasheetDescription
logo
Power-One
MPB125-2003 POWER-ONE-MPB125-2003 Datasheet
177Kb / 9P
   Multiple-Output AC-DC
logo
C&D Technologies
TPS_PCI500_4D CANDD-TPS_PCI500_4D Datasheet
491Kb / 4P
   500W Quad Output Power Supply
logo
MORNSUN Science& Techno...
MBP500-2A54D54L MORNSUN-MBP500-2A54D54L Datasheet
1Mb / 7P
   500W, 165 - 264VAC Input, Dual output AC/DC battery charging module power supply
MBP500-2A27D27LL MORNSUN-MBP500-2A27D27LL Datasheet
1Mb / 7P
   500W, 165 - 264VAC Input, Dual output AC/DC battery charging module power supply
logo
MicroPower Direct, LLC
MPO-500S MPD-MPO-500S Datasheet
1Mb / 4P
   Single Output, 500W Power Factor Corrected, AC/DC Power Supplies
logo
Murata Manufacturing Co...
TPS_CPCI500DC MURATA-TPS_CPCI500DC Datasheet
159Kb / 4P
   500W 6Ux4HP DC/DC CompactPCI Power Supply
logo
MicroPower Direct, LLC
MPA500R MPD-MPA500R Datasheet
381Kb / 2P
   Industrial 500W Single Output Power Factor Corrected AC/DC Power Supplies
logo
Phihong USA Inc.
PSA-2041U PHIHONG-PSA-2041U Datasheet
82Kb / 2P
   Multiple Output Switching Power Supply
logo
List of Unclassifed Man...
EFRD-S2507SH ETC2-EFRD-S2507SH Datasheet
477Kb / 2P
   1U DC To DC 500W Server Power Supply
R4S-500G1V2 ETC2-R4S-500G1V2 Datasheet
319Kb / 13P
   500W500W Mini Redundant Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com