Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX350-U4C Datasheet(PDF) 4 Page - C&D Technologies

Part # NX350-U4C
Description  AC/DC Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NX350-U4C Datasheet(HTML) 4 Page - C&D Technologies

  NX350-U4C Datasheet HTML 1Page - C&D Technologies NX350-U4C Datasheet HTML 2Page - C&D Technologies NX350-U4C Datasheet HTML 3Page - C&D Technologies NX350-U4C Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NX350 3/98 REV B
Page 4
Terminal Block 1
Terminal Block 2
POS
FUNCTION
POS
FUNCTION
1
AC Line
1
-V2
2
AC Neutral
2
+V2
3
Ground
3
-V3
4
+V3
5
-V4
6
+V4
J9 Connector
J9 Connector
PIN
FUNCTION
Molex No.
1
+ Sense
Connector
22-28-1090
2
- Sense
3
N/C
4
N/C
5
Start Up Sync.
6
Power Fail
7
Remote Inhibit
8
Current Share
9
Cntl Signal Rtn
Mechanical
8.50
0.25
0.55
3.90
9.00
4.85
1.95
0.040
COVER
OUTPUT NO. 1
TB2
J9
5v RETURN
5v
6-32 THD 4 PLC’S
Maximum depth of mounting
screws is 0.156 inches
TB1
NOTES:
All measurements are in inches
FAN MOUNTED ON COVERWILL ADD 1.30”.
COOLING: The NX350 is designed to operate with 30 CM airflow.
SHOCK AND VIBRATION: The NX350 meets the requirements of MIL STD-810D. (Vibration-Method 514.3 Procedure I; Shock-Method 516.3 Procedure I.)
WEIGHT: Approximately 3 lbs.
TOP VIEW
Standard Options are shown, consult factory for other available options.
The information provided herein is believed to be reliable; however, C&D Technologies assumes no responsibility for inaccuracies or omissions. C&D Technologies assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without
notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. C&D Technologies does not authorize or warrant any C&D
Technologies product for use in life support devices/systems or in aircraft control applications.
1
1
1


Similar Part No. - NX350-U4C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NX350-U4C CANDD-NX350-U4C Datasheet
162Kb / 4P
   350 WATT DC/DC POWER SUPPLY
More results

Similar Description - NX350-U4C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com