Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB01U05S05YC Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # HB01U05S05YC
Description  1 WATT UNREGULATED DC/DC CONVERTERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

HB01U05S05YC Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  HB01U05S05YC Datasheet HTML 1Page - Murata Power Solutions Inc. HB01U05S05YC Datasheet HTML 2Page - Murata Power Solutions Inc. HB01U05S05YC Datasheet HTML 3Page - Murata Power Solutions Inc. HB01U05S05YC Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HB01UYC 12/2008 REV C: MPS
Page 2
NOMINAL
RATED
RATED
INPUT CURRENT
INPUT
OUTPUT
OUTPUT
VOLTAGE
VOLTAGE
CURRENT
MIN LOAD
RATED LOAD
EFFICIENCY
MODEL
(VDC)
(VDC)
(mA)
(mA)
(mA)
(%)
HB01U05S05YC
5
5
200
63
290
68
HB01U05S12YC
5
12
83
63
290
70
HB01U05S15YC
5
15
67
63
290
73
HB01U12S05YC
12
5
200
20
120
68
HB01U12S12YC
12
12
83
20
120
70
HB01U12S15YC
12
15
67
20
114
73
HB01U15S05YC
15
5
200
25
98
68
HB01U15S12YC
15
12
83
25
95
70
HB01U15S15YC
15
15
67
25
90
73
HB01U24S05YC
24
5
200
13
61
68
HB01U24S12YC
24
12
83
13
60
70
HB01U24S15YC
24
15
67
13
57
73
HB01U05D05YC
5
±5
±100
63
290
68
HB01U05D12YC
5
±12
±42
63
285
70
HB01U05D15YC
5
±15
±34
63
275
73
HB01U12D05YC
12
±5
±100
20
123
68
HB01U12D12YC
12
±12
±42
20
118
70
HB01U12D15YC
12
±15
±34
20
114
73
HB01U15D05YC
15
±5
±100
25
98
68
HB01U15D12YC
15
±12
±42
25
95
70
HB01U15D15YC
15
±15
±34
25
90
73
HB01U24D05YC
24
±5
±100
13
61
68
HB01U24D12YC
24
±12
±42
13
60
70
HB01U24D15YC
24
±15
±34
13
57
73
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Voltage Range
4.5
5
5.5
VDC
10.8
12
13.2
VDC
13.5
15
16.5
VDC
20
24
30
VDC
Reflected Ripple Current
35
mAp-p
ISOLATION
Rated Voltage
3535
VDC
Test Voltage
60 Hz, 10 Seconds
2500
Vrms
Resistance
10
G
Ω
Capacitance
10
pF
Leakage Current
V
ISO= 240V
AC
, 60Hz
1
2
μArms
OUTPUT
Rated Power
1
W
Voltage Setpoint Accuracy
±3
±5
%
Temperature Coefficent
±0.02
%/°C
Ripple & Noise
BW = DC to 10MHz
50
mVp-p
BW =10Hz to 2MHz
25
mVrms
Line Regulation
High Line to Low Line
±1.5
%/% Vin
Load Regulation
See Performance Curves (Min Load =5%)
GENERAL
Switching Frequency
160
kHz
Package Weight
12
g
MTTF per MIL-HDBK-217, Rev. F
Circuit Stress Method
Ground Benign
T
A = +25°C
2,000,000
Hr
Moisture Sensitivity Level (MSL)
Per IPC/JEDEC J-STD-020
2
TEMPERATURE
Specification
-25
+70
°C
Operation
-40
+85
°C
Storage
-40
+110
°C
Specifications typical at T
A = +25°C, nominal input voltage, rated output current unless otherwise specified.
COMMON SPECIFICATIONS
Specifications typical at T
A = +25°C, nominal input voltage, rated output current unless otherwise specified.
ELECTRICAL SPECIFICATIONS


Similar Part No. - HB01U05S05YC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HB01U05S05 CANDD-HB01U05S05 Datasheet
101Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
logo
Murata Power Solutions ...
HB01U05S05 MURATA-PS-HB01U05S05 Datasheet
105Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
HB01U05S05ZC MURATA-PS-HB01U05S05ZC Datasheet
118Kb / 4P
   1 Watt Unregulated DC/DC Converters
More results

Similar Description - HB01U05S05YC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
HB01UZC MURATA-PS-HB01UZC Datasheet
118Kb / 4P
   1 Watt Unregulated DC/DC Converters
logo
C&D Technologies
HB01U CANDD-HB01U Datasheet
101Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
logo
Murata Power Solutions ...
HB01U MURATA-PS-HB01U Datasheet
105Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
logo
C&D Technologies
PWR12XX CANDD-PWR12XX Datasheet
452Kb / 4P
   3 WATT UNREGULATED DC/DC CONVERTERS
logo
Astrodyne Corporation
DU1P0 ASTRODYNE-DU1P0_16 Datasheet
171Kb / 3P
   Isolated and Unregulated 1 WATT Modular DC/DC Converters
DU1P0 ASTRODYNE-DU1P0 Datasheet
374Kb / 3P
   Isolated and Unregulated 1 WATT Modular DC/DC Converters
logo
Murata Power Solutions ...
HL01U MURATA-PS-HL01U Datasheet
99Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
logo
C&D Technologies
HL01U CANDD-HL01U Datasheet
54Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
logo
Murata Manufacturing Co...
PWR70C MURATA-PWR70C Datasheet
82Kb / 3P
   3 Watt, High Isolation, Unregulated DC/DC Converters
logo
AIMTEC
AM1D-N AIMTEC-AM1D-N Datasheet
413Kb / 3P
   1 watt dc-dc converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com