Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPR109WC Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # HPR109WC
Description  0.75 Watt Single Output DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

HPR109WC Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  HPR109WC Datasheet HTML 1Page - Murata Power Solutions Inc. HPR109WC Datasheet HTML 2Page - Murata Power Solutions Inc. HPR109WC Datasheet HTML 3Page - Murata Power Solutions Inc. HPR109WC Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MECHANICAL
Internal Power Dissipation ........................................ 450mW
Short Circuit Duration................................................ Momentary
ABSOLUTE MAXIMUM RATINGS
NOTES:
NC = Do Not Connect.
Duplicate pin functions are internally connected.
All dimensions are in inches (millimeters).
GRID: 0.100 inches (2.54 millimeters)
MATERIAL: Lead material is phosphor bronze; lead
finish is 100-300 microinches of matte tin over a
nickel barrier layer of 5-40 microinches.
PIN CONNECTIONS
PIN#
SINGLES DUALS
1
+VIN
+VIN
2
-VIN
-VIN
3
NC
NC
4
NC
NC
5
-VOUT
-VOUT
6
NC
Common
PIN#
SINGLES DUALS
7
+VOUT
+VOUT
8
NC
NC
9
NC
NC
10
NC
NC
11
NC
NC
13
NC
NC
14
NC
NC
HPR 1XX W
C
Device Family
HPR Indicates DC/DC Converter
Model Number
Selected from Table of Electrical Characteristics
Package Option
W = SMD Package
RoHS Compliant Version
ORDERING INFORMATION
0.100±0.010"
(2.54±0.25)
0.020±0.002"
(0.51±0.05)
0.015±0.005"
(0.38±0.13)
0.375±0.005"
(9.52±0.13)
0.785±0.010"
(19.94±0.25)
14 13
11 10
3
2
1
47
6
5
98
0.525±0.010"
(13.34±0.25)
0.695±0.015"
(17.65±0.38)
0.014±0.002"
(0.36±0.05)
.015±.010"
(.38±.26)
TOP VIEW
SIDE VIEW
BOTTOM VIEW
SMD PACKAGE
PACKAGE/PINOUT “W”
05/09/08
TDC_HPR1xxWC.B01 Page 4 of 4
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
HPR1XXWC Series
0.75 Watt Single Output DC/DC Converter
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339-3000, email: sales@murata-ps.com
Canada: Toronto, Tel: (866) 740-1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany: München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
Website: www.murata-ps.jp
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED


Similar Part No. - HPR109WC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HPR109 CANDD-HPR109 Datasheet
59Kb / 4P
   SERIES DC/DC CONVERTER
HPR109 CANDD-HPR109 Datasheet
89Kb / 4P
   0.75 Watt Single Output DC/DC Converter
HPR109 CANDD-HPR109 Datasheet
352Kb / 4P
   MINIATURE SIP, DIP AND SMD PACKAGES
logo
Murata Power Solutions ...
HPR109C MURATA-PS-HPR109C Datasheet
142Kb / 4P
   0.75 Watt Single Output DC/DC Converters
More results

Similar Description - HPR109WC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HPR1XX-1 CANDD-HPR1XX-1 Datasheet
89Kb / 4P
   0.75 Watt Single Output DC/DC Converter
logo
Murata Power Solutions ...
HPR117VC MURATA-PS-HPR117VC Datasheet
165Kb / 4P
   0.75 Watt Single Output DC/DC Converter
HPR100C MURATA-PS-HPR100C Datasheet
142Kb / 4P
   0.75 Watt Single Output DC/DC Converters
logo
C&D Technologies
HPR4XX CANDD-HPR4XX Datasheet
81Kb / 4P
   0.75 Watt Miniature SIP DC/DC Converter
logo
Murata Power Solutions ...
HPR400C MURATA-PS-HPR400C Datasheet
180Kb / 4P
   0.75 Watt Miniature SIP DC/DC Converter
logo
TECHNOLOGY ASSISTANCE B...
XTDRSP-1500-12 TAB-XTDRSP-1500-12 Datasheet
186Kb / 2P
   1500 WATT SINGLE OUTPUT DC-DC CONVERTER
logo
Wall Industries,Inc.
SU33S33 WALL-SU33S33 Datasheet
253Kb / 4P
   1 Watt DC/DC Converter Single Output
logo
Volgen Kaga Electronics...
FEC30-24S1P8 VOLGEN-FEC30-24S1P8 Datasheet
641Kb / 2P
   30 WATT DC/DC CONVERTER SINGLE OUTPUT
logo
Wall Industries,Inc.
RBAT1 WALL-RBAT1 Datasheet
523Kb / 5P
   1 Watt DC/DC Converter Single Output
logo
TECHNOLOGY ASSISTANCE B...
TSD-1000L-12 TAB-TSD-1000L-12 Datasheet
368Kb / 2P
   1000 WATT SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com