Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VR110B080CL-1C Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # VR110B080CL-1C
Description  Solutions for Intel짰 VRM 11.0
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

VR110B080CL-1C Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  VR110B080CL-1C Datasheet HTML 1Page - Murata Power Solutions Inc. VR110B080CL-1C Datasheet HTML 2Page - Murata Power Solutions Inc. VR110B080CL-1C Datasheet HTML 3Page - Murata Power Solutions Inc. VR110B080CL-1C Datasheet HTML 4Page - Murata Power Solutions Inc. VR110B080CL-1C Datasheet HTML 5Page - Murata Power Solutions Inc. VR110B080CL-1C Datasheet HTML 6Page - Murata Power Solutions Inc. VR110B080CL-1C Datasheet HTML 7Page - Murata Power Solutions Inc. VR110B080CL-1C Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VR110 Series_B13 Page 5 of 8
Technical enquiries - email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
VR110 Series
Solutions for Intel® VRM 11.0
PART NUMBER CODING
PACKAGE SPECIFICATIONS
Family Name
VRM Spec
110 = Intel 11.0
Input Voltage
B = 12VIN
Mounting Type
C = Card-edge
C = RoHS Compliant
VR 110 B 150 C U-1C
Version
Peak Current
150 = 150A
080 = 80A
Form Factor (device height)
S = Standard Height or “2U”
2.50" (63.50mm)
L = Low Profile or “1.5U”
1.86" (47.20mm)
U = “1U”
1.18" (29.97mm)
A = Ultra Low Profile or “0.66U”
0.78" (19.86mm)
PIN ASSIGNMENT - ALL VR110 MODELS
Pin
Signal
Pin
Signal
1
VSS
54
VIN+
2
VSS
53
VIN+
3
VSS
52
VIN+
4
VID4
51
VID3
5
VID2
50
VID1
6
VID0
49
VID5
7
VO_SEN+
48
VO_SEN–
8
PWRGD
47
VR_HOT
9
OUTEN
468
LLO
10
LOAD CURRENT
458
LL1
11
VID6
44
VID_SELECT
127
VRM_PRES
437
VRM_ID
13
VO+
42
VO+
14
VO+
41
VO+
15
VO+
40
VO+
16
VSS
39
VSS
17
VSS
38
VSS
18
VSS
37
VSS
19
VO+
36
VO+
20
VO+
35
VO+
21
VO+
34
VO+
22
VSS
33
VSS
23
VSS
32
VSS
24
VSS
31
VSS
25
VO+
30
VO+
26
VO+
29
VO+
27
VO+
28
VO+
Recommended Interface Connector Options
Tyco/Elcon
281303 (Solder Tail, Long)
283-0172-02303 (Solder Tail, Short)
284-0202-03003 (Surface Mount)
1.20
(30.48)
0.20
(5.08)
Pin 54
Pin 51
Pin 1
Pin 4
Pin 28
Pin 27
Measurements are in inches (mm).
Note: Check with manufacturer for recommended PCB layout.
3.006
(76.35)
1.59
(40.39)
0.347
(8.81)
3.202
(81.33)
20X
0.098
(2.49)
1.208
(30.68)
0.826
(20.98)
0.382
(9.70)
0.131
(3.33)
2.004
(50.90)
Common to all models.


Similar Part No. - VR110B080CL-1C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VR1100 ETC1-VR1100 Datasheet
72Kb / 2P
   AM VIDEO MINI TRANSMITTER-DIRECT CAMERA MOUNT
logo
SHIELD s.r.l.
VR1102A0S SHIELD-VR1102A0S Datasheet
213Kb / 2P
   For electrovalves, receptacle, male
More results

Similar Description - VR110B080CL-1C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
VR11CB150CU-1C MURATA-PS-VR11CB150CU-1C Datasheet
286Kb / 6P
   No Load Line Version of Intel짰 VRM 11.0
logo
Intel Corporation
EM2130X0XQI INTEL-EM2130X0XQI Datasheet
3Mb / 46P
   Intel짰 Enpirion짰 Power Solutions EM2130x0xQI 30A PowerSoC
logo
ice Components, Ins.
LP02-1 ICE-LP02-1 Datasheet
158Kb / 1P
   VRM Inductor
LP02-2 ICE-LP02-2 Datasheet
156Kb / 1P
   VRM Inductor
LP02-3 ICE-LP02-3_08 Datasheet
217Kb / 1P
   VRM Inductor
LP02-5 ICE-LP02-5 Datasheet
158Kb / 1P
   VRM Inductor
logo
List of Unclassifed Man...
SDUFD2AB-4096 ETC2-SDUFD2AB-4096 Datasheet
1,005Kb / 2P
   Solutions for Storage
logo
ice Components, Ins.
LP02-5 ICE-LP02-5_08 Datasheet
183Kb / 1P
   VRM Inductor
LP02-3 ICE-LP02-3 Datasheet
168Kb / 1P
   VRM Inductor
LP02-1 ICE-LP02-1_08 Datasheet
194Kb / 1P
   VRM Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com