Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VR11CB150CS-1C Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # VR11CB150CS-1C
Description  No Load Line Version of Intel짰 VRM 11.0
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

VR11CB150CS-1C Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  VR11CB150CS-1C Datasheet HTML 1Page - Murata Power Solutions Inc. VR11CB150CS-1C Datasheet HTML 2Page - Murata Power Solutions Inc. VR11CB150CS-1C Datasheet HTML 3Page - Murata Power Solutions Inc. VR11CB150CS-1C Datasheet HTML 4Page - Murata Power Solutions Inc. VR11CB150CS-1C Datasheet HTML 5Page - Murata Power Solutions Inc. VR11CB150CS-1C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VR11C Series_B08 Page 2 of 6
Technical enquiries - email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
VR11C Series
No Load Line Version of Intel® VRM 11.0
GENERAL CHARACTERISTICS
Parameter
Conditions1
MIN.
TYP.
MAX.
Units
Operating temperature range
0
65
ºC
Storage temperature range
Non-condensing
–40
85
Semiconductor junction
Package rated to 150ºC
MTBF 150A models
80A model
Calculated (RAC PRISM) 45ºC
1.097
1.118
x106 Hrs
Switching frequency
Per phase
300
KHz
Material flammability
UL 94V-0
Safety Agency Approval
IEC/EN60950-1
VDE REG.-Nr. C663/CB Certificate #DE1-39070
MECHANICAL CHARACTERISTICS
Parameter
Form
Factor
Part Number
US (L x W x H)
Metric (L x W x H)
Dimensions
2U
VR11CB150CS-1C
3.8"x 0.870" x 2.5"
96.52mm x 22.10mm x 63.50mm
1U
VR11CB150CU-1C
3.8" x 0.870" x 1.18"
96.52mm x 22.10mm x 29.97mm
1U
VR11CB080CU-1C
3.8" x 0.475" x 1.18"
96.52mm x 0.475mm x 29.97mm
Parameter
Form
Factor
Part Number
US (oz)
Metric (g)
Weight
2U
VR11CB150CS-1C
3.53
100
1U
VR11CB150CU-1C
3.0
85
1U
VR11CB080CU-1C
1.06
30
PROTECTION CHARACTERISTICS – 150A Models
Parameter
Conditions1
MIN.
TYP.
MAX.
Units
Output overcurrent shutdown
Latching
160
190
A
Overvoltage shutdown
Latching, above VID
200
mV
Overtemperature indicator
Non-latching, at hot spots
125
ºC
Worst case junction temperature
Load indicator 150A
VID = 1.325
0A load
0.0
0.22
V
75A load
0.9
1.2
150A load
1.7
2.4
PROTECTION CHARACTERISTICS – 80A Model
Parameter
Conditions1
MIN.
TYP.
MAX.
Units
Output overcurrent shutdown
Latching
83
115
A
Overvoltage shutdown
Latching, above VID
200
mV
Overtemperature indicator
Non-latching, at hot spots
125
ºC
Worst case junction temperature
Load indicator 80A
VID = 1.325
0A load
0.0
0.22
V
40A load
0.9
1.2
80A load
1.7
2.4
NOTES
1. VIN = 12Vdc, TA = 25 ºC, Airflow = 400LFM unless otherwise noted.
2. Output ripple voltage is specified when measured with Intel specified capacitance at the output of the converter.
3. Transient response is specified with Intel specified capacitors at the output of the converter.
4. If remote sense is not required or used, the Sense(+) and Sense(–) pins must be connected to Vo(+) and Vo(–) respectively.
5. 10μF ceramic X5R or X6S.
6. VRM_PRES and VRM_ID are connected to VSS on the VRM through a 100Ω resistor.


Similar Part No. - VR11CB150CS-1C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VR1100 ETC1-VR1100 Datasheet
72Kb / 2P
   AM VIDEO MINI TRANSMITTER-DIRECT CAMERA MOUNT
logo
SHIELD s.r.l.
VR1102A0S SHIELD-VR1102A0S Datasheet
213Kb / 2P
   For electrovalves, receptacle, male
logo
Murata Power Solutions ...
VR110B080CA-1C MURATA-PS-VR110B080CA-1C Datasheet
331Kb / 8P
   Solutions for Intel짰 VRM 11.0
VR110B080CL-1C MURATA-PS-VR110B080CL-1C Datasheet
331Kb / 8P
   Solutions for Intel짰 VRM 11.0
VR110B080CS-1C MURATA-PS-VR110B080CS-1C Datasheet
331Kb / 8P
   Solutions for Intel짰 VRM 11.0
More results

Similar Description - VR11CB150CS-1C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
VR110B150CS-1C MURATA-PS-VR110B150CS-1C Datasheet
331Kb / 8P
   Solutions for Intel짰 VRM 11.0
logo
Power Integrations, Inc...
LNK574 POWERINT-LNK574 Datasheet
1Mb / 16P
   Zero No-Load Consumption Integrated Off-Line Switcher
logo
AIMTEC
AM6TW-NZ AIMTEC-AM6TW-NZ Datasheet
259Kb / 5P
   Very low no load power consumption of 0.12W
logo
Dialog Semiconductor
IW1700 DIALOG-IW1700 Datasheet
1Mb / 12P
   Zero Power No-Load Off-Line Digital PWM Controller
logo
Renesas Technology Corp
IW1700 RENESAS-IW1700 Datasheet
847Kb / 16P
   Zero Power No-Load Off-Line Digital PWM Controller
10-Feb-2022
logo
ATMEL Corporation
T89C51IC2 ATMEL-T89C51IC2_14 Datasheet
50Kb / 3P
   No Active Erratas in Latest Version of Bootloader
T89C51RB2 ATMEL-T89C51RB2_14 Datasheet
50Kb / 3P
   No Active Erratas in Latest Version of Bootloader
logo
ice Components, Ins.
LP02-1 ICE-LP02-1 Datasheet
158Kb / 1P
   VRM Inductor
LP02-2 ICE-LP02-2 Datasheet
156Kb / 1P
   VRM Inductor
LP02-3 ICE-LP02-3_08 Datasheet
217Kb / 1P
   VRM Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com