Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDC_NNL05 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # NDC_NNL05
Description  Non-Isolated DC/DC Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NDC_NNL05 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  NDC_NNL05_3 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NDC_NNL05_3 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NDC_NNL05_3 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NDC_NNL05_3 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NDC_NNL05_3 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NDC_NNL05_3 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NDC_NNL05_3 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NDC_NNL05_3 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NDC_NNL05_3 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
KDC_NNL05C.D02 Page 5 of 10
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
NNL05 Series
Non-Isolated DC/DC Converters
THERMAL DERATING GRAPHS (NNL05-9C)
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.5V
VOUT = 1.2V
VOUT =0.75V
All derating graphs shown are for an input voltage, VIN = 5.5V
M
ME
EN
ME
FOR N
FOR NEW
DE
ES
SI
F
ES
FOR N
F
Contact
us for
replacement
model
for replacement
m
t us for
replacc
e
lcement
f r replac
ac
tusfo
r
oood
d
d
d
d
d
d
d
d
d
d
d
d
d
d
d
d
d
d
d
d
d
d
d
d
d
d
d
d
d
d
d
d
d
d
d
d
d
d
deeeeeeeeeeeeeeeeeeeeeeeeeeeeeeeeeeeeeeeeellllllllllllllllllllllllllll
C
C
C
C
C
C
Cooooooon
n
n
n
n
n
ntttttttaaac


Similar Part No. - NDC_NNL05_3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NDC_NGA MURATA-NDC_NGA_5 Datasheet
185Kb / 5P
   Non-Isolated Wide Input DC/DC Converters
More results

Similar Description - NDC_NNL05_3

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com