Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPDTH12060WAS Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # MPDTH12060WAS
Description  Adjustable Non-isolated 10-Amp POLA DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MPDTH12060WAS Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  MPDTH12060WAS Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MPDTH12060WAS Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MPDTH12060WAS Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MPDTH12060WAS Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MPDTH12060WAS Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MPDTH12060WAS Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MPDTH_60 Series.A07 Page 5 of 6
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MPDTH***60 Series
Adjustable Non-isolated 10-Amp
POLA DC/DC Converters
OUTPUT VOLTAGE ADJUSTMENT
The output voltage may be adjusted over a limited range by connecting an
external trim resistor (Rset) between the VoutAdjust (trim) pin and Ground.
The Rset resistor must be a 1/10 Watt precision metal film type, ±1% accu-
racy or lower with low temperature coefficient, ±100 ppm/°C. or better.
Mount the resistor close to the converter with short leads.
In the tables below, the calculated resistance is given and an equivalent
using two series-connected standard value resistors. Do not exceed the
specified limits of the output voltage or the converter’s maximum power
rating when applying these resistors. Also, avoid high noise at the VoutAdjust
input. However, you should never connect any capacitors to VoutAdjust to
either Ground or Vout to prevent instability.
VoAdj pin
Vout
10 KΩ
Error
Amplifier
Ground
in = 2.49 KΩ, MPDTH03060 and MPDTH05060
in
in = 1.82 KΩ, MPDTH12060
Figure 2. Vout Adjust Input Circuit
MPDTH03060WAS/WAH
Output
Voltage
Calculated Rset
(KΩ)
Standard value
resistors
2.5 V.
2.22
2 KΩ + 220 Ω
2.0 V.
4.18
3.9 KΩ + 270 Ω
1.8 V.
5.51
5.1 KΩ + 390 Ω
1.5 V.
8.94
8.2 KΩ + 750 Ω
1.2 V.
17.5
16 KΩ + 1.5 KΩ
1.0 V.
37.5
36 KΩ + 1.5 KΩ
0.8 V.
Open
MPDTH05060WAS/WAH
Output
Voltage
Calculated Rset
(KΩ)
Standard value
resistors
3.3 V.
0.71
680 Ω + 30 Ω
2.5 V.
2.22
2 KΩ + 220 Ω
2.0 V.
4.18
3.9 KΩ + 270 Ω
1.8 V.
5.51
5.1 KΩ + 390 Ω
1.5 V.
8.94
8.2 KΩ + 750 Ω
1.2 V.
17.5
16 KΩ + 1.5 KΩ
1.0 V.
37.5
36 KΩ + 1.5 KΩ
0.8 V.
Open
MPDTH12060WAS/WAH
Output
Voltage
Calculated Rset
(KΩ)
Standard value
resistors
5.0 V.
0.29
270 Ω + 20 Ω
3.3 V.
1.99
2 KΩ
2.5 V.
4.33
4.3 KΩ + 30 Ω
2.0 V.
8.18
7.5 KΩ + 680 Ω
1.8 V.
11.51
11 KΩ + 510 Ω
1.5 V.
24.85
24 KΩ + 820 Ω
1.2 V.
Open
Rset (KΩ) = 10 KΩ x
Vout - 0.8V
- 2.49 KΩ
0.8V
Rset (KΩ) = 10 KΩ x
Vout - 0.8V
- 2.49 KΩ
0.8V
Rset (KΩ) = 10 KΩ x
Vout - 1.2V
- 1.82 KΩ
0.8V


Similar Part No. - MPDTH12060WAS

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MPDTH12010WAH MURATA-MPDTH12010WAH Datasheet
151Kb / 6P
   Adjustable Non-isolated 12/15-Amp POLA DC/DC Converters
MPDTH12010WAS MURATA-MPDTH12010WAS Datasheet
151Kb / 6P
   Adjustable Non-isolated 12/15-Amp POLA DC/DC Converters
MPDTH12050WAH MURATA-MPDTH12050WAH Datasheet
136Kb / 6P
   Adjustable Non-isolated 6-Amp
MPDTH12050WAS MURATA-MPDTH12050WAS Datasheet
136Kb / 6P
   Adjustable Non-isolated 6-Amp
More results

Similar Description - MPDTH12060WAS

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MPDTH03010WAH MURATA-MPDTH03010WAH Datasheet
151Kb / 6P
   Adjustable Non-isolated 12/15-Amp POLA DC/DC Converters
logo
Emerson Network Power
PTH03020 EMERSON-NETWORKPOWER-PTH03020 Datasheet
204Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
PTH03030 EMERSON-NETWORKPOWER-PTH03030 Datasheet
206Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
logo
Artesyn Technologies
PTH03030 ARTESYN-PTH03030 Datasheet
206Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
PTH05010 ARTESYN-PTH05010 Datasheet
206Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
PTH05020 ARTESYN-PTH05020 Datasheet
205Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
PTH03020 ARTESYN-PTH03020 Datasheet
204Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
PTH05030 ARTESYN-PTH05030 Datasheet
206Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
PTH05060 ARTESYN-PTH05060 Datasheet
341Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
PTH12050 ARTESYN-PTH12050 Datasheet
201Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com