Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPAN-03 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # MPAN-03
Description  Application Notes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MPAN-03 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  MPAN-03 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MPAN-03 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
78253 SERIES
Application Notes
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax:+44 (0)1908 617545
email: info@cdtechno-ncl.com
www: http://www.dc-dc.com
C&D Technologies (NCL), Inc.
8917 Glenwood Avenue, Raleigh
NC 27612, USA
Tel: +1 (919) 571-9405
Fax: +1 (919) 571-9262
email: info@us.cdtechno-ncl.com
C&D Technologies (NCL) Limited reserve the right to alter or improve the
specification, internal design or manufacturing process at any time, without
notice. Please check with your supplier or visit our web site to ensure that
you have the current and complete specification for your product before use.
© C&D Technologies (NCL) Limited 2000
AN005.1
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior
written permission from C&D Technologies (NCL) Limited.
Instructions for use are available from www.dc-dc.com
10mV at full load, further reductions can be
achieved by using larger capacitor values.
The largest recommended capacitor for the
first stage smoothing is 22µF, up to 47µF can
be used if required after the series inductor.
The output filter capacitors should exhibit low
effective equivalent series resistance (ESR) at
the switching frequency. Tantalum or ceramic
capacitors are the recommended choice of
dielectric.
TRANSFORMER ISOLATED ADC
The circuit in figure 4 offers a very low
quiescent current for an isolated interface by
using logic compatible tranfomer
isolator/translator devices (1635). The
isolators require some additional logic to
interface with the ADC and a 3.3V logic
controller, a few 74HC IC's and two delay
lines are all that is required to implement full
control over the ADC and its output.
Figure 4: Transformer Isolated ADC
Figure 5: Typical Characteristics (Voltage Curves)
0
20
40
60
80 100 120
Output Current (mA)
FS=High
FS=Low
78253/35(M)
10
8
6
4
2
0
0
100
200
300
400
Output Current (mA)
FS=Low/High
78253/55(M)
10
8
6
4
2
0
0
20
40
60
80
100
Output Current (mA)
FS=High
FS=Low
78253/35(M)V
10
8
6
4
2
0
0
100
200
300
400
Output Current (mA)
FS=High
FS=Low
78253/55(M)V
10
8
6
4
2
0
0
20
40
60
80 100 120
Output Current (mA)
FS=High
FS=Low
78253/35(M)
100
80
60
40
20
0
0
100
200
300
400
Output Current (mA)
FS=Low/High
78253/55(M)
100
80
60
40
20
0
0
20
40
60
80
100
Output Current (mA)
FS=High
FS=Low
78253/35(M)V
100
80
60
40
20
0
0
100
200
300
400
Output Current (mA)
FS=Low
FS=High
78253/55(M)V
100
80
60
40
20
0
-50 -25
0
25
50
75 100
Temperature (°C)
FS=Low
78253/35(M)
110
105
100
95
90
FS=High
-50
-25
0
25
50
75 100
Temperature (°C)
FS=Low
78253/55(M)
110
105
100
95
90
FS=High
-50
-25
0
25
50
75 100
Temperature (°C)
FS=Low
78253/35(M)V
110
105
100
95
90
FS=High
-50 -25
0
25
50
75 100
Temperature (°C)
FS=Low
78253/55(M)V
110
105
100
95
90
FS=High
EFFICIENCY CURVES
VOLTAGE DEVIATION
VOLTAGE CURVES


Similar Part No. - MPAN-03

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
MPA DBLECTRO-MPA Datasheet
152Kb / 2P
   Metallized Polyester Film Capacitor (Axial and Oval)
logo
SICK AG
MPA-1007THTP0 SICK-MPA-1007THTP0 Datasheet
2Mb / 7P
   POSITION SENSORS
logo
Maxtena Inc.
MPA-102 MAXTENA-MPA-102 Datasheet
210Kb / 1P
   L1 PASSIVE GPS MICROSTRIP ANTENNA
MPA-104-C MAXTENA-MPA-104-C Datasheet
1Mb / 3P
   L1 GPS Passive Microstrip Antenna ??10mm
REV A
logo
SICK AG
MPA-107THTP0 SICK-MPA-107THTP0 Datasheet
2Mb / 7P
   POSITION SENSORS
More results

Similar Description - MPAN-03

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-WJZ ICHAUS-IC-WJZ Datasheet
114Kb / 3P
   APPLICATION NOTES
logo
Cooper Bussmann, Inc.
CTX01-15789 COOPER-CTX01-15789 Datasheet
231Kb / 3P
   Power Factor Correction (PFC) Application Notes
POE4W3X3.3-R COOPER-POE4W3X3.3-R Datasheet
312Kb / 4P
   Power-over-Ethernet (PoE) Application Notes
logo
Johanson Technology Inc...
500R07S0R2AV4T JOHANSON-500R07S0R2AV4T Datasheet
77Kb / 3P
   APPLICATION NOTES FOR CERAMIC CHIP CAPACITORS
logo
List of Unclassifed Man...
85260-3420 ETC2-85260-3420 Datasheet
915Kb / 13P
   Application Notes for LCD 36x24 SmartSwitch/Display
20.101M ETC2-20.101M Datasheet
131Kb / 1P
   notes
logo
Tyco Electronics
2-1437404-1 MACOM-2-1437404-1 Datasheet
17Mb / 69P
   Engineering Notes
4-1437644-8 MACOM-4-1437644-8 Datasheet
17Mb / 69P
   Engineering Notes
logo
Mitsubishi Electric Sem...
NF30-SP MITSUBISHI-NF30-SP Datasheet
1Mb / 105P
   TECHNICAL NOTES
logo
Tyco Electronics
2-1437402-5 MACOM-2-1437402-5 Datasheet
17Mb / 69P
   Engineering Notes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com