Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S020-1240120-FB Datasheet(PDF) 4 Page - C&D Technologies

Part # S020-1240120-FB
Description  DC/DC Converter 12.0V input, 1.2 to 5.0V adjustable output, 20A or 55W
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

S020-1240120-FB Datasheet(HTML) 4 Page - C&D Technologies

  S020-1240120-FB Datasheet HTML 1Page - C&D Technologies S020-1240120-FB Datasheet HTML 2Page - C&D Technologies S020-1240120-FB Datasheet HTML 3Page - C&D Technologies S020-1240120-FB Datasheet HTML 4Page - C&D Technologies S020-1240120-FB Datasheet HTML 5Page - C&D Technologies S020-1240120-FB Datasheet HTML 6Page - C&D Technologies S020-1240120-FB Datasheet HTML 7Page - C&D Technologies S020-1240120-FB Datasheet HTML 8Page - C&D Technologies S020-1240120-FB Datasheet HTML 9Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DC/DC Converter
Programmable, Single Output, 1.1V - 1.85Vout @ 60A
DC/DC Converter
12.0V input, 1.2 to 5.0V adjustable output, 20A or 55W
1150 Eglinton Avenue East
4607 S.E. International Way
Toronto, Ontario M3C 1H7
Milwaukie, Oregon 97222
1-866-740-1232
www.cdtechno-cps.com
1-971-206-2800
S020_084-S020-00_RevC_Jan12-2005.fm
4 of 9
D e rating C urv e s
1.2 Volts
0
5
10
15
20
25
20
40
6 0
M a x Am bient
400 LFM
300 LFM
200 LFM
100 LFM
400
300
200
100
De r a t i ng Cu r v e s
1. 8 V o lt s
0
5
10
15
20
25
20
40
60
Ma x A m b ie n t
400 LF M
300 LF M
200 LF M
100 LF M
400
300
200
100
De rating Curv e s
2.5 Volts
0
5
10
15
20
20
40
60
Max Ambient
400 LFM
300 LFM
200 LFM
100 LFM
400
300
200
100
Derating Curves
3.3 Volts
0
4
8
12
16
20
40
60
80
Max Ambient
400 LFM
300 LFM
200 LFM
100 LFM
400
300
200
100
De rating Curv e s
5 Volts
0
5
10
15
20
30
40
50
60
70
Max Ambient
400 LFM
300 LFM
200 LFM
100 LFM
400
300
200
100
Derating Curves
Nominal Line
74.0%
79.0%
84.0%
89.0%
94.0%
20%
40%
60%
80%
100%
Load Percentage
5.0V
3.3V
2.5V
1.8V
1.25V
1.2V
LOAD (%) 1.2 Vout 1.25 Vout 1.8 Vout
2.5 Vout
3.3 Vout
5.0 Vout
20%
78.1%
78.2%
82.7%
83.6%
84.3%
85.2%
40%
82.6%
82.5%
86.0%
87.9%
89.0%
90.6%
60%
81.9%
81.8%
85.2%
88.5%
90.3%
92.3%
80%
80.1%
79.7%
83.1%
87.8%
90.2%
92.9%
100%
77.2%
76.9%
80.6%
86.1%
89.6%
92.9%
Efficiency Curves at 25°C


Similar Part No. - S020-1240120-FB

ManufacturerPart #DatasheetDescription
logo
Christian Bürkert GmbH ...
S020 BURKERT-S020 Datasheet
1Mb / 13P
   Insertion flowmeter with paddle wheel, ELEMENT design
11.12.2023
logo
Sumida Corporation
S020A SUMIDA-S020A Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
S020B SUMIDA-S020B Datasheet
58Kb / 1P
   Current Sense Transformer
More results

Similar Description - S020-1240120-FB

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
S016-1220120-FB CANDD-S016-1220120-FB Datasheet
194Kb / 9P
   DC/DC Converter 12V Input, 1.2 - 5.0V Adjustable Output, 16A or 45W
logo
Galaxy Power, Inc.
GHPW5V020 GALAXY-GHPW5V020 Datasheet
1Mb / 7P
   Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
GPDW5V015R GALAXY-GPDW5V015R Datasheet
755Kb / 6P
   DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
logo
Bel Fuse Inc.
X7PF-20A1A0 BEL-X7PF-20A1A0 Datasheet
203Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 12V Input 0.9V-5.0V/20A Output
logo
Galaxy Power, Inc.
GMDW8V08R GALAXY-GMDW8V08R Datasheet
765Kb / 7P
   DORADO MV 24V or 48V Input, 8.0V, 12.0V DC, 8A Output 15.0V DC, 6A Output
logo
Infineon Technologies A...
IFX91041 INFINEON-IFX91041 Datasheet
1Mb / 17P
   1.8A DC/DC Step-Down Voltage Regulator 5.0V, 3.3V or Adjustable Output Voltage
Rev. 1.01, 2009-10-19
IFX91041 INFINEON-IFX91041_10 Datasheet
1Mb / 17P
   1.8A DC/DC Step-Down Voltage Regulator 5.0V, 3.3V or Adjustable Output Voltage
Rev. 1.02, 2010-02-23
logo
Mean Well Enterprises C...
ADS-55 MEANWELL-ADS-55_10 Datasheet
378Kb / 2P
   55W Single Output with 5V,4A DC-DC Converter
ADS-55 MEANWELL-ADS-55 Datasheet
705Kb / 2P
   55W Single Output with 5V,4A DC-DC Converter
logo
Mitsubishi Electric Sem...
M62290L MITSUBISHI-M62290L Datasheet
56Kb / 7P
   5.0V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com