Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UEI30-120-Q12P-C Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # UEI30-120-Q12P-C
Description  30W Isolated Wide-Range DC/DC Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UEI30-120-Q12P-C Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  UEI30-120-Q12P-C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. UEI30-120-Q12P-C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. UEI30-120-Q12P-C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UEI30-120-Q12P-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UEI30-120-Q12P-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UEI30-120-Q12P-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UEI30-120-Q12P-C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UEI30-120-Q12P-C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UEI30-120-Q12P-C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
UEI30 Series
30W Isolated Wide-Range DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
PART NUMBER STRUCTURE
MDC_UEI Series 30W.A01 Page 2 of 11
cPlease refer to the part number structure for additional options and complete ordering part numbers.
dAll specifications are at nominal line voltage and full load, +25 deg.C. unless otherwise noted. See
detailed specifications.
Output capacitors are 1 μF ceramic in parallel with 10 μF electrolytic. Input cap is 22 μF, low ESR.
These I/O caps are necessary for our test equipment and may not be needed for your application.
eSense input is not included for 12 Vout and higher models. Sense is optional for 5 Vout and lower.
Nominal Output Voltage
In tenths of a volt
UEI30 -
Q48
-
050
Input Voltage Range:
Q12 = 9-36V
Q48 = 18-75V
C
RoHS-6 hazardous substancecompliance
-
N
On/Off Control Polarity:
P = Positive
N = Negative
Positive “P” polarity is standard for Q12 models and optional special
order for Q48 models. Negative “N” polarity is standard for Q48
models and optional special order for Q12 models.
Note:
Not all model number combinations are
available. Contact Murata Power Solutions.
PERFORMANCE SPECIFICATIONS AND ORDERING GUIDE
Root Modelc
Output
Input
Efficiency
Open Frame
Package, C80
VOUT
(V)
IOUT
(A)
Power
R/N (mVp-p)
Regulation (Max.)
VIN
Nom.
(V)
Range
(V)
IIN,
no load
(mA)
IIN, full
load (A)
(W)
Typ.
Max.
Line
Load
Min.
Typ.
Case (inches)
Pinout
UEI30-033-Q12P-C
3.3
9
29.7
Please contact Murata Power
Solutions for further information.
24
9-36
Please contact Murata Power
Solutions for further information.
0.92x1.92x0.35
P21
UEI30-033-Q48N-C
3.3
9
29.7
48
18-75
0.92x1.92x0.35
P21
UEI30-050-Q12P-C
5
6
30
24
9-36
0.92x1.92x0.35
P21
UEI30-050-Q48N-C
5
6
30
25
50
±0.1%
±0.1%
48
18-75
130
0.70
87.9%
89%
0.92x1.92x0.35
P21
UEI30-120-Q12P-C
12
2.5
30
Please contact Murata Power
Solutions for further information.
24
9-36
Please contact Murata Power
Solutions for further information.
0.92x1.92x0.35
P21
UEI30-120-Q48N-C
12
2.5
30
48
18-75
0.92x1.92x0.35
P21
UEI30-150-Q12P-C
15
2
30
24
9-36
0.92x1.92x0.35
P21
UEI30-150-Q48N-C
15
2
30
48
18-75
0.92x1.92x0.35
P21
Soldering Guidelines
Murata Power Solutions recommends the specifications below when installing these converters. These specifications vary depending on the solder type. Exceeding these specifica-
tions may cause damage to the product. Be cautious when there is high atmospheric humidity. We strongly recommend a mild pre-bake (100° C. for 30 minutes). Your production
environment may differ; therefore please thoroughly review these guidelines with your process engineers.
Wave Solder Operations for through-hole mounted products (THMT)
For Sn/Ag/Cu based solders:
For Sn/Pb based solders:
Maximum Preheat Temperature
115° C.
Maximum Preheat Temperature
105° C.
Maximum Pot Temperature
270° C.
Maximum Pot Temperature
250° C.
Maximum Solder Dwell Time
7 seconds
Maximum Solder Dwell Time
6 seconds


Similar Part No. - UEI30-120-Q12P-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
UEI30-120-Q12P-C MURATA-PS-UEI30-120-Q12P-C Datasheet
176Kb / 3P
   30W Isolated Wide-Range DC/DC Converters
UEI30-120-Q12P-C MURATA-PS-UEI30-120-Q12P-C Datasheet
344Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Manufacturing Co...
UEI30-120-Q12P-C MURATA-UEI30-120-Q12P-C Datasheet
343Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI30-120-Q12P-C MURATA-PS-UEI30-120-Q12P-C Datasheet
2Mb / 19P
   30W Isolated Wide-Range DC-DC Converters
2023
More results

Similar Description - UEI30-120-Q12P-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UEI30 MURATA-UEI30_11 Datasheet
343Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI30 MURATA-PS-UEI30 Datasheet
176Kb / 3P
   30W Isolated Wide-Range DC/DC Converters
UEI30 MURATA-PS-UEI30_09 Datasheet
344Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
logo
Artesyn Technologies
BXA30 ARTESYN-BXA30 Datasheet
67Kb / 2P
   30W Wide Input DC/DC Converters
logo
Murata Power Solutions ...
UEI-3.3-15-Q12PR-C MURATA-PS-UEI-3.3-15-Q12PR-C Datasheet
284Kb / 13P
   50-60W Isolated Wide-Range DC/DC Converters
logo
Murata Manufacturing Co...
MDC_UEI-50-60W MURATA-MDC_UEI-50-60W Datasheet
277Kb / 12P
   50-60W Isolated Wide-Range DC/DC Converters
logo
Toppower Electronic Tec...
TP20DC TOPPOWER-TP20DC_18 Datasheet
641Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP20DC TOPPOWER-TP20DC_17 Datasheet
206Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
logo
Minmax Technology Co., ...
MKW5000 MINMAX-MKW5000 Datasheet
219Kb / 8P
   25-30W, Wide Input Range, Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP30DG TOPPOWER-TP30DG Datasheet
210Kb / 4P
   30W Wide Voltage Input DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com