Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UEI15-120-Q12P-C Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # UEI15-120-Q12P-C
Description  Isolated Wide Input Range 15-Watt DC/DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UEI15-120-Q12P-C Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button UEI15-120-Q12P-C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. UEI15-120-Q12P-C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UEI15-120-Q12P-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UEI15-120-Q12P-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UEI15-120-Q12P-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UEI15-120-Q12P-C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UEI15-120-Q12P-C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UEI15-120-Q12P-C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. UEI15-120-Q12P-C Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
UEI15 Series
Isolated Wide Input Range 15-Watt DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_UEI15W.B24 Page 6 of 13
APPLICATION NOTES
Input Fusing
Certain applications and/or safety agencies may require fuses at the inputs of
power conversion components. Fuses should also be used when there is the
possibility of sustained input voltage reversal which is not current-limited. We
recommend a time delay fuse installed in the ungrounded input supply line
with a value which is approximately twice the maximum line current, calcu-
lated at the lowest input voltage.
The installer must observe all relevant safety standards and regulations. For
safety agency approvals, install the converter in compliance with the end-user
safety standard, i.e. IEC/EN/UL 60950-1.
Input Reverse-Polarity Protection
If the input voltage polarity is reversed, an internal diode will become forward
biased and likely draw excessive current from the power source. If this source
is not current-limited or the circuit appropriately fused, it could cause perma-
nent damage to the converter.
Input Under-Voltage Shutdown and Start-Up Threshold
Under normal start-up conditions, converters will not begin to regulate properly
until the ramping-up input voltage exceeds and remains at the Start-Up
Threshold Voltage (see Specifications). Once operating, converters will not
turn off until the input voltage drops below the Under-Voltage Shutdown Limit.
Subsequent restart will not occur until the input voltage rises again above the
Start-Up Threshold. This built-in hysteresis prevents any unstable on/off opera-
tion at a single input voltage.
Users should be aware however of input sources near the Under-Voltage
Shutdown whose voltage decays as input current is consumed (such as capaci-
tor inputs), the converter shuts off and then restarts as the external capacitor
recharges. Such situations could oscillate. To prevent this, make sure the oper-
ating input voltage is well above the UV Shutdown voltage AT ALL TIMES.
Start-Up Time
Assuming that the output current is set at the rated maximum, the VIN to VOUT
Start-Up Time (see Specifications) is the time interval between the point when
the ramping input voltage crosses the Start-Up Threshold and the fully loaded
regulated output voltage enters and remains within its specified accuracy band.
Actual measured times will vary with input source impedance, external input
capacitance, input voltage slew rate and final value of the input voltage as it
appears at the converter.
These converters include a soft start circuit to moderate the duty cycle of its
PWM controller at power up, thereby limiting the input inrush current.
The On/Off Remote Control interval from On command to VOUT regulated
assumes that the converter already has its input voltage stabilized above the
Start-Up Threshold before the On command. The interval is measured from the
On command until the output enters and remains within its specified accuracy
band. The specification assumes that the output is fully loaded at maximum
rated current. Similar conditions apply to the On to VOUT regulated specification
such as external load capacitance and soft start circuitry.
Input Source Impedance
These converters will operate to specifications without external components,
assuming that the source voltage has very low impedance and reasonable in-
put voltage regulation. Since real-world voltage sources have finite impedance,
performance is improved by adding external filter components. Sometimes only
a small ceramic capacitor is sufficient. Since it is difficult to totally characterize
all applications, some experimentation may be needed. Note that external input
capacitors must accept high speed switching currents.
Because of the switching nature of DC/DC converters, the input of these
converters must be driven from a source with both low AC impedance and
adequate DC input regulation. Performance will degrade with increasing input
inductance. Excessive input inductance may inhibit operation. The DC input
regulation specifies that the input voltage, once operating, must never degrade
below the Shut-Down Threshold under all load conditions. Be sure to use
adequate trace sizes and mount components close to the converter.
I/O Filtering, Input Ripple Current and Output Noise
All models in this converter series are tested and specified for input reflected
ripple current and output noise using designated external input/output compo-
nents, circuits and layout as shown in the figures below. External input capaci-
tors (Cin in the figure) serve primarily as energy storage elements, minimizing
line voltage variations caused by transient IR drops in the input conductors.
Users should select input capacitors for bulk capacitance (at appropriate
frequencies), low ESR and high RMS ripple current ratings. In the figure below,
the Cbus and Lbus components simulate a typical DC voltage bus. Your specific
system configuration may require additional considerations. Please note that the
values of Cin, Lbus and Cbus will vary according to the specific converter model.
In critical applications, output ripple and noise (also referred to as periodic and
random deviations or PARD) may be reduced by adding filter elements such as
multiple external capacitors. Be sure to calculate component temperature rise from
reflected AC current dissipated inside capacitor ESR.
CIN
VIN
CBUS
LBUS
CIN = 33μF, ESR < 700mΩ @ 100kHz
CBUS = 220μF, ESR < 100mΩ @ 100kHz
LBUS = 12μH
+INPUT
-INPUT
CURRENT
PROBE
TO
OSCILLOSCOPE
+
+
Figure 2. Measuring Input Ripple Current


Similar Part No. - UEI15-120-Q12P-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UEI15-120-Q12P-C MURATA-UEI15-120-Q12P-C Datasheet
1Mb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15-120-Q12P-C MURATA-PS-UEI15-120-Q12P-C Datasheet
277Kb / 5P
   Isolated Wide Input Range 15-Watt DC/DC Converters
More results

Similar Description - UEI15-120-Q12P-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15 Datasheet
277Kb / 5P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
UEI-15 MURATA-UEI-15 Datasheet
1Mb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
UEI15 MURATA-UEI15_11 Datasheet
700Kb / 16P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15_10 Datasheet
401Kb / 14P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
BEI15 MURATA-BEI15_11 Datasheet
255Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
BEI15 MURATA-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
BEI15 MURATA-PS-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
BPM15 MURATA-PS-BPM15 Datasheet
430Kb / 29P
   Encapsulated Isolated Wide Input Bipolar 15-Watt DC-DC Converters
logo
RSG Electronic Componen...
EC2EE01 RSG-EC2EE01 Datasheet
49Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
EC3CB01 RSG-EC3CB01 Datasheet
773Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com