Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UEI15-050-Q48N-C Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # UEI15-050-Q48N-C
Description  Isolated Wide Input Range 15-Watt DC/DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UEI15-050-Q48N-C Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button UEI15-050-Q48N-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UEI15-050-Q48N-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UEI15-050-Q48N-C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UEI15-050-Q48N-C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UEI15-050-Q48N-C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. UEI15-050-Q48N-C Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. UEI15-050-Q48N-C Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. UEI15-050-Q48N-C Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. UEI15-050-Q48N-C Datasheet HTML 13Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
UEI15 Series
Isolated Wide Input Range 15-Watt DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
PERFORMANCE DATA
MDC_UEI15W.B24 Page 10 of 13
Maximum Current Temperature Derating @sea level
(VIN = 24V, airflow from input to output)
Maximum Current Temperature Derating @sea level
(VIN = 48V, airflow from input to output)
Maximum Current Temperature Derating @sea level
(VIN = 12V or 24V, airflow from input to output)
3.50
3.70
3.90
4.10
4.30
4.50
4.70
4.90
5.10
40
45
50
55
60
65
70
75
80
85
Am
A
A bient Temperature (°C)
Natural Convection
a
a
100 LFM
200 LFM
300 LFM
3.80
4.00
4.20
4.40
4.60
4.80
5.00
5.20
40
45
50
55
60
65
70
75
80
85
Am
A
A bient temperature (°C)
Natural Convection
a
a
100 LFM
200 LFM
300 LFM
400 LFM
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
40
45
50
55
60
65
70
75
80
85
Am
A
A bient temperature (°C)
Natural Convection
a
a
Efficiency vs. Line Voltage and Load Current @ 25°C
Efficiency vs. Line Voltage and Load Current @ 25°C
UEI15-033-Q12
UEI15-033-Q48
50
55
60
65
70
75
80
85
90
0
0.5
1
1.5
2
2.5
3
3.5
4
Load Current (Amps)
Vin = 24 V
Vin = 36 V
Vin = 9 V
Vin = 18 V
50
55
60
65
70
75
80
85
90
Load Current (Amps)
12
345
Vin = 75 V
Vin = 18 V
Vin = 48 V
UEI15-033-Q48


Similar Part No. - UEI15-050-Q48N-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UEI15-050-Q48N-C MURATA-UEI15-050-Q48N-C Datasheet
1Mb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15-050-Q48N-C MURATA-PS-UEI15-050-Q48N-C Datasheet
277Kb / 5P
   Isolated Wide Input Range 15-Watt DC/DC Converters
More results

Similar Description - UEI15-050-Q48N-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15 Datasheet
277Kb / 5P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
UEI-15 MURATA-UEI-15 Datasheet
1Mb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
UEI15 MURATA-UEI15_11 Datasheet
700Kb / 16P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15_10 Datasheet
401Kb / 14P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
BEI15 MURATA-BEI15_11 Datasheet
255Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
BEI15 MURATA-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
BEI15 MURATA-PS-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
BPM15 MURATA-PS-BPM15 Datasheet
430Kb / 29P
   Encapsulated Isolated Wide Input Bipolar 15-Watt DC-DC Converters
logo
RSG Electronic Componen...
EC2EE01 RSG-EC2EE01 Datasheet
49Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
EC3CB01 RSG-EC3CB01 Datasheet
773Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com