Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDC_UCE Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # MDC_UCE
Description  Isolated, High-Density, Eighth-Brick 100W DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MDC_UCE Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  MDC_UCE Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MDC_UCE Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MDC_UCE Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MDC_UCE Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MDC_UCE Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MDC_UCE Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. MDC_UCE Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. MDC_UCE Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. MDC_UCE Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
UCE Series
Isolated, High-Density, Eighth-Brick
100W DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
Input Voltage:
Continuous:
48 Volt input models
75 Volts
Transient (100 mSec. Max.)
48 Volt input models
100 Volts
On/Off Control
+15 Volts
Input Reverse Polarity Protection
5 Amps, 10 sec. max.
Output Overvoltage Protection
Magnetic feedback.
See specifications.
Output Current
Current-limited. Devices can
withstand sustained short circuit
without damage.
Storage Temperature
–40 to +125°C.
Lead Temperature
See soldering guidelines.
Absolute maximums are stress ratings. Exposure of devices to greater than any of these
conditions may adversely affect long-term reliability. Proper operation under conditions
other than those listed in the Performance/Functional Specifications Table is not implied
or recommended.
ABSOLUTE MAXIMUM RATINGS
MDC_UCE.A18 Page 4 of 16
DYNAMIC CHARACTERISTICS
Model Family
Dynamic Load
Response
(50-75-50%
load step) to 1%
of final value,
μSec
Start-up Time
Switching
Frequency
KHz
VIN to VOUT
regulated
(Max.)
Remote On/
Off to VOUT
regulated
(Max.)
mSec
UCE-1.5/20-D48
100
50
50
480
UCE-1.8/30-D48
150
10
10
400
UCE-2.5/20-D48
100
50
50
350
UCE-3.3/15-D48
200
50
50
480
UCE-3.3/30-D48
50
15
10
380
UCE-5/10-D48
100
50
50
400
UCE-5/20-D48
100 max.
10
10
330
UCE-12/4.2-D48
30
60
60
200
UCE-12/8.3-D48
50
50
50
SPECIFICATIONS, CONTINUED
MISCELLANEOUS CHARACTERISTICS
Model Family
Calculated
MTBF4
Operating
Temperature Range
with derating
(°C)
Operating
PCB
Temperature
(no derating)
Storage
Temperature
Range
(°C)
Thermal
Protection/
Shutdown
(ºC)
Short
Circuit
Current
(A)
Overvoltage
Protection12
(V) Via
magnetic
feedback
(V)
Short Circuit
Protection
Method
Short Circuit
Duration16
Relative
Humidity
(non-condensing)
UCE-1.5/20-D48
TBC
−40 to +85
−40 to +120
−55 to
+125
120
5
1.95
Current
limiting,
hiccup
autorestart.
Remove
overload for
recovery.
Continuous,
output
shorted to
ground. No
damage.
to +85°C/85%
UCE-1.8/30-D48
2.8 V. max
UCE-2.5/20-D48
1.8 M HRS
3
UCE-3.3/15-D48
TBC
4.25
UCE-3.3/30-D48
UCE-5/10-D48
2.6 M HRS
110
0.5
7 max.
UCE-5/20-D48
2.7 M HRS
UCE-12/4.2-D48
TBC
125
5
14.5
UCE-12/8.3-D48
2.4 M HRS


Similar Part No. - MDC_UCE

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MDC_UEI-15W MURATA-MDC_UEI-15W Datasheet
331Kb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
MDC_UEI-30W MURATA-MDC_UEI-30W Datasheet
286Kb / 11P
   30W Isolated Wide-Range DC/DC Converters
MDC_UEI-50-60W MURATA-MDC_UEI-50-60W Datasheet
277Kb / 12P
   50-60W Isolated Wide-Range DC/DC Converters
More results

Similar Description - MDC_UCE

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
UEE150W MURATA-PS-UEE150W Datasheet
1Mb / 35P
   Isolated, High-Density, Eighth-Brick DOSA Low Profi le DC-DC Converters
logo
Murata Manufacturing Co...
UEE MURATA-UEE Datasheet
1Mb / 29P
   Isolated, High-Density, Eighth-Brick DOSA Low Profi le DC/DC Converters
logo
Murata Power Solutions ...
UWE MURATA-PS-UWE Datasheet
213Kb / 4P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
logo
Murata Manufacturing Co...
LEN-D12 MURATA-LEN-D12 Datasheet
294Kb / 10P
   Non-Isolated 28A Eighth Brick DC/DC Converters
UWE MURATA-UWE Datasheet
1Mb / 13P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
RBE-12 MURATA-RBE-12 Datasheet
808Kb / 15P
   Eighth-Brick 240-Watt Isolated DC/DC Converters
ULE20A MURATA-ULE20A Datasheet
506Kb / 23P
   Isolated, High Density, Eighth-Brick
logo
Astrodyne Corporation
ASD75EB ASTRODYNE-ASD75EB Datasheet
778Kb / 8P
   75 Watt, High Density, Eighth Brick DC/DC Converter
logo
Artesyn Technologies
EXB100 ARTESYN-EXB100 Datasheet
59Kb / 2P
   54-100W DC/DC Isolated Converters
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com