Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAPC104 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # MAPC104
Description  Non-Isolated, DC/DC Converters 3.3, 5.1 & 12.4, 46W Mobile Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MAPC104 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  MAPC104 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MAPC104 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MAPC104 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MAPC104 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MAPC104 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MAPC104 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. MAPC104 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Typical Performance Curves
94
93
92
91
90
89
88
87
86
Efficiency vs. Line @ 46W
9
1218
2428
32
Input Voltage (V)
94
93
92
91
90
89
88
87
86
3.3VOUT Efficiency vs. Line Voltage and Load Current
(5.1V @ 5.46A and 12V @ 0.07A)
0
1.25
2.5
3.75
5
6.3
Load Current (Amps)
VIN = 12V
VIN = 24V
VIN = 32V
VIN = 9V
94
93
92
91
90
89
88
87
86
5.1VOUT Efficiency vs. Line Voltage and Load Current
(3.3V @ 5A and 12V @ 0.07A)
0
1.25
2.5
3.75
5
6.3
Load Current (Amps)
VIN = 12V
VIN = 24V
VIN = 32V
VIN = 9V
94
93
92
91
90
89
88
87
86
12VOUT Efficiency vs. Line Voltage and Load Current
(5.1V @ 5.46A and 3.3V @ 5A)
0
0.02
0.04
0.06
0.08
0.1
Load Current (Amps)
VIN = 12V
VIN = 24V
VIN = 32V
VIN = 9V
MAPC-104 PC/104-Plus Series
Non-Isolated, DC/DC Converters
3.3, 5.1 & 12.4, 46W Mobile Applications
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_MAPC-104.A06 Page 5 of 7


Similar Part No. - MAPC104

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAPC-104 ETC1-MAPC-104 Datasheet
1Mb / 7P
   Non-Isolated DC/DC Converters 3.3, 5.1 & 12V, 46W Mobile Applications
MAPC-104-5V ETC1-MAPC-104-5V Datasheet
1Mb / 7P
   Non-Isolated DC/DC Converters 3.3, 5.1 & 12V, 46W Mobile Applications
MAPC-104-Y ETC1-MAPC-104-Y Datasheet
1Mb / 7P
   Non-Isolated DC/DC Converters 3.3, 5.1 & 12V, 46W Mobile Applications
logo
Tyco Electronics
MAPCGM0001 MACOM-MAPCGM0001 Datasheet
229Kb / 6P
   1.0-1.9 GHz Phase Shifter
MAPCGM0001-DIE MACOM-MAPCGM0001-DIE Datasheet
257Kb / 5P
   Phase Shifter 1.0-1.9 GHz
More results

Similar Description - MAPC104

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAPC-104 ETC1-MAPC-104 Datasheet
1Mb / 7P
   Non-Isolated DC/DC Converters 3.3, 5.1 & 12V, 46W Mobile Applications
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com