Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSN10A-D12 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # LSN10A-D12
Description  Single Output, Non-Isolated, 12VIN, 1-5VOUT, 10A, DC/DCs in SIP Packages
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LSN10A-D12 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  LSN10A-D12 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LSN10A-D12 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LSN10A-D12 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LSN10A-D12 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LSN10A-D12 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LSN10A-D12 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LSN10A-D12 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LSN10A-D12 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LSN10A-D12 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Input
Input Voltage Range
10.8-13.2 Volts (12V nominal)
Input Current:
Normal Operating Conditions
See Ordering Guide
Inrush Transient
0.08A2sec
Standby/Off Mode
8mA
Output Short-Circuit Condition
40mA average
Input Reflected Ripple Current
100mAp-p
Input Filter Type
Capacitive (66μF)
Overvoltage Protection
None
Reverse-Polarity Protection
None
Undervoltage Shutdown
None
On/Off Control
On = open (internal pull-down)
Off = +2.8V to +VIN (<3mA)
Output
VOUT Accuracy (50% load)
±1.25% maximum
Minimum Loading
No load
Maximum Capacitive Load
2000μF (low ESR, OSCON)
VOUT Trim Range
±10%
Ripple/Noise (20MHz BW)
See Ordering Guide
Total Accuracy
3% over line/load/temperature
Efficiency
See Ordering Guide
Overcurrent Detection and Short-Circuit Protection:
Current-Limiting Detection Point
17 (13-23.5) Amps
Short-Circuit Detection Point
98% of VOUT set
SC Protection Technique
Hiccup with auto recovery
Short-Circuit Current
400mA average
Dynamic Characteristics
Transient Response (50% load step)
100μsec to ±2% of final value
Start-Up Time:
VIN to VOUT and On/Off to VOUT
70msec for VOUT = 1V
16msec for VOUT = 1.1V to 5V
Switching Frequency:
1V/1.1V, 1.2V, 1.3 Models
105/125kHz ±10%
1.5V/1.8V, 2V Models
160/177kHz ±10%
2.5V, 3.3V, 5V Models
200kHz ±7.5%
Environmental
Calculated MTBF
2.3 -1.8 million hours (1VOUT to 5VOUT)
Operating Temperature: (Ambient)
Without Derating (Natural convection)
–40 to +48/64°C (model dependent)
With Derating
See Derating Curves
Thermal Shutdown
+115°C
Physical
Dimensions
See Mechanical Specifications
Pin Dimensions/Material
0.03" (0.76mm) round copper alloy with
tin plate over nickel underplate
Weight
0.3 ounces (8.5g)
Flamability Rating
UL94V-0
Safety
UL/cUL/IEC/EN 60950, CSA-C22.2 No. 234
Performance/Functional Specifications
Typical @ TA = +25°C under nominal line voltage and full-load conditions unless noted.
All models are tested/specified with external 22μF input/output capacitors.These caps
accommodate our test equipment and may not be required to achieve specified performance
in your applications. All models are stable and regulate within spec under no-load conditions.
See Technical Notes and Performance Curves for details.
The On/Off Control (pin 11) is designed to be driven with open-collector logic or the appli-
cation of appropriate voltages (referenced to Common, pins 5 and 6).
Output noise may be further reduced with the installation of additional external output
filtering. See I/O Filtering and Noise Reduction.
MTBF’s are calculated using Telcordia SR-332(Bellcore), ground fixed, TA = +25°C, full
power, natural convection, +67°C pcb temperature.
TECHNICAL
NOTES
Input Voltage:
Continuous or transient
15 Volts
On/Off Control (Pin 11)
+VIN
Input Reverse-Polarity Protection
None
Output Overvoltage Protection
None
Output Current
Current limited. Devices can
withstand sustained output short
circuits without damage.
Storage Temperature
–40 to +125°C
Lead Temperature (soldering, 10 sec.)
+300°C
These are stress ratings. Exposure of devices to any of these conditions may adversely
affect long-term reliability. Proper operation under conditions other than those listed in the
Performance/Functional Specifications Table is not implied.
Absolute Maximum Ratings
Return Current Paths
The LSN D12 SIP’s are non-isolated DC/DC converters. Their two Common
pins (pins 5 and 6) are connected to each other internally (see Figure 1). To
the extent possible (with the intent of minimizing ground loops), input return
current should be directed through pin 6 (also referred to as –Input or Input
Return), and output return current should be directed through pin 5 (also
referred to as –Output or Output Return). Any on/off control signals applied to
pin 11 (On/Off Control) should be referenced to Common
(specifically pin 6).
I/O Filtering and Noise Reduction
All models in the LSN D12 Series are tested and specified with external
22μF tantalum input and output capacitors. These capacitors are necessary
to accommodate our test equipment and may not be required to achieve?
desired performance in your application. The LSN D12's are designed with
high-quality, high-performance internal I/O caps, and will operate within spec
in most applications with no additional external components.
In particular, the LSN D12's input capacitors are specified for low ESR
and are fully rated to handle the units' input ripple currents. Similarly, the
internal output capacitors are specified for low ESR and full-range frequency
response. As shown in the Performance Curves, removal of the external
22μF tantalum output caps has minimal effect on output noise.
In critical applications, input/output ripple/noise may be further reduced using
filtering techniques, the simplest being the installation of external I/O caps.
External input capacitors serve primarily as energy-storage devices. They
minimize high-frequency variations in input voltage (usually caused by IR
drops in conductors leading to the DC/DC) as the switching converter draws
pulses of current. Input capacitors should be selected for bulk capacitance
(at appropriate frequencies), low ESR, and high rms-ripple-current ratings.
The switching nature of modern DC/DC's requires that the dc input voltage
source have low ac impedance at the frequencies of interest. Highly inductive
source impedances can greatly affect system stability. Your specific system
configuration may necessitate additional considerations.
Output ripple/noise (also referred to as periodic and random deviations or
PARD) may be reduced below specified limits with the installation of addi-
tional external output capacitors. Output capacitors function as true filter
LSN-10A D12 Models
Single Output, Non-Isolated, 12VIN, 1-5VOUT, 10A, DC/DC's in SIP Packages
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_LSN10A-D12.B01 Page 3 of 12


Similar Part No. - LSN10A-D12

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LSN10A-D5 MURATA-LSN10A-D5 Datasheet
346Kb / 15P
   Non-Isolated, 5VIN, 1-3.8VOUT 10 Amp DC/DC In SIP Package
More results

Similar Description - LSN10A-D12

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LSN16A-D12 MURATA-LSN16A-D12 Datasheet
309Kb / 13P
   Single Output, Non-Isolated, 12VIN, 0.75-5VOUT 16 Amp in DC/DCs SIP Packages
LSN-T10-D12J MURATA-LSN-T10-D12J Datasheet
384Kb / 12P
   Single Adjustable Output, Non-isolated, 12Vin, 10A, SIP, DC/DC Converters
LSM10A-D5 MURATA-LSM10A-D5 Datasheet
400Kb / 13P
   Single Output, Non-Isolated, 5VIN, 0.8-3.3VOUT, 10A, DC/DCs in SMT Packages
logo
Astec America, Inc
APA18T12 ASTEC-APA18T12 Datasheet
322Kb / 17P
   12Vin, 75Watts, Non-isolated DC - DC POL SIP Converter
logo
Murata Power Solutions ...
NFA010 MURATA-PS-NFA010 Datasheet
746Kb / 25P
   Non-Isolated 10A SIP/SMT DC/DC
logo
Murata Manufacturing Co...
NEA-NEF010 MURATA-NEA-NEF010 Datasheet
795Kb / 18P
   Non-Isolated 10A SIP DC/DC Converters
logo
Delta Electronics, Inc.
NC12S0A0V60PNFA DELTA-NC12S0A0V60PNFA Datasheet
627Kb / 13P
   Delphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 60A
NC12S0A0V40PNFA DELTA-NC12S0A0V40PNFA Datasheet
686Kb / 14P
   Delphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 40A
NC12S0A0V30PNFA DELTA-NC12S0A0V30PNFA Datasheet
580Kb / 14P
   Delphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 30A
NC12S0A0H30PNFA DELTA-NC12S0A0H30PNFA Datasheet
756Kb / 14P
   Delphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 30A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com